Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1114Q301D Datasheet(PDF) 11 Page - RICOH electronics devices division

Part # R1114Q301D
Description  LOW NOISE 150mA LDO REGULATOR
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1114Q301D Datasheet(HTML) 11 Page - RICOH electronics devices division

Back Button R1114Q301D Datasheet HTML 7Page - RICOH electronics devices division R1114Q301D Datasheet HTML 8Page - RICOH electronics devices division R1114Q301D Datasheet HTML 9Page - RICOH electronics devices division R1114Q301D Datasheet HTML 10Page - RICOH electronics devices division R1114Q301D Datasheet HTML 11Page - RICOH electronics devices division R1114Q301D Datasheet HTML 12Page - RICOH electronics devices division R1114Q301D Datasheet HTML 13Page - RICOH electronics devices division R1114Q301D Datasheet HTML 14Page - RICOH electronics devices division R1114Q301D Datasheet HTML 15Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
R1114x
11
2) Output Voltage vs. Input Voltage (Topt
=25°C)
R1114x151x
R1114x281x
1.7
1.3
1.4
1.5
1.6
1.1
1.2
1.0
Input Voltage VIN(V)
16
45
3
2
IOUT=1mA
IOUT=30mA
IOUT=50mA
2.9
2.8
2.7
2.6
2.5
2.4
2.3
2.2
2.1
2.0
26
5
4
3
Input Voltage VIN(V)
IOUT=1mA
IOUT=30mA
IOUT=50mA
R1114x401x
4.2
4.0
3.6
3.2
3.8
3.4
3.0
2
16
5
4
3
Input Voltage VIN(V)
IOUT=1mA
IOUT=30mA
IOUT=50mA
3) Supply Current vs. Input Voltage (Topt
=25°C)
R1114x151x
R1114x281x
70
60
90
80
50
40
30
20
10
0
2
1
06
5
4
3
Input Voltage VIN(V)
70
60
90
80
50
40
30
20
10
0
2
1
06
5
4
3
Input Voltage VIN(V)


Similar Part No. - R1114Q301D

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1114Q151L-TR-FE NISSHINBO-R1114Q151L-TR-FE Datasheet
310Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
R1114Q401H-TR-FE NISSHINBO-R1114Q401H-TR-FE Datasheet
310Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
More results

Similar Description - R1114Q301D

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
RP130X RICOH-RP130X Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
   LOW NOISE 150mA LDO REGULATOR???
RP112K121B RICOH-RP112K121B_17 Datasheet
888Kb / 32P
   Low Noise 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com