Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIPL761A Datasheet(PDF) 5 Page - Power Innovations Ltd

Part # TIPL761A
Description  NPN SILICON POWER TRANSISTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TIPL761A Datasheet(HTML) 5 Page - Power Innovations Ltd

  TIPL761A Datasheet HTML 1Page - Power Innovations Ltd TIPL761A Datasheet HTML 2Page - Power Innovations Ltd TIPL761A Datasheet HTML 3Page - Power Innovations Ltd TIPL761A Datasheet HTML 4Page - Power Innovations Ltd TIPL761A Datasheet HTML 5Page - Power Innovations Ltd TIPL761A Datasheet HTML 6Page - Power Innovations Ltd TIPL761A Datasheet HTML 7Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
AUGUST 1978 - REVISED MARCH 1997
TIPL761, TIPL761A
NPN SILICON POWER TRANSISTORS
PRODUCT
INFORMATION
MAXIMUM SAFE OPERATING REGIONS
Figure 7.
THERMAL INFORMATION
Figure 8.
MAXIMUM FORWARD-BIAS
SAFE OPERATING AREA
V
CE - Collector-Emitter Voltage - V
1·0
10
100
1000
0·01
0.1
1·0
10
SAP741AB
TIPL761
TIPL761A
t
p =
10
µµs
t
p =
100
µµs
t
p =
1 ms
t
p =
10 ms
DC Operation
THERMAL RESPONSE JUNCTION TO CASE
vs
POWER PULSE DURATION
t1 - Power Pulse Duration - s
10-5
10-4
10-3
10-2
10-1
100
0·01
0·1
1·0
TCP741AE
t1
t2
duty cycle = t1/t2
Read time at end of t1,
T
J(max) - TC = PD(peak) ·
· RθθJC(max)
ZθθJC
RθθJC
( )
5%
10%
20%
50%
0%


Similar Part No. - TIPL761A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
TIPL761A TRSYS-TIPL761A Datasheet
901Kb / 6P
   NPN SILICON POWER TRANSISTORS
More results

Similar Description - TIPL761A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com