Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS616LV1010DCP70 Datasheet(PDF) 1 Page - Brilliance Semiconductor

Part # BS616LV1010DCP70
Description  Very Low Power CMOS SRAM 128K X 16 bit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616LV1010DCP70 Datasheet(HTML) 1 Page - Brilliance Semiconductor

  BS616LV1010DCP70 Datasheet HTML 1Page - Brilliance Semiconductor BS616LV1010DCP70 Datasheet HTML 2Page - Brilliance Semiconductor BS616LV1010DCP70 Datasheet HTML 3Page - Brilliance Semiconductor BS616LV1010DCP70 Datasheet HTML 4Page - Brilliance Semiconductor BS616LV1010DCP70 Datasheet HTML 5Page - Brilliance Semiconductor BS616LV1010DCP70 Datasheet HTML 6Page - Brilliance Semiconductor BS616LV1010DCP70 Datasheet HTML 7Page - Brilliance Semiconductor BS616LV1010DCP70 Datasheet HTML 8Page - Brilliance Semiconductor BS616LV1010DCP70 Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Very Low Power CMOS SRAM
128K X 16 bit
BS616LV2016
R0201-BS66LV2016
Revision
1.4
Nov.
2006
1
Pb-Free and Green package materials are compliant to RoHS
n FEATURES
Ÿ Wide V
CC operation voltage : 2.4V ~ 5.5V
Ÿ Very low power consumption :
VCC = 3.0V
Operation current : 30mA (Max.) at 55ns
2mA (Max.) at 1MHz
Standby current :
0.1uA (Typ.) at 25
OC
VCC = 5.0V
Operation current : 62mA (Max.) at 55ns
8mA (Max.) at 1MHz
Standby current :
0.6uA (Typ.) at 25
OC
Ÿ High speed access time :
-55
55ns(Max.) at VCC=3.0~5.5V
-70
70ns(Max.) at VCC=2.7~5.5V
Ÿ Automatic power down when chip is deselected
Ÿ Easy expansion with CE and OE options
Ÿ I/O Configuration x8/x16 selectable by LB and UB pin.
Ÿ Three state outputs and TTL compatible
Ÿ Fully static operation
Ÿ Data retention supply voltage as low as 1.5V
n DESCRIPTION
The BS616LV2016 is a high performance, very low power CMOS
Static Random Access Memory organized as 131,072 by 16 bits and
operates form a wide range of 2.4V to 5.5V supply voltage.
Advanced CMOS technology and circuit techniques provide both
high speed and low power features with typical CMOS standby
current of 0.1uA at 3.0V/25
OC and maximum access time of 55ns at
3.0V/85
OC.
Easy memory expansion is provided by an active LOW chip enable
(CE) and active LOW output enable (OE) and three-state output
drivers.
The BS616LV2016 has an automatic power down feature, reducing
the power consumption significantly when chip is deselected.
The BS616LV2016 is available in DICE form, JEDEC standard
44-pin TSOP II package and 48-ball BGA package.
n POWER CONSUMPTION
POWER DISSIPATION
STANDBY
(ICCSB1, Max)
Operating
(ICC, Max)
VCC=5.0V
VCC=3.0V
PRODUCT
FAMILY
OPERATING
TEMPERATURE
VCC=5.0V
VCC=3.0V
1MHz
10MHz
fMax.
1MHz
10MHz
fMax.
PKG TYPE
BS616LV2016DC
DICE
BS616LV2016EC
Commercial
+0
OC to +70OC
6.0uA
0.7uA
7mA
39mA
60mA
1.5mA
14mA
29mA
TSOP II-44
BS616LV2016AI
BGA-48-0608
BS616LV2016EI
Industrial
-40
OC to +85OC
20uA
2.0uA
8mA
40mA
62mA
2mA
15mA
30mA
TSOP II-44
n PIN CONFIGURATIONS
n BLOCK DIAGRAM
Brilliance Semiconductor, Inc. reserves the right to change products and specifications without notice.
A4
A3
A2
A1
A0
CE
DQ0
DQ1
DQ2
DQ3
VCC
VSS
DQ4
DQ5
DQ6
DQ7
WE
A16
A15
A14
A13
A12
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
BS616LV2016EC
BS616LV2016EI
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
A5
A6
A7
OE
UB
LB
DQ15
DQ14
DQ13
DQ12
VSS
VCC
DQ11
DQ10
DQ9
DQ8
NC
A8
A9
A10
A11
NC
Address
Input
Buffer
Row
Decoder
Memory Array
1024 x 2048
Column I/O
Write Driver
Sense Amp
Column Decoder
Address Input Buffer
A13
A15 A16 A0
Data
Input
Buffer
Control
DQ0
.
.
.
.
.
.
DQ15
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
16
16
16
16
7
128
2048
1024
10
A12
Data
Output
Buffer
A14
CE
WE
OE
UB
LB
VCC
VSS
A1
.
.
.
.
.
.
G
H
F
E
D
C
B
A
1
2
3
4
5
6
A9
A11
A10
NC
A12
A14
A13
A15
WE
D13
D5
D7
D6
NC
A16
A7
VSS
VCC
D12
D11
D4
D3
NC
A5
OE
A3
A0
A6
A4
A1
A2
NC
UB
D10
D1
CE
D2
D0
48-ball BGA top view
LB
D8
D9
VSS
VCC
D14
D15
NC
NC
A8


Similar Part No. - BS616LV1010DCP70

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV1010DCP70 BSI-BS616LV1010DCP70 Datasheet
209Kb / 11P
   Very Low Power CMOS SRAM 64K X 16 bit
More results

Similar Description - BS616LV1010DCP70

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV2016 BSI-BS616LV2016_08 Datasheet
246Kb / 11P
   Very Low Power CMOS SRAM 128K X 16 bit
BS616LV2019 BSI-BS616LV2019_06 Datasheet
170Kb / 11P
   Very Low Power CMOS SRAM 128K X 16 bit
BS616LV2019 BSI-BS616LV2019_08 Datasheet
238Kb / 11P
   Very Low Power CMOS SRAM 128K X 16 bit
BS616LV2013 BSI-BS616LV2013 Datasheet
241Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2016 BSI-BS616LV2016 Datasheet
263Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2018 BSI-BS616LV2018 Datasheet
220Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2012 BSI-BS616LV2012 Datasheet
217Kb / 10P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2017 BSI-BS616LV2017 Datasheet
261Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2011 BSI-BS616LV2011 Datasheet
237Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2019 BSI-BS616LV2019 Datasheet
282Kb / 10P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com