Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R3113D211X Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # R3113D211X
Description  LOW VOLTAGE DETECTOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R3113D211X Datasheet(HTML) 5 Page - RICOH electronics devices division

  R3113D211X Datasheet HTML 1Page - RICOH electronics devices division R3113D211X Datasheet HTML 2Page - RICOH electronics devices division R3113D211X Datasheet HTML 3Page - RICOH electronics devices division R3113D211X Datasheet HTML 4Page - RICOH electronics devices division R3113D211X Datasheet HTML 5Page - RICOH electronics devices division R3113D211X Datasheet HTML 6Page - RICOH electronics devices division R3113D211X Datasheet HTML 7Page - RICOH electronics devices division R3113D211X Datasheet HTML 8Page - RICOH electronics devices division R3113D211X Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
R3113D
5
ELECTRICAL CHARACTERISTICS
R3113D121A/C
Topt
=25°C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
−VDET
Detector Threshold
1.176
1.200
1.224
V
VHYS
Detector Threshold Hysteresis
0.036
0.060
0.084
V
ISS
Supply Current
VDD
= (−VDET)−0.1V
(
−VDET)+1.0V
0.8
1.1
2.0
2.7
µA
VDDH
Maximum Operating Voltage
6
V
Topt
=25°C
0.65
0.85
VDDL
Minimum Operating Voltage
Note1
−40°C <
= Topt <
= 85°C
0.95
V
Nch
VDS
=0.05V, VDD=0.85V
VDS
=0.50V, VDD=1.10V
0.2
1.0
0.3
2.2
mA
IOUT
Output Current
(Driver Output Pin)
Pch
VDS
=−2.1V, VDD=4.5V
2.0
5.0
mA
tPLH
Output Delay Time
Note2
100
µs
∆−VDET/∆T
Detector Threshold
Temperature Coefficient
−40°C <
= Topt <
= 85°C
±100
ppm/
°C
R3113D181A/C
Topt
=25°C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
−VDET
Detector Threshold
1.764
1.800
1.836
V
VHYS
Detector Threshold Hysteresis
0.054
0.090
0.126
V
ISS
Supply Current
VDD
= (−VDET)−0.1V
(
−VDET)+1.0V
1.3
1.4
3.3
3.6
µA
VDDH
Maximum Operating Voltage
6
V
Topt
=25°C
0.45
0.70
VDDL
Minimum Operating Voltage
Note1
−40°C <
= Topt <
= 85°C
0.80
V
Nch
VDS
=0.05V, VDD=0.70V
VDS
=0.50V, VDD=1.50V
0.05
2.00
0.13
5.00
mA
IOUT
Output Current
(Driver Output Pin)
Pch
VDS
=−2.1V, VDD=4.5V
2.0
5.0
mA
tPLH
Output Delay Time
Note2
100
µs
∆−VDET/∆T
Detector Threshold
Temperature Coefficient
−40°C <
= Topt <
= 85°C
±100
ppm/
°C


Similar Part No. - R3113D211X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
R3110 ONSEMI-R3110 Datasheet
161Kb / 14P
   Pre-fit DSP Solution
February, 2015 ??Rev. 1
logo
Integrated Technology F...
R31101 ITF-R31101 Datasheet
254Kb / 6P
   SAW Resonator
logo
RICOH electronics devic...
R3111D091A RICOH-R3111D091A Datasheet
1Mb / 44P
   LOW VOLTAGE DETECTOR
R3111D091B RICOH-R3111D091B Datasheet
1Mb / 44P
   LOW VOLTAGE DETECTOR
R3111D091C RICOH-R3111D091C Datasheet
1Mb / 44P
   LOW VOLTAGE DETECTOR
More results

Similar Description - R3113D211X

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RN5VS RICOH-RN5VS Datasheet
202Kb / 30P
   LOW VOLTAGE DETECTOR
R3111XXX1A RICOH-R3111XXX1A Datasheet
205Kb / 20P
   LOW VOLTAGE DETECTOR
R3111X RICOH-R3111X Datasheet
1Mb / 44P
   LOW VOLTAGE DETECTOR
R3111X091A RICOH-R3111X091A Datasheet
205Kb / 20P
   LOW VOLTAGE DETECTOR
R5VT09A RICOH-R5VT09A Datasheet
324Kb / 31P
   LOW VOLTAGE DETECTOR?
RX5VT RICOH-RX5VT Datasheet
324Kb / 31P
   LOW VOLTAGE DETECTOR
logo
Pericom Semiconductor C...
PT7M6418 PERICOM-PT7M6418 Datasheet
393Kb / 12P
   Low Power Voltage Detector
logo
Shenzhen Huazhimei Semi...
HM70XX HMSEMI-HM70XX Datasheet
1Mb / 11P
   Low Power Voltage Detector
HM61XX HMSEMI-HM61XX Datasheet
1Mb / 12P
   Low Power Voltage Detector
logo
Pericom Semiconductor C...
PT7M6118 PERICOM-PT7M6118 Datasheet
531Kb / 11P
   Low Power Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com