Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS62LV1027TIG70 Datasheet(PDF) 10 Page - Brilliance Semiconductor

Part # BS62LV1027TIG70
Description  Very Low Power CMOS SRAM 128K X 8 bit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS62LV1027TIG70 Datasheet(HTML) 10 Page - Brilliance Semiconductor

Back Button BS62LV1027TIG70 Datasheet HTML 3Page - Brilliance Semiconductor BS62LV1027TIG70 Datasheet HTML 4Page - Brilliance Semiconductor BS62LV1027TIG70 Datasheet HTML 5Page - Brilliance Semiconductor BS62LV1027TIG70 Datasheet HTML 6Page - Brilliance Semiconductor BS62LV1027TIG70 Datasheet HTML 7Page - Brilliance Semiconductor BS62LV1027TIG70 Datasheet HTML 8Page - Brilliance Semiconductor BS62LV1027TIG70 Datasheet HTML 9Page - Brilliance Semiconductor BS62LV1027TIG70 Datasheet HTML 10Page - Brilliance Semiconductor BS62LV1027TIG70 Datasheet HTML 11Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
BS62LV1027
R0201-BS62LV1027
Revision
2.3
May.
2006
10
PACKAGE DIMENSIONS (continued)
PDIP - 32
36 mini-BGA (6 x 8mm)
D1
VIEW A
1: CONTROLLING DIMENSIONS ARE IN MILLIMETERS.
2: PIN#1 DOT MARKING BY LASER OR PAD PRINT.
3: SYMBOL "N" IS THE NUMBER OF SOLDER BALLS.
BALL PITCH e = 0.75
D
8.0
6.0
E
N
48
3.75
E1
D1
5.25
NOTES
:


Similar Part No. - BS62LV1027TIG70

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV1027TIG70 BSI-BS62LV1027TIG70 Datasheet
427Kb / 10P
   Very Low Power/Voltage CMOS SRAM
BS62LV1027TIG70 BSI-BS62LV1027TIG70 Datasheet
383Kb / 11P
   Very Low Power CMOS SRAM 128K X 8 bit
More results

Similar Description - BS62LV1027TIG70

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV1027 BSI-BS62LV1027_08 Datasheet
383Kb / 11P
   Very Low Power CMOS SRAM 128K X 8 bit
BS62LV1029 BSI-BS62LV1029 Datasheet
424Kb / 10P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1025 BSI-BS62LV1025 Datasheet
382Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1023 BSI-BS62LV1023 Datasheet
378Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1028 BSI-BS62LV1028 Datasheet
424Kb / 10P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1024 BSI-BS62LV1024 Datasheet
383Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS616LV2016 BSI-BS616LV2016_06 Datasheet
208Kb / 11P
   Very Low Power CMOS SRAM 128K X 16 bit
BS616LV2016 BSI-BS616LV2016_08 Datasheet
246Kb / 11P
   Very Low Power CMOS SRAM 128K X 16 bit
BS616LV2019 BSI-BS616LV2019_06 Datasheet
170Kb / 11P
   Very Low Power CMOS SRAM 128K X 16 bit
BS616LV2019 BSI-BS616LV2019_08 Datasheet
238Kb / 11P
   Very Low Power CMOS SRAM 128K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com