Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS616UV2019TCG10 Datasheet(PDF) 9 Page - Brilliance Semiconductor

Part # BS616UV2019TCG10
Description  Ultra Low Power CMOS SRAM 128K X 16 bit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616UV2019TCG10 Datasheet(HTML) 9 Page - Brilliance Semiconductor

Back Button BS616UV2019TCG10 Datasheet HTML 3Page - Brilliance Semiconductor BS616UV2019TCG10 Datasheet HTML 4Page - Brilliance Semiconductor BS616UV2019TCG10 Datasheet HTML 5Page - Brilliance Semiconductor BS616UV2019TCG10 Datasheet HTML 6Page - Brilliance Semiconductor BS616UV2019TCG10 Datasheet HTML 7Page - Brilliance Semiconductor BS616UV2019TCG10 Datasheet HTML 8Page - Brilliance Semiconductor BS616UV2019TCG10 Datasheet HTML 9Page - Brilliance Semiconductor BS616UV2019TCG10 Datasheet HTML 10Page - Brilliance Semiconductor BS616UV2019TCG10 Datasheet HTML 11Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
BS616UV2019
R0201-BS616UV2019
Revision
1.3
May.
2006
9
n ORDERING INFORMATION
Note:
BSI (Brilliance Semiconductor Inc.) assumes no responsibility for the application or use of any product or circuit described herein. BSI does
not authorize its products for use as critical components in any application in which the failure of the BSI product may be expected to result
in significant injury or death, including life-support systems and critical medical instruments.
n PACKAGE DIMENSIONS
1
2
4
2
4
D
1
HD
4
8
SECTION
A-A
BASE METAL
W ITH PLATING
c c
1
b1
b
0.0236±0.006
0.020±0.004
0.004 ~ 0.006
0.004 ~ 0.008
0.008±0.001
0.009±0.002
0.0433±0.004
0°~8°
0.004 Max.
0.0315±
0.708±0.008
0.472±0.004
0.645±0.004
0.039±0.002
0.004±0.002
2
5
"A"
2
5
Seating
Plane
4
8
12°(2X)
E
b
e
12°(2X)
D
y
θ
L1
y
L
HD
e
E
SYMBO
L
b
c1
b1
c
A2
A1
A
UNIT
16.40±0.10
0.50±0.10
0.80±0.10
0.60±0.15
18.00±0.20
11.80±0.10
0°~8°
0.1 Max.
0.10 ~ 0.16
0.10 ~ 0.21
0.20±0.03
0.22±0.05
1.00±0.05
0.10±0.05
1.10±0.10
MM
INCH
12°(2x)
"A" DETAIL VIEW
L1
GAUGE PLANE
A1
A
A2
SEATING PLANE
12°(2x)
L
A
A
θ
TSOP I-48 Pin
PACKAGE
D: DICE
A: BGA-48-0608
T: TSOP I-48
BS616UV2019
X
X
Z
Y Y
GRADE
C: +0
oC ~ +70oC
I: -40
oC ~ +85oC
SPEED
85: 85ns
10: 100ns
PKG MATERIAL
-: Normal
G: Green, RoHS Compliant
P: Pb free, RoHS Compliant


Similar Part No. - BS616UV2019TCG10

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616UV2019TCG10 BSI-BS616UV2019TCG10 Datasheet
267Kb / 9P
   Ultra Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616UV2019TCG10 BSI-BS616UV2019TCG10 Datasheet
239Kb / 11P
   Ultra Low Power CMOS SRAM 128K X 16 bit
More results

Similar Description - BS616UV2019TCG10

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616UV2019 BSI-BS616UV2019_08 Datasheet
239Kb / 11P
   Ultra Low Power CMOS SRAM 128K X 16 bit
BS616UV2019 BSI-BS616UV2019 Datasheet
267Kb / 9P
   Ultra Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616UV2011 BSI-BS616UV2011 Datasheet
237Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 128K X 16 bit
logo
Mosel Vitelic, Corp
V62C1162048L MOSEL-V62C1162048L Datasheet
109Kb / 11P
   Ultra Low Power 128K x 16 CMOS SRAM
V62C2162048L MOSEL-V62C2162048L Datasheet
117Kb / 13P
   Ultra Low Power 128K x 16 CMOS SRAM
V62C3162048L MOSEL-V62C3162048L Datasheet
109Kb / 13P
   Ultra Low Power 128K x 16 CMOS SRAM
logo
Lyontek Inc.
LY62L12816 LYONTEK-LY62L12816 Datasheet
178Kb / 13P
   128K X 16 BIT LOW POWER CMOS SRAM
LY62W12816 LYONTEK-LY62W12816_11 Datasheet
500Kb / 13P
   128K X 16 BIT LOW POWER CMOS SRAM
LY62W12816 LYONTEK-LY62W12816_17 Datasheet
796Kb / 15P
   128K X 16 BIT LOW POWER CMOS SRAM
LY6212816 LYONTEK-LY6212816 Datasheet
177Kb / 14P
   128K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com