Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBP151G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # KBP151G
Description  Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

KBP151G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  KBP151G_1 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd KBP151G_1 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
Version: A06
KBP151G - KBP157G
Single Phase 1.5 AMPS.
Glass Passivated Bridge Rectifiers
KBP
.460(11.68)
.420(10.6)
.160(4.1)
.140(3.6)
.153(3.9)
.146(3.7)
.050(1.27)
.5
MIN
(12.7)
SPACING
AC
.035(0.9)
.028(0.7)
.600(15.24)
.560(14.22)
Features
UL Recognized File # E-96005
Glass passivated junction
Ideal for printed circuit board
Reliable low cost construction
High surge current capability
High temperature soldering guaranteed:
260 oC / 10 seconds at 5 lbs., ( 2.3 kg )
tension
Small size, simple installation
Leads solderable per MIL-STD-202,
Method 208
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol KBP
151G
KBP
152G
KBP
153G
KBP
154G
KBP
155G
KBP
156G
KBP
157G
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
@TA = 50
oC
I(AV)
1.5
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
50
A
Maximum Instantaneous Forward Voltage
@ 1.5A
VF
1.1
V
Maximum DC Reverse Current @ TA=25
oC
at Rated DC Blocking Voltage @ TA=125
oC
IR
10
500
uA
uA
Typical Thermal Resistance (Note)
RθJA
RθJL
40
13
oC/W
Operating Temperature Range
TJ
-55 to +150
oC
Storage Temperature Range
TSTG
-55 to +150
oC
Note: Thermal Resistance from Junction to Ambient and from Junction to Lead Mounted on P.C.B.
with 0.4” x 0.4” (10mm x 10mm) Copper Pads.


Similar Part No. - KBP151G_1

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
KBP151G TSC-KBP151G_10 Datasheet
451Kb / 2P
   Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
More results

Similar Description - KBP151G_1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KBP155G ETC1-KBP155G Datasheet
52Kb / 2P
   Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
W005GM TSC-W005GM Datasheet
68Kb / 2P
   Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
KBP151G TSC-KBP151G Datasheet
54Kb / 2P
   Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
HDBL151G TSC-HDBL151G Datasheet
54Kb / 2P
   Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
DB154G TSC-DB154G Datasheet
98Kb / 2P
   Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
D2SB05 TSC-D2SB05 Datasheet
44Kb / 2P
   Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
DBL151G TSC-DBL151G Datasheet
59Kb / 2P
   Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
W005G TSC-W005G Datasheet
73Kb / 2P
   Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
KBP151G TSC-KBP151G_10 Datasheet
451Kb / 2P
   Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
logo
Jinan Gude Electronic D...
W005MG JGD-W005MG Datasheet
124Kb / 2P
   MINIATURE SINGLE PHASE 1.5 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com