Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1131D202B Datasheet(PDF) 6 Page - RICOH electronics devices division

Part # R1131D202B
Description  Low Voltage 300mA LDO REGULATOR
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1131D202B Datasheet(HTML) 6 Page - RICOH electronics devices division

Back Button R1131D202B Datasheet HTML 2Page - RICOH electronics devices division R1131D202B Datasheet HTML 3Page - RICOH electronics devices division R1131D202B Datasheet HTML 4Page - RICOH electronics devices division R1131D202B Datasheet HTML 5Page - RICOH electronics devices division R1131D202B Datasheet HTML 6Page - RICOH electronics devices division R1131D202B Datasheet HTML 7Page - RICOH electronics devices division R1131D202B Datasheet HTML 8Page - RICOH electronics devices division R1131D202B Datasheet HTML 9Page - RICOH electronics devices division R1131D202B Datasheet HTML 10Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
R1131x
6
TECHNICAL NOTES
When using these ICs, consider the following points:
Phase Compensation
In these ICs, phase compensation is made for securing stable operation even if the load current is varied. For
this purpose, be sure to use a 1.0
µF or more capacitor COUT with good frequency characteristics and ESR
(Equivalent Series Resistance).
(Note: If a tantalum capacitor is connected to the Output pin for phase compensation, if the ESR value of the
capacitor is too large, the operation might be unstable. Because of this, test these ICs with as same external
components as ones to be used on the PCB.)
Chip capacitor characteristics of Bias dependence and Temperature characteristics may vary depending on its
size, manufacturer, and part number.
PCB Layout
Make VDD and GND lines sufficient. If their impedance is high, pick-up the noise or unstable operation may
result. Connect a capacitor with as much as 1.0mF capacitor between VDD and GND pin as close as possible.
Set external components, especially the output capacitor, as close as possible to the ICs, and make wiring as
short as possible.
TYPICAL APPLICATION
VDD
GND
OUT
R1131x
Series
C2
C1
IN
OUT
CE
CE
<External Components examples>
CM05X5R105K06AB (Kyocera)
C1005JBOJ105K (TDK)
GRM155B30J105KE18B (Murata)
Output Capacitor; 1.0
µF or more capacity ceramic Type
(If VOUT
< 1.0V, Tantalum Type is recommended)
Input Capacitor, 1.0
µF or more capacity ceramic Type


Similar Part No. - R1131D202B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1131D202B-TR-FE RICOH-R1131D202B-TR-FE Datasheet
929Kb / 24P
   R1131
More results

Similar Description - R1131D202B

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1131X NISSHINBO-R1131X Datasheet
389Kb / 24P
   Low Voltage 300mA LDO REGULATOR
logo
Taiwan Semiconductor Co...
TS5214 TSC-TS5214 Datasheet
315Kb / 7P
   300mA Low Noise LDO Voltage Regulator
TS5214 TSC-TS5214_08 Datasheet
436Kb / 8P
   300mA Low Noise LDO Voltage Regulator
logo
Leshan Radio Company
LR6219 LRC-LR6219 Datasheet
396Kb / 6P
   Low Dropout Voltage 300mA CMOS LDO Regulator
LR6218 LRC-LR6218 Datasheet
474Kb / 7P
   Low Dropout Voltage 300mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5169 SEAWARD-SE5169 Datasheet
289Kb / 8P
   300mA CMOS Low Power LDO Voltage Regulator
logo
ELM Technology Corporat...
ELM89 ELM-TECH-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Electronics
ELM89 ELM-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Technology Corporat...
ELM89-SERIES ELM-TECH-ELM89-SERIES Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
Seaward Electronics Inc...
SE5167 SEAWARD-SE5167_10 Datasheet
434Kb / 8P
   300mA CMOS LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com