Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS62UV256TIP15 Datasheet(PDF) 8 Page - Brilliance Semiconductor

Part # BS62UV256TIP15
Description  Ultra Low Power CMOS SRAM 32K X 8 bit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS62UV256TIP15 Datasheet(HTML) 8 Page - Brilliance Semiconductor

Back Button BS62UV256TIP15 Datasheet HTML 2Page - Brilliance Semiconductor BS62UV256TIP15 Datasheet HTML 3Page - Brilliance Semiconductor BS62UV256TIP15 Datasheet HTML 4Page - Brilliance Semiconductor BS62UV256TIP15 Datasheet HTML 5Page - Brilliance Semiconductor BS62UV256TIP15 Datasheet HTML 6Page - Brilliance Semiconductor BS62UV256TIP15 Datasheet HTML 7Page - Brilliance Semiconductor BS62UV256TIP15 Datasheet HTML 8Page - Brilliance Semiconductor BS62UV256TIP15 Datasheet HTML 9Page - Brilliance Semiconductor BS62UV256TIP15 Datasheet HTML 10Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
BS62UV256
R0201-BS62UV256
Revision
2.6
Sep.
2006
8
n ORDERING INFORMATION
Note:
BSI (Brilliance Semiconductor Inc.) assumes no responsibility for the application or use of any product or circuit described herein. BSI does
not authorize its products for use as critical components in any application in which the failure of the BSI product may be expected to result
in significant injury or death, including life-support systems and critical medical instruments.
n PACKAGE DIMENSIONS
θ
b
BASE METAL
WITH PLATING
c1
c
b1
SOP - 28
0.020 ± 0.005X45°
PACKAGE
D: DICE
S: SOP
T: TSOP (8mm x 13.4mm)
P: PDIP
BS62UV256
X
X
Z
Y Y
GRADE
C: +0
oC ~ +70oC
I: -40
oC ~ +85oC
SPEED
10: 100ns
15: 150ns
PKG MATERIAL
-: Normal
G: Green, RoHS Compliant
P: Pb free, RoHS Compliant


Similar Part No. - BS62UV256TIP15

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62UV256TIP15 BSI-BS62UV256TIP15 Datasheet
311Kb / 10P
   Ultra Low Power CMOS SRAM 32K X 8 bit
More results

Similar Description - BS62UV256TIP15

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62UV256 BSI-BS62UV256_08 Datasheet
311Kb / 10P
   Ultra Low Power CMOS SRAM 32K X 8 bit
BS62UV256 BSI-BS62UV256 Datasheet
331Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 32K X 8 bit
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256 Datasheet
212Kb / 14P
   32K X 8 BIT LOW POWER CMOS SRAM
LY62W256 LYONTEK-LY62W256 Datasheet
204Kb / 13P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62256C ETC-UT62256C Datasheet
162Kb / 12P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256_16 Datasheet
628Kb / 17P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C62256 ALSC-AS6C62256 Datasheet
2Mb / 12P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62256 ETC-UT62256 Datasheet
182Kb / 10P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62L256 LYONTEK-LY62L256 Datasheet
203Kb / 13P
   32K X 8 BIT LOW POWER CMOS SRAM
LY62256_1008 LYONTEK-LY62256_1008 Datasheet
292Kb / 14P
   32K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com