Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2369 Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA2369
Description  1.8V, 1關A max, Zer첩-Crossover RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2369 Datasheet(HTML) 1 Page - Burr-Brown (TI)

  OPA2369 Datasheet HTML 1Page - Burr-Brown (TI) OPA2369 Datasheet HTML 2Page - Burr-Brown (TI) OPA2369 Datasheet HTML 3Page - Burr-Brown (TI) OPA2369 Datasheet HTML 4Page - Burr-Brown (TI) OPA2369 Datasheet HTML 5Page - Burr-Brown (TI) OPA2369 Datasheet HTML 6Page - Burr-Brown (TI) OPA2369 Datasheet HTML 7Page - Burr-Brown (TI) OPA2369 Datasheet HTML 8Page - Burr-Brown (TI) OPA2369 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
BurrBrown Products
from Texas Instruments
1
FEATURES
DESCRIPTION
APPLICATIONS
200
150
100
50
0
-
50
-
100
-
150
-
200
OFFSETVOLTAGE
vsCOMMON-MODEVOLTAGE
(V =1.8V)
S
Common-ModeVoltage(V)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Competition
OPA369
OPA369
OPA2369
SBOS414A – AUGUST 2007 – REVISED SEPTEMBER 2007
1.8V, 1
μA max, Zerø-Crossover
RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
2
• ZERØ-CROSSOVER
The OPA369 and OPA2369 are new low-power,
low-voltage
operational
amplifiers
from
Texas
• LOW POWER: 1μA (max)
Instruments designed especially for battery-powered
• LOW OFFSET VOLTAGE: 750μV (max)
applications.
• LOW VOLTAGE SUPPLY: +1.8V to +5.5V
The OPAx369 operates on a supply voltage as low as
• LOW OFFSET DRIFT: 1.75μV/°C (max)
1.8V and has true rail-to-rail operation that makes it
• microSIZE PACKAGES:
useful
for
a
wide
range
of
applications.
The
zero-crossover feature resolves the problem of input
SC70-5, SOT23-8, MSOP-8
crossover distortion that becomes very prominent in
low voltage (< 3V), rail-to-rail input applications.
• BATTERY-POWERED INSTRUMENTS
In addition to microsize packages and very low
quiescent current (1
μA, max) the OPAx369 features
• PORTABLE DEVICES
12kHz bandwidth, low offset drift (1.75
μV/
°C, max),
• MEDICAL INSTRUMENTS
and low 0.1Hz to 10Hz noise (3.6
μVPP).
• TEST EQUIPMENT
The OPA369 (single version, available Q4 2007) is
offered in an SC70-5 package. The OPA2369 (dual
version) comes in both MSOP-8 and SOT23-8
packages.
hi laurie
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA2369

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2369 TI-OPA2369 Datasheet
820Kb / 19P
[Old version datasheet]   1.8V, 700nA, Zer첩-Crossover RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
OPA2369 TI-OPA2369 Datasheet
922Kb / 20P
[Old version datasheet]   1.8V, 700nA, Zer첩-Crossover RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
OPA2369AIDCNR TI-OPA2369AIDCNR Datasheet
820Kb / 19P
[Old version datasheet]   1.8V, 700nA, Zer첩-Crossover RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
OPA2369AIDCNR TI-OPA2369AIDCNR Datasheet
922Kb / 20P
[Old version datasheet]   1.8V, 700nA, Zer첩-Crossover RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
OPA2369AIDCNRG4 TI-OPA2369AIDCNRG4 Datasheet
820Kb / 19P
[Old version datasheet]   1.8V, 700nA, Zer첩-Crossover RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
More results

Similar Description - OPA2369

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA369 TI-OPA369_1 Datasheet
922Kb / 20P
[Old version datasheet]   1.8V, 700nA, Zer첩-Crossover RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
OPA369 TI-OPA369 Datasheet
820Kb / 19P
[Old version datasheet]   1.8V, 700nA, Zer첩-Crossover RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
OPA369 TI-OPA369_15 Datasheet
1Mb / 23P
[Old version datasheet]   1.8V, 700nA, Zer첩-Crossover RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
logo
Analog Devices
ADA4505-2 AD-ADA4505-2 Datasheet
708Kb / 20P
   10 關A, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
REV. 0
logo
SG Micro Corp
SGM321 SGMICRO-SGM321 Datasheet
682Kb / 18P
   1MHz, 60關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8531 SGMICRO-SGM8531 Datasheet
675Kb / 16P
   500KHz,18關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8521 SGMICRO-SGM8521 Datasheet
652Kb / 14P
   150KHz, 4.7關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8541 SGMICRO-SGM8541 Datasheet
618Kb / 14P
   1.1MHz, 42關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM721 SGMICRO-SGM721 Datasheet
642Kb / 18P
   970關A, 10MHz, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8631 SGMICRO-SGM8631 Datasheet
659Kb / 18P
   470關A, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com