Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R3113D291X Datasheet(PDF) 10 Page - RICOH electronics devices division

Part # R3113D291X
Description  LOW VOLTAGE DETECTOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R3113D291X Datasheet(HTML) 10 Page - RICOH electronics devices division

Back Button R3113D291X Datasheet HTML 6Page - RICOH electronics devices division R3113D291X Datasheet HTML 7Page - RICOH electronics devices division R3113D291X Datasheet HTML 8Page - RICOH electronics devices division R3113D291X Datasheet HTML 9Page - RICOH electronics devices division R3113D291X Datasheet HTML 10Page - RICOH electronics devices division R3113D291X Datasheet HTML 11Page - RICOH electronics devices division R3113D291X Datasheet HTML 12Page - RICOH electronics devices division R3113D291X Datasheet HTML 13Page - RICOH electronics devices division R3113D291X Datasheet HTML 14Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
R3113D
10
OPERATION
VDD
OUT
GND
Vref
Ra
Rb
Rc
Pch
Nch
Comparator
Figure 1. Block Diagram
tPLH
Supply Voltage
(VDD)
Output Voltage
(VOUT)
Released Voltage(+VDET)
Detector Threshold(-VDET)
Detector Threshold
Hysteresis
12
3
4
5
A
B
Minimum Operating Voltage
GND
GND
Step
1
2
3
4
5
Comparator
Pin Input Voltage
I
II
III
IV
V
Comparator
Output
H
L
Inde-finite
L
H
Tr.1
OFF ON Inde-finite ON OFF
Pch
ON OFF Inde-finite OFF ON
Output
Tr.
Nch
OFF ON Inde-finite ON OFF
Rb
+ Rc
I.
Ra
+ Rb + Rc
× VDD
Rb
II.
Ra
+ Rb
× VDD
Figure 2. Operation Diagram
Step 1. The output voltage is equal to the supply voltage (VDD).
Step 2. At Point “A”, Vref >
= VDD×(Rb+Rc)/(Ra+Rb+Rc) is true, as a result, the output of comparator is reverse,
and output voltage becomes to GND level. The voltage level of Point A means detector threshold voltage,
or (
−VDET).
Step 3. When the supply voltage is less than minimum operating voltage, the operation of output transistor
becomes indefinite, and in the case that output is pulled up to VDD, the output voltage equals to VDD
voltage.
Step 4. The output voltage equals to GND level.
Step 5. At Point “B”, Vref >
= VDD×Rb/(Ra+Rb) is true, Output of the comparator is reverse, and output voltage is
equal to the supply voltage, or (VDD). The voltage level of Point B means released voltage, or (
+VDET).
∗ The difference between released voltage and detector threshold voltage is the detector threshold hysteresis.


Similar Part No. - R3113D291X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
R3110 ONSEMI-R3110 Datasheet
161Kb / 14P
   Pre-fit DSP Solution
February, 2015 ??Rev. 1
logo
Integrated Technology F...
R31101 ITF-R31101 Datasheet
254Kb / 6P
   SAW Resonator
logo
RICOH electronics devic...
R3111D091A RICOH-R3111D091A Datasheet
1Mb / 44P
   LOW VOLTAGE DETECTOR
R3111D091B RICOH-R3111D091B Datasheet
1Mb / 44P
   LOW VOLTAGE DETECTOR
R3111D091C RICOH-R3111D091C Datasheet
1Mb / 44P
   LOW VOLTAGE DETECTOR
More results

Similar Description - R3113D291X

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RN5VS RICOH-RN5VS Datasheet
202Kb / 30P
   LOW VOLTAGE DETECTOR
R3111XXX1A RICOH-R3111XXX1A Datasheet
205Kb / 20P
   LOW VOLTAGE DETECTOR
R3111X RICOH-R3111X Datasheet
1Mb / 44P
   LOW VOLTAGE DETECTOR
R3111X091A RICOH-R3111X091A Datasheet
205Kb / 20P
   LOW VOLTAGE DETECTOR
R5VT09A RICOH-R5VT09A Datasheet
324Kb / 31P
   LOW VOLTAGE DETECTOR?
RX5VT RICOH-RX5VT Datasheet
324Kb / 31P
   LOW VOLTAGE DETECTOR
logo
Pericom Semiconductor C...
PT7M6418 PERICOM-PT7M6418 Datasheet
393Kb / 12P
   Low Power Voltage Detector
logo
Shenzhen Huazhimei Semi...
HM70XX HMSEMI-HM70XX Datasheet
1Mb / 11P
   Low Power Voltage Detector
HM61XX HMSEMI-HM61XX Datasheet
1Mb / 12P
   Low Power Voltage Detector
logo
Pericom Semiconductor C...
PT7M6118 PERICOM-PT7M6118 Datasheet
531Kb / 11P
   Low Power Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com