Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2369AIDCNRG4 Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA2369AIDCNRG4
Description  1.8V, 1關A max, Zer첩-Crossover RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2369AIDCNRG4 Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button OPA2369AIDCNRG4 Datasheet HTML 4Page - Burr-Brown (TI) OPA2369AIDCNRG4 Datasheet HTML 5Page - Burr-Brown (TI) OPA2369AIDCNRG4 Datasheet HTML 6Page - Burr-Brown (TI) OPA2369AIDCNRG4 Datasheet HTML 7Page - Burr-Brown (TI) OPA2369AIDCNRG4 Datasheet HTML 8Page - Burr-Brown (TI) OPA2369AIDCNRG4 Datasheet HTML 9Page - Burr-Brown (TI) OPA2369AIDCNRG4 Datasheet HTML 10Page - Burr-Brown (TI) OPA2369AIDCNRG4 Datasheet HTML 11Page - Burr-Brown (TI) OPA2369AIDCNRG4 Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
www.ti.com
Time(100 s/div)
m
C =20pF
L
50
40
30
20
10
0
CapacitiveLoad(pF)
10
100
200
G=+1
Time(250 s/div)
m
Time(500 s/div)
m
C =200pF
L
OPA369
OPA2369
SBOS414A – AUGUST 2007 – REVISED SEPTEMBER 2007
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = 5V, RL = 100kΩ connected to VS/2, unless otherwise noted.
SMALL-SIGNAL OVERSHOOT
vs CAPACITIVE LOAD
SMALL-SIGNAL STEP RESPONSE
Figure 19.
Figure 20.
LARGE-SIGNAL STEP RESPONSE
OVERLOAD RECOVERY
Figure 21.
Figure 22.
8
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): OPA369 OPA2369


Similar Part No. - OPA2369AIDCNRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2369AIDCNRG4 TI-OPA2369AIDCNRG4 Datasheet
820Kb / 19P
[Old version datasheet]   1.8V, 700nA, Zer첩-Crossover RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
OPA2369AIDCNRG4 TI-OPA2369AIDCNRG4 Datasheet
922Kb / 20P
[Old version datasheet]   1.8V, 700nA, Zer첩-Crossover RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
More results

Similar Description - OPA2369AIDCNRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA369 TI-OPA369_1 Datasheet
922Kb / 20P
[Old version datasheet]   1.8V, 700nA, Zer첩-Crossover RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
OPA369 TI-OPA369 Datasheet
820Kb / 19P
[Old version datasheet]   1.8V, 700nA, Zer첩-Crossover RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
OPA369 TI-OPA369_15 Datasheet
1Mb / 23P
[Old version datasheet]   1.8V, 700nA, Zer첩-Crossover RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
logo
Analog Devices
ADA4505-2 AD-ADA4505-2 Datasheet
708Kb / 20P
   10 關A, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
REV. 0
logo
SG Micro Corp
SGM321 SGMICRO-SGM321 Datasheet
682Kb / 18P
   1MHz, 60關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8531 SGMICRO-SGM8531 Datasheet
675Kb / 16P
   500KHz,18關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8521 SGMICRO-SGM8521 Datasheet
652Kb / 14P
   150KHz, 4.7關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8541 SGMICRO-SGM8541 Datasheet
618Kb / 14P
   1.1MHz, 42關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM721 SGMICRO-SGM721 Datasheet
642Kb / 18P
   970關A, 10MHz, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8631 SGMICRO-SGM8631 Datasheet
659Kb / 18P
   470關A, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com