Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA1632D Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA1632D
Description  High-Performance, Fully-Differential AUDIO OP AMP
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA1632D Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button OPA1632D Datasheet HTML 2Page - Burr-Brown (TI) OPA1632D Datasheet HTML 3Page - Burr-Brown (TI) OPA1632D Datasheet HTML 4Page - Burr-Brown (TI) OPA1632D Datasheet HTML 5Page - Burr-Brown (TI) OPA1632D Datasheet HTML 6Page - Burr-Brown (TI) OPA1632D Datasheet HTML 7Page - Burr-Brown (TI) OPA1632D Datasheet HTML 8Page - Burr-Brown (TI) OPA1632D Datasheet HTML 9Page - Burr-Brown (TI) OPA1632D Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
OPA1632
SBOS286A − DECEMBER 2003 − REVISED SEPTEMBER 2006
www.ti.com
6
APPLICATIONS INFORMATION
Figure 1 shows the OPA1632 used as a differential-output
driver for the PCM1804 high-performance audio ADC.
Supply voltages of
±15V are commonly used for the
OPA1632. The relatively low input voltage swing required
by the ADC allows use of lower power-supply voltage, if
desired. Power supplies as low as
±8V can be used in this
application with excellent performance. This reduces
power dissipation and heat rise. Power supplies should be
bypassed with 10
µF tantalum capacitors in parallel with
0.1
µF ceramic capacitors to avoid possible oscillations
and instability.
The VCOM reference voltage output on the PCM1804 ADC
provides the proper input common-mode reference
voltage (2.5V). This VCOM voltage is buffered with op amp
A2 and drives the output common-mode voltage pin of the
OPA1632. This biases the average output voltage of the
OPA1632 to 2.5V.
The signal gain of the circuit is generally set to
approximately 0.25 to be compatible with commonly-used
audio line levels. Gain can be adjusted, if necessary, by
changing the values of R1 and R2. The feedback resistor
values (R3 and R4) should be kept relatively low, as
indicated, for best noise performance.
R5, R6, and C3 provide an input filter and charge glitch
reservoir for the ADC. The values shown are generally
satisfactory. Some adjustment of the values may help
optimize performance with different ADCs.
It is important to maintain accurate resistor matching on
R1/R2 and R3/R4 to achieve good differential signal
balance. Use 1% resistors for highest performance. When
connected
for
single-ended inputs (inverting input
grounded, as shown in Figure 1), the source impedance
must be low. Differential input sources must have
well-balanced or low source impedance.
Capacitors C1, C2, and C3 should be chosen carefully for
good distortion performance. Polystyrene, polypropylene,
NPO ceramic, and mica types are generally excellent.
Polyester and high-K ceramic types such as Z5U can
create distortion.
R
5
40
R
1
1k
R
2
1k
1k
R
4
270
R
3
270
R
6
40
C
2
1nF
C
1
1nF
0.1
µF
0.1
µF
10
µF
V+
+8V to +16V
−8V to −16V
V
1/2
PCM1804
V
OCM
3
5
4
6
7
1
2
8
C
3
2.7nF
V
COM
(2.5V)
Enable(1)
Balanced or
Single−Ended
Input
OPA1632
OPA134
+
10
µF
0.1
µF
+
NOTE: (1) Leave open to enable.
Logic signals referenced to V
− supply.
See the Shutdown Function section.
Figure 1. ADC Driver for Professional Audio


Similar Part No. - OPA1632D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1632D TI-OPA1632D Datasheet
249Kb / 12P
[Old version datasheet]   High-Perfomance, Fully-Differential AUDIO OP AMP
OPA1632D TI-OPA1632D Datasheet
535Kb / 15P
[Old version datasheet]   High-Performance, Fully-Differential AUDIO OP AMP
OPA1632D TI1-OPA1632D Datasheet
1Mb / 30P
[Old version datasheet]   High-Performance, Fully-Differential Audio Operational Amplifier
OPA1632DG4 TI-OPA1632DG4 Datasheet
535Kb / 15P
[Old version datasheet]   High-Performance, Fully-Differential AUDIO OP AMP
OPA1632DG4 TI1-OPA1632DG4 Datasheet
1Mb / 30P
[Old version datasheet]   High-Performance, Fully-Differential Audio Operational Amplifier
More results

Similar Description - OPA1632D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1632 TI-OPA1632_07 Datasheet
535Kb / 15P
[Old version datasheet]   High-Performance, Fully-Differential AUDIO OP AMP
OPA1632 TI-OPA1632 Datasheet
249Kb / 12P
[Old version datasheet]   High-Perfomance, Fully-Differential AUDIO OP AMP
OPA1632 TI1-OPA1632 Datasheet
1Mb / 30P
[Old version datasheet]   High-Performance, Fully-Differential Audio Operational Amplifier
logo
Maxim Integrated Produc...
MAX44205 MAXIM-MAX44205 Datasheet
1Mb / 29P
   Fully Differential Op Amp/SAR ADC Driver
Rev 0; 6/14
logo
Texas Instruments
OPA1633 TI1-OPA1633_V01 Datasheet
1Mb / 31P
[Old version datasheet]   OPA1633 High-Performance, Fully Differential Audio Operational Amplifier
REVISED JULY 2023
OPA1633 TI1-OPA1633 Datasheet
1Mb / 26P
[Old version datasheet]   OPA1633 High-Performance, Fully-Differential Audio Operational Amplifier
FEBRUARY 2023
logo
National Semiconductor ...
LME49724 NSC-LME49724 Datasheet
699Kb / 24P
   High Performance, High Fidelity, Fully-Differential Audio Operational Amplifier
logo
Texas Instruments
LME49724 TI1-LME49724 Datasheet
1Mb / 30P
[Old version datasheet]   High Performance, High Fidelity, Fully-Differential Audio Operational Amplifier
logo
National Semiconductor ...
LMH6550 NSC-LMH6550_06 Datasheet
913Kb / 17P
   Differential, High Speed Op Amp
LMH6551 NSC-LMH6551 Datasheet
935Kb / 19P
   Differential, High Speed Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com