Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS616UV2019DIP10 Datasheet(PDF) 3 Page - Brilliance Semiconductor

Part # BS616UV2019DIP10
Description  Ultra Low Power CMOS SRAM 128K X 16 bit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616UV2019DIP10 Datasheet(HTML) 3 Page - Brilliance Semiconductor

  BS616UV2019DIP10 Datasheet HTML 1Page - Brilliance Semiconductor BS616UV2019DIP10 Datasheet HTML 2Page - Brilliance Semiconductor BS616UV2019DIP10 Datasheet HTML 3Page - Brilliance Semiconductor BS616UV2019DIP10 Datasheet HTML 4Page - Brilliance Semiconductor BS616UV2019DIP10 Datasheet HTML 5Page - Brilliance Semiconductor BS616UV2019DIP10 Datasheet HTML 6Page - Brilliance Semiconductor BS616UV2019DIP10 Datasheet HTML 7Page - Brilliance Semiconductor BS616UV2019DIP10 Datasheet HTML 8Page - Brilliance Semiconductor BS616UV2019DIP10 Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
BS616UV2019
R0201-BS616UV2019
Revision
1.3
May.
2006
3
n ABSOLUTE MAXIMUM RATINGS
(1)
SYMBOL
PARAMETER
RATING
UNITS
VTERM
Terminal Voltage with
Respect to GND
-0.5
(2) to 5.0
V
TBIAS
Temperature Under
Bias
-40 to +125
OC
TSTG
Storage Temperature
-60 to +150
OC
PT
Power Dissipation
1.0
W
IOUT
DC Output Current
20
mA
1. Stresses
greater
than
those
listed
under
ABSOLUTE
MAXIMUM RATINGS may cause permanent damage to the
device. This is a stress rating only and functional operation of
the device at these or any other conditions above those
indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions for
extended periods may affect reliability.
2.
–2.0V in case of AC pulse width less than 30 ns.
n OPERATING RANGE
RANG
AMBIENT
TEMPERATURE
VCC
Commercial
0
OC to + 70OC
1.8V ~ 3.6V
Industrial
-40
OC to + 85OC
1.9V ~ 3.6V
n CAPACITANCE
(1) (T
A = 25
OC, f = 1.0MHz)
SYMBOL PAMAMETER CONDITIONS MAX. UNITS
CIN
Input
Capacitance
VIN = 0V
6
pF
CIO
Input/Output
Capacitance
VI/O = 0V
8
pF
1. This parameter is guaranteed and not 100% tested.
n DC ELECTRICAL CHARACTERISTICS (T
A = -40
OC to +85OC)
PARAMETER
NAME
PARAMETER
TEST CONDITIONS
MIN.
TYP.
(1)
MAX.
UNITS
VCC
Power Supply
1.9
--
3.6
V
VCC=2.0V
0.6
VIL
Input Low Voltage
VCC=3.0V
-0.3
(2)
--
0.8
V
VCC=2.0V
1.4
VIH
Input High Voltage
VCC=3.0V
2.2
--
VCC+0.3
(3)
V
IIL
Input Leakage Current
VIN = 0V to VCC
CE= VIH or CE2
(7) = V
IL
--
--
1
uA
ILO
Output Leakage Current
VI/O = 0V to VCC,
CE= VIH or CE2
(7) = V
IL or OE = VIH
--
--
1
uA
VCC = Max, IOL = 0.1mA
VCC=2.0V
0.2
VOL
Output Low Voltage
VCC = Max, IOL = 2.0mA
VCC=3.0V
--
--
0.4
V
VCC = Min, IOH = -0.1mA
VCC=2.0V
1.6
VOH
Output High Voltage
VCC = Min, IOH = -1.0mA
VCC=3.0V
2.4
--
--
V
VCC=2.0V
10
ICC
(5)
Operating Power Supply
Current
CE = VIL and CE2
(7) = V
IH,
IIO = 0mA, f = FMAX
(4)
VCC=3.0V
--
--
13
mA
VCC=2.0V
1.0
ICC1
Operating Power Supply
Current
CE = VIL and CE2
(7) = V
IH,
IIO = 0mA, f = 1MHz
VCC=3.0V
--
--
2.0
mA
VCC=2.0V
0.5
ICCSB
Standby Current
– TTL
CE = VIH or CE2
(7) = V
IL,
IIO = 0mA
VCC=3.0V
--
--
1.0
mA
VCC=2.0V
0.2
3.0
ICCSB1
(6)
Standby Current
– CMOS
CE≧VCC-0.2V or CE2
(7)≦0.2V,
VIN≧VCC-0.2V or VIN≦0.2V
VCC=3.0V
--
0.3
5.0
uA
1. Typical characteristics are at TA=25
OC and not 100% tested.
2. Undershoot: -1.0V in case of pulse width less than 20 ns.
3. Overshoot: VCC+1.0V in case of pulse width less than 20 ns.
4. FMAX=1/tRC.
5. ICC (MAX.) is 8mA/11mA at VCC=2.0V/3.0V and TA=70
OC.
6. ICCSB1(MAX.) is 2.0uA/3.0uA at VCC=2.0V/3.0V and TA=70
OC.
7. 48B BGA ignore CE2 condition.


Similar Part No. - BS616UV2019DIP10

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616UV2019DIP10 BSI-BS616UV2019DIP10 Datasheet
267Kb / 9P
   Ultra Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616UV2019DIP10 BSI-BS616UV2019DIP10 Datasheet
239Kb / 11P
   Ultra Low Power CMOS SRAM 128K X 16 bit
More results

Similar Description - BS616UV2019DIP10

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616UV2019 BSI-BS616UV2019_08 Datasheet
239Kb / 11P
   Ultra Low Power CMOS SRAM 128K X 16 bit
BS616UV2019 BSI-BS616UV2019 Datasheet
267Kb / 9P
   Ultra Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616UV2011 BSI-BS616UV2011 Datasheet
237Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 128K X 16 bit
logo
Mosel Vitelic, Corp
V62C1162048L MOSEL-V62C1162048L Datasheet
109Kb / 11P
   Ultra Low Power 128K x 16 CMOS SRAM
V62C2162048L MOSEL-V62C2162048L Datasheet
117Kb / 13P
   Ultra Low Power 128K x 16 CMOS SRAM
V62C3162048L MOSEL-V62C3162048L Datasheet
109Kb / 13P
   Ultra Low Power 128K x 16 CMOS SRAM
logo
Lyontek Inc.
LY62L12816 LYONTEK-LY62L12816 Datasheet
178Kb / 13P
   128K X 16 BIT LOW POWER CMOS SRAM
LY62W12816 LYONTEK-LY62W12816_11 Datasheet
500Kb / 13P
   128K X 16 BIT LOW POWER CMOS SRAM
LY62W12816 LYONTEK-LY62W12816_17 Datasheet
796Kb / 15P
   128K X 16 BIT LOW POWER CMOS SRAM
LY6212816 LYONTEK-LY6212816 Datasheet
177Kb / 14P
   128K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com