Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA1632DR Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA1632DR
Description  High-Performance, Fully-Differential AUDIO OP AMP
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA1632DR Datasheet(HTML) 5 Page - Burr-Brown (TI)

  OPA1632DR Datasheet HTML 1Page - Burr-Brown (TI) OPA1632DR Datasheet HTML 2Page - Burr-Brown (TI) OPA1632DR Datasheet HTML 3Page - Burr-Brown (TI) OPA1632DR Datasheet HTML 4Page - Burr-Brown (TI) OPA1632DR Datasheet HTML 5Page - Burr-Brown (TI) OPA1632DR Datasheet HTML 6Page - Burr-Brown (TI) OPA1632DR Datasheet HTML 7Page - Burr-Brown (TI) OPA1632DR Datasheet HTML 8Page - Burr-Brown (TI) OPA1632DR Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
OPA1632
SBOS286A − DECEMBER 2003 − REVISED SEPTEMBER 2006
www.ti.com
5
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VS = ±15V, and RL = 2kΩ, unless otherwise noted.
10
1
10
100
1k
10k
100k
Frequency (Hz)
VOLTAGE NOISE vs FREQUENCY
10
1
0.1
10
100
1k
10k
100k
Frequency (Hz)
CURRENT NOISE vs FREQUENCY
15
10
5
0
−5
−10
−15
100
1k
10k
100k
R
L (Ω)
OUTPUT VOLTAGE
vs DIFFERENTIAL LOAD RESISTANCE
V
CC = ± 15V
V
CC = ± 15V
R
F =1kΩ
G= +2
V
CC = ±5V
V
CC = ±5V
100
10
1
0.1
100k
1M
10M
100M
1G
Frequency (Hz)
OUTPUT IMPEDANCE
vs FREQUENCY
V
CC = ± 5V


Similar Part No. - OPA1632DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1632DR TI-OPA1632DR Datasheet
249Kb / 12P
[Old version datasheet]   High-Perfomance, Fully-Differential AUDIO OP AMP
OPA1632DR TI-OPA1632DR Datasheet
535Kb / 15P
[Old version datasheet]   High-Performance, Fully-Differential AUDIO OP AMP
OPA1632DR TI1-OPA1632DR Datasheet
1Mb / 30P
[Old version datasheet]   High-Performance, Fully-Differential Audio Operational Amplifier
OPA1632DRG4 TI-OPA1632DRG4 Datasheet
535Kb / 15P
[Old version datasheet]   High-Performance, Fully-Differential AUDIO OP AMP
OPA1632DRG4 TI1-OPA1632DRG4 Datasheet
1Mb / 30P
[Old version datasheet]   High-Performance, Fully-Differential Audio Operational Amplifier
More results

Similar Description - OPA1632DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1632 TI-OPA1632_07 Datasheet
535Kb / 15P
[Old version datasheet]   High-Performance, Fully-Differential AUDIO OP AMP
OPA1632 TI-OPA1632 Datasheet
249Kb / 12P
[Old version datasheet]   High-Perfomance, Fully-Differential AUDIO OP AMP
OPA1632 TI1-OPA1632 Datasheet
1Mb / 30P
[Old version datasheet]   High-Performance, Fully-Differential Audio Operational Amplifier
logo
Maxim Integrated Produc...
MAX44205 MAXIM-MAX44205 Datasheet
1Mb / 29P
   Fully Differential Op Amp/SAR ADC Driver
Rev 0; 6/14
logo
Texas Instruments
OPA1633 TI1-OPA1633_V01 Datasheet
1Mb / 31P
[Old version datasheet]   OPA1633 High-Performance, Fully Differential Audio Operational Amplifier
REVISED JULY 2023
OPA1633 TI1-OPA1633 Datasheet
1Mb / 26P
[Old version datasheet]   OPA1633 High-Performance, Fully-Differential Audio Operational Amplifier
FEBRUARY 2023
logo
National Semiconductor ...
LME49724 NSC-LME49724 Datasheet
699Kb / 24P
   High Performance, High Fidelity, Fully-Differential Audio Operational Amplifier
logo
Texas Instruments
LME49724 TI1-LME49724 Datasheet
1Mb / 30P
[Old version datasheet]   High Performance, High Fidelity, Fully-Differential Audio Operational Amplifier
logo
National Semiconductor ...
LMH6550 NSC-LMH6550_06 Datasheet
913Kb / 17P
   Differential, High Speed Op Amp
LMH6551 NSC-LMH6551 Datasheet
935Kb / 19P
   Differential, High Speed Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com