Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA1632DG4 Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA1632DG4
Description  High-Performance, Fully-Differential AUDIO OP AMP
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA1632DG4 Datasheet(HTML) 2 Page - Burr-Brown (TI)

  OPA1632DG4 Datasheet HTML 1Page - Burr-Brown (TI) OPA1632DG4 Datasheet HTML 2Page - Burr-Brown (TI) OPA1632DG4 Datasheet HTML 3Page - Burr-Brown (TI) OPA1632DG4 Datasheet HTML 4Page - Burr-Brown (TI) OPA1632DG4 Datasheet HTML 5Page - Burr-Brown (TI) OPA1632DG4 Datasheet HTML 6Page - Burr-Brown (TI) OPA1632DG4 Datasheet HTML 7Page - Burr-Brown (TI) OPA1632DG4 Datasheet HTML 8Page - Burr-Brown (TI) OPA1632DG4 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
OPA1632
SBOS286A − DECEMBER 2003 − REVISED SEPTEMBER 2006
www.ti.com
2
PACKAGE/ORDERING INFORMATION(1)
PRODUCT
PACKAGE-LEAD
PACKAGE
DRAWING
SPECIFIED
TEMPERATURE
RANGE
PACKAGE
MARKING
ORDERING
NUMBER
TRANSPORT
MEDIA, QUANTITY
SO-8
D
−40
°C to +85°C
OPA1632
OPA1632D
Rails, 100
OPA1632
SO-8
D
−40
°C to +85°C
OPA1632
OPA1632DR
Tape and Reel, 2500
OPA1632
MSOP-8
DGN
−40
°C to +85°C
1632
OPA1632DGN
Rails, 100
MSOP-8
PowerPAD
DGN
−40
°C to +85°C
1632
OPA1632DGNR
Tape and Reel, 2500
(1) For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI web site
at www.ti.com.
ABSOLUTE MAXIMUM RATINGS(1)(2)
over operating free-air temperature range unless otherwise noted.
Supply Voltage,
±VS
±16.5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Voltage, VI
±VS
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Current, IO
150mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential Input Voltage, VID
±3V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Junction Temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Free-Air Temperature Range
−40
°C to +85°C
. . . . . . . . . . . . . . .
Storage Temperature Range, TSTG
−65
°C to +150°C
. . . . . . . . . . . . . . . . .
ESD Ratings: Human Body Model
1kV
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Charge Device Model
500V
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Machine Model
200V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods
may degrade device reliability. These are stress ratings only, and
functional operation of the device at these or any other conditions
beyond those specified is not implied.
(2) The OPA1632 MSOP-8 package version incorporates a
PowerPAD on the underside of the chip. This acts as a heatsink
and must be connected to a thermally dissipative plane for proper
power dissipation. Failure to do so may result in exceeding the
maximum junction temperature, which can permanently damage
the device. See TI technical brief SLMA002 for more information
about using the PowerPAD thermally enhanced package.
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be
handled with appropriate precautions. Failure to observe
proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
PIN CONFIGURATION
Top View
MSOP, SO
1
2
3
4
8
7
6
5
V
IN+
Enable
V
V
OUT
V
IN
V
OCM
V+
V
OUT+
OPA1632


Similar Part No. - OPA1632DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1632DG4 TI-OPA1632DG4 Datasheet
535Kb / 15P
[Old version datasheet]   High-Performance, Fully-Differential AUDIO OP AMP
OPA1632DG4 TI1-OPA1632DG4 Datasheet
1Mb / 30P
[Old version datasheet]   High-Performance, Fully-Differential Audio Operational Amplifier
More results

Similar Description - OPA1632DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1632 TI-OPA1632_07 Datasheet
535Kb / 15P
[Old version datasheet]   High-Performance, Fully-Differential AUDIO OP AMP
OPA1632 TI-OPA1632 Datasheet
249Kb / 12P
[Old version datasheet]   High-Perfomance, Fully-Differential AUDIO OP AMP
OPA1632 TI1-OPA1632 Datasheet
1Mb / 30P
[Old version datasheet]   High-Performance, Fully-Differential Audio Operational Amplifier
logo
Maxim Integrated Produc...
MAX44205 MAXIM-MAX44205 Datasheet
1Mb / 29P
   Fully Differential Op Amp/SAR ADC Driver
Rev 0; 6/14
logo
Texas Instruments
OPA1633 TI1-OPA1633_V01 Datasheet
1Mb / 31P
[Old version datasheet]   OPA1633 High-Performance, Fully Differential Audio Operational Amplifier
REVISED JULY 2023
OPA1633 TI1-OPA1633 Datasheet
1Mb / 26P
[Old version datasheet]   OPA1633 High-Performance, Fully-Differential Audio Operational Amplifier
FEBRUARY 2023
logo
National Semiconductor ...
LME49724 NSC-LME49724 Datasheet
699Kb / 24P
   High Performance, High Fidelity, Fully-Differential Audio Operational Amplifier
logo
Texas Instruments
LME49724 TI1-LME49724 Datasheet
1Mb / 30P
[Old version datasheet]   High Performance, High Fidelity, Fully-Differential Audio Operational Amplifier
logo
National Semiconductor ...
LMH6550 NSC-LMH6550_06 Datasheet
913Kb / 17P
   Differential, High Speed Op Amp
LMH6551 NSC-LMH6551 Datasheet
935Kb / 19P
   Differential, High Speed Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com