Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC609 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC609
Description  GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 4 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC609 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC609 Datasheet HTML 1Page - Hittite Microwave Corporation HMC609 Datasheet HTML 2Page - Hittite Microwave Corporation HMC609 Datasheet HTML 3Page - Hittite Microwave Corporation HMC609 Datasheet HTML 4Page - Hittite Microwave Corporation HMC609 Datasheet HTML 5Page - Hittite Microwave Corporation HMC609 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1
1 - 110
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Power Compression @ 3 GHz
Output IP3 vs. Temperature
Noise Figure vs. Temperature
Reverse Isolation vs. Temperature
GaAs PHEMT MMIC LOW NOISE
AMPLIFIER, 2 - 4 GHz
HMC609
v01.0707
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
2
2.25
2.5
2.75
3
3.25
3.5
3.75
4
+25C
+85C
-55C
FREQUENCY (GHz)
0
1
2
3
4
5
6
7
8
9
10
2
2.25
2.5
2.75
3
3.25
3.5
3.75
4
+25C
+85C
-55C
FREQUENCY (GHz)
0
5
10
15
20
25
-10
-8
-6
-4
-2
0
2
4
6
Pout
Gain
PAE
INPUT POWER (dBm)
30
31
32
33
34
35
36
37
38
39
40
2
2.25
2.5
2.75
3
3.25
3.5
3.75
4
+25C
+85C
-55C
FREQUENCY (GHz)


Similar Part No. - HMC609

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC609 HITTITE-HMC609 Datasheet
248Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 4 GHz
HMC609 HITTITE-HMC609 Datasheet
755Kb / 18P
   ACTIVE BIAS CONTROLLER
logo
Analog Devices
HMC609 AD-HMC609 Datasheet
272Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC609 AD-HMC609 Datasheet
1Mb / 22P
   Active Bias Controller High Current
logo
Hittite Microwave Corpo...
HMC609LC4 HITTITE-HMC609LC4 Datasheet
306Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 4 GHz
More results

Similar Description - HMC609

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC609 HITTITE-HMC609_10 Datasheet
248Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 4 GHz
HMC594LC3B HITTITE-HMC594LC3B_10 Datasheet
225Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 4 GHz
HMC594 HITTITE-HMC594 Datasheet
292Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 4 GHz
HMC594LC3B HITTITE-HMC594LC3B Datasheet
263Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 4 GHz
HMC594 HITTITE-HMC594_09 Datasheet
244Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 4 GHz
HMC609LC4 HITTITE-HMC609LC4_09 Datasheet
306Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 4 GHz
HMC609LC4 HITTITE-HMC609LC4 Datasheet
273Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 4 GHz
HMC462LP5 HITTITE-HMC462LP5_10 Datasheet
974Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 2 - 20 GHz
HMC462 HITTITE-HMC462_10 Datasheet
533Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 20 GHz
logo
Analog Devices
ADL9006CHIPS AD-ADL9006CHIPS Datasheet
541Kb / 16P
   2 GHz to 28 GHz, GaAs, pHEMT, MMIC, Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com