Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R3115Z331A Datasheet(PDF) 8 Page - RICOH electronics devices division

Part # R3115Z331A
Description  LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R3115Z331A Datasheet(HTML) 8 Page - RICOH electronics devices division

Back Button R3115Z331A Datasheet HTML 4Page - RICOH electronics devices division R3115Z331A Datasheet HTML 5Page - RICOH electronics devices division R3115Z331A Datasheet HTML 6Page - RICOH electronics devices division R3115Z331A Datasheet HTML 7Page - RICOH electronics devices division R3115Z331A Datasheet HTML 8Page - RICOH electronics devices division R3115Z331A Datasheet HTML 9Page - RICOH electronics devices division R3115Z331A Datasheet HTML 10Page - RICOH electronics devices division R3115Z331A Datasheet HTML 11Page - RICOH electronics devices division R3115Z331A Datasheet HTML 12Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
R3115Z
8
OPERATION
Current
Source
Rd
Rb
Rc
Vref
Tr.1
Tr.2
CD
Nch
Pch
VDD
OUT
GND
Schmitt Trigger
Comparator
Ra
Fig. 1 Block Diagram with an external capacitor
Released Voltage
+VDET
Detector Threshold
−VDET
1
2
3
4
5
Supply Voltage(VDD)
Minimum Operating
−VDEL
GND
Output Voltage(OUT)
GND
A
B
HYSTERESIS
RANGE
Delay
Time
Voltage
Operation Status
1
2
3
4
5
Compartor () Pin
Input Voltage
Compartor Output
L
H Indefinite ON OFF
Tr.1,2
OFF ON Indefinite ON OFF
Nch OFF ON Indefinite ON OFF
Output
Tr.
Pch
ON OFF Indefinite OFF ON
× VDD
Rb
+Rc
Ra
+Rb+Rc
× VDD
Rb
Ra
+Rb
Fig. 2 Operation Diagram
1. Output voltage is equal to supply voltage. (As for Nch open drain type, equal to pull-up voltage.)
2. When the supply voltage is down to the detector threshold voltage level(Point A),
Vref >
= VDD×(Rb+Rc)/(Ra+Rb+Rc) is true, then output of the comparator is reversed from “L” to “H”, therefore
output voltage becomes GND level.
3. When the supply voltage is lower than minimum operating voltage, the operation of output transistor is
indefinite. In the case of Nch open drain type, output voltage is equal to pull-up voltage.
4. Output Voltage becomes GND level.
5. When the supply voltage is higher than released voltage (Point B), Vref <
= VDD×Rb/(Ra+Rb) is true, then
output of the comparator reaches the threshold level, and Output of Shmitt Trigger is reversed from “H” to
“L”, then output voltage is equal to supply voltage. (As for Nch open drain type, equal to pull-up voltage.)
∗) The difference between released voltage and detector threshold voltage means hysteresis range voltage.


Similar Part No. - R3115Z331A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
R3110 ONSEMI-R3110 Datasheet
161Kb / 14P
   Pre-fit DSP Solution
February, 2015 ??Rev. 1
logo
Integrated Technology F...
R31101 ITF-R31101 Datasheet
254Kb / 6P
   SAW Resonator
logo
RICOH electronics devic...
R3111D091A RICOH-R3111D091A Datasheet
1Mb / 44P
   LOW VOLTAGE DETECTOR
R3111D091B RICOH-R3111D091B Datasheet
1Mb / 44P
   LOW VOLTAGE DETECTOR
R3111D091C RICOH-R3111D091C Datasheet
1Mb / 44P
   LOW VOLTAGE DETECTOR
More results

Similar Description - R3115Z331A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R3112X RICOH-R3112X Datasheet
951Kb / 30P
   LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
R3112X091A RICOH-R3112X091A Datasheet
267Kb / 16P
   LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
RN5VD RICOH-RN5VD Datasheet
198Kb / 28P
   VOLTAGE DETECTOR WITH OUTPUT DELAY
logo
Rohm
BU42XXG ROHM-BU42XXG Datasheet
341Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU42XXFVE ROHM-BU42XXFVE Datasheet
349Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU43XXG ROHM-BU43XXG Datasheet
326Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU42XXF ROHM-BU42XXF Datasheet
341Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU43XXF ROHM-BU43XXF Datasheet
326Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU43XXFVE ROHM-BU43XXFVE Datasheet
329Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
logo
Microchip Technology
TC51N5002ECBTR MICROCHIP-TC51N5002ECBTR Datasheet
449Kb / 14P
   1A Voltage Detector with Output Delay
05/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com