Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R3115Z331A Datasheet(PDF) 4 Page - RICOH electronics devices division

Part # R3115Z331A
Description  LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R3115Z331A Datasheet(HTML) 4 Page - RICOH electronics devices division

  R3115Z331A Datasheet HTML 1Page - RICOH electronics devices division R3115Z331A Datasheet HTML 2Page - RICOH electronics devices division R3115Z331A Datasheet HTML 3Page - RICOH electronics devices division R3115Z331A Datasheet HTML 4Page - RICOH electronics devices division R3115Z331A Datasheet HTML 5Page - RICOH electronics devices division R3115Z331A Datasheet HTML 6Page - RICOH electronics devices division R3115Z331A Datasheet HTML 7Page - RICOH electronics devices division R3115Z331A Datasheet HTML 8Page - RICOH electronics devices division R3115Z331A Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
R3115Z
4
ELECTRICAL CHARACTERISTICS
R3115Z091A/C
Topt=25
°C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
−VDET
Detector Threshold
0.882
0.900
0.918
V
VHYS
Detector Threshold Hysteresis
0.027
0.045
0.063
V
VDD
=0.8V
0.6
2.0
ISS
Supply Current
VDD
=1.9V
0.5
2.0
µA
VDDH
Maximum Operating Voltage
6.0
V
Topt
=25°C
0.7
VDDL
Minimum Operating
Voltage*
Note1
−40°C <
= Topt <
= 85°C
0.8
V
VDS
=0.05V, VDD=0.70V
10
120
µA
Nch
VDS
=0.50V, VDD=0.85V
0.05
0.90
mA
IOUT
Output Current
(Driver Output Pin)
Pch
VDS
=−2.1V, VDD=4.5V
1.0
3.5
mA
VTCD
CD pin Threshold Voltage
VDD
=0.99V
0.396
0.495
0.594
V
VDS
=0.10V, VDD=0.70V
2
70
ICD
CD pin Output Current
VDS
=0.50V, VDD=0.85V
10
400
µA
RD
Output Delay Resistance
3.25
6.50
13.00
M
∆−VDET/
∆Topt
Detector Threshold
Temperature Coefficient
−40°C <
= Topt <
= 85°C
±100
ppm/
°C
*Note 1: Minimum Operating Voltage means the value of input voltage when output voltage maintains 0.1V or
less. (In the case of Nch Open Drain Type, Output pin is pulled up with a resistance of 470k
Ω to 5.0V.)
R3115Z271A/C
Topt
=25°C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
−VDET
Detector Threshold
2.646
2.700
2.754
V
VHYS
Detector Threshold Hysteresis
0.081
0.135
0.189
V
VDD
=2.6V
1.0
3.0
ISS
Supply Current
VDD
=3.7V
0.5
2.5
µA
VDDH
Maximum Operating Voltage
6.0
V
Topt
=25°C
0.7
VDDL
Minimum Operating
Voltage*
Note1
−40°C <
= Topt <
= 85°C
0.8
V
VDS
=0.05V, VDD=0.70V
10
120
µA
Nch
VDS
=0.50V, VDD=1.50V
1.0
3.0
mA
IOUT
Output Current
(Driver Output Pin)
Pch
VDS
=−2.1V, VDD=4.5V
1.0
3.5
mA
VTCD
CD pin Threshold Voltage
VDD
=2.97V
1.188
1.485
1.782
V
VDS
=0.1V, VDD=0.7V
2.0
70.0
ICD
CD pin Output Current
VDS
=0.5V, VDD=1.5V
200
500
µA
RD
Output Delay Resistance
3.25
6.50
13.00
M
∆−VDET/
∆Topt
Detector Threshold
Temperature Coefficient
−40°C <
= Topt <
= 85°C
±100
ppm/
°C
*Note 1: Minimum Operating Voltage means the value of input voltage when output voltage maintains 0.1V or
less. (In the case of Nch Open Drain Type, Output pin is pulled up with a resistance of 470k
Ω to 5.0V.)


Similar Part No. - R3115Z331A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
R3110 ONSEMI-R3110 Datasheet
161Kb / 14P
   Pre-fit DSP Solution
February, 2015 ??Rev. 1
logo
Integrated Technology F...
R31101 ITF-R31101 Datasheet
254Kb / 6P
   SAW Resonator
logo
RICOH electronics devic...
R3111D091A RICOH-R3111D091A Datasheet
1Mb / 44P
   LOW VOLTAGE DETECTOR
R3111D091B RICOH-R3111D091B Datasheet
1Mb / 44P
   LOW VOLTAGE DETECTOR
R3111D091C RICOH-R3111D091C Datasheet
1Mb / 44P
   LOW VOLTAGE DETECTOR
More results

Similar Description - R3115Z331A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R3112X RICOH-R3112X Datasheet
951Kb / 30P
   LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
R3112X091A RICOH-R3112X091A Datasheet
267Kb / 16P
   LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
RN5VD RICOH-RN5VD Datasheet
198Kb / 28P
   VOLTAGE DETECTOR WITH OUTPUT DELAY
logo
Rohm
BU42XXG ROHM-BU42XXG Datasheet
341Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU42XXFVE ROHM-BU42XXFVE Datasheet
349Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU43XXG ROHM-BU43XXG Datasheet
326Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU42XXF ROHM-BU42XXF Datasheet
341Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU43XXF ROHM-BU43XXF Datasheet
326Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU43XXFVE ROHM-BU43XXFVE Datasheet
329Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
logo
Microchip Technology
TC51N5002ECBTR MICROCHIP-TC51N5002ECBTR Datasheet
449Kb / 14P
   1A Voltage Detector with Output Delay
05/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com