Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54ACT8990 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN54ACT8990
Description  TEST-BUS CONTROLLERS IEEE STD 1149.1 (JTAG) TAP MASTERS WITH 16-BIT GENERIC HOST INTERFACES
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54ACT8990 Datasheet(HTML) 1 Page - Texas Instruments

  SN54ACT8990 Datasheet HTML 1Page - Texas Instruments SN54ACT8990 Datasheet HTML 2Page - Texas Instruments SN54ACT8990 Datasheet HTML 3Page - Texas Instruments SN54ACT8990 Datasheet HTML 4Page - Texas Instruments SN54ACT8990 Datasheet HTML 5Page - Texas Instruments SN54ACT8990 Datasheet HTML 6Page - Texas Instruments SN54ACT8990 Datasheet HTML 7Page - Texas Instruments SN54ACT8990 Datasheet HTML 8Page - Texas Instruments SN54ACT8990 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
SN54ACT8990, SN74ACT8990
TEST-BUS CONTROLLERS
IEEE STD 1149.1 (JTAG) TAP MASTERS WITH 16-BIT GENERIC HOST INTERFACES
SCAS190E – JUNE 1990 – REVISED JANUARY 1997
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Members of the Texas Instruments
SCOPE
™ Family of Testability Products
D Compatible With the IEEE Standard
1149.1-1990 (JTAG) Test Access Port and
Boundary-Scan Architecture
D Control Operation of Up to Six Parallel
Target Scan Paths
D Accommodate Pipeline Delay to Target of
Up to 31 Clock Cycles
D Scan Data Up to 232 Clock Cycles
D Execute Instructions for Up to 232 Clock
Cycles
D Each Device Includes Four Bidirectional
Event Pins for Additional Test Capability
D Inputs Are TTL-Voltage Compatible
D EPIC ™ (Enhanced-Performance Implanted
CMOS) 1-
µm Process
D Packaged in 44-Pin Plastic Leaded Chip
Carrier (FN), 68-Pin Ceramic Pin Grid Array
(GB), and 68-Pin Ceramic Quad Flat
Packages (HV)
description
The ’ACT8990 test-bus controllers (TBC) are members of the Texas Instruments SCOPE
™ testability
integrated-circuit family. This family of components supports IEEE Standard 1149.1-1990 (JTAG) boundary
scan to facilitate testing of complex circuit-board assemblies. The ’ACT8990 differ from other SCOPE
integrated circuits. Their function is to control the JTAG serial-test bus rather than being target
boundary -scannable devices.
The required signals of the JTAG serial-test bus – test clock (TCK), test mode select (TMS), test data input (TDI),
and test data output (TDO) can be connected from the TBC to a target device without additional logic. This is
done as a chain of IEEE Standard 1149.1-1990 boundary-scannable components that share the same
serial-test bus. The TBC generates TMS and TDI signals for its target(s), receives TDO signals from its target(s),
and buffers its test clock input (TCKI) to a test clock output (TCKO) for distribution to its target(s). The TMS, TDI,
and TDO signals can be connected to a target directly or via a pipeline, with a retiming delay of up to 31 bits.
Since the TBC can be configured to generate up to six separate TMS signals [TMS (5 – 0)], it can be used to
control up to six target scan paths that are connected in parallel (i.e., sharing common TCK, TDI, and TDO
signals).
While most operations of the TBC are synchronous to TCKI, a test-off (TOFF) input is provided for output control
of the target interface, and a test-reset (TRST) input is provided for hardware/software reset of the TBC. In
addition, four event [EVENT (3 – 0)] I/Os are provided for asynchronous communication to target device(s).
Each event has its own event generation/detection logic, and detected events can be counted by two 16-bit
counters.
The TBC operates under the control of a host microprocessor/microcontroller via the 5-bit address bus
[ADRS (4 – 0)] and the 16-bit read/write data bus [DATA (15 – 0)]. Read (RD) and write (WR) strobes are
implemented such that the critical host-interface timing is independent of the TCKI period. Any one of
24 registers can be addressed for read and/or write operations. In addition to control and status registers, the
TBC contains two command registers, a read buffer, and a write buffer. Status of the TBC is transmitted to the
host via ready (RDY) and interrupt (INT) outputs.
Major commands can be issued by the host to cause the TBC to generate the TMS sequences necessary to
move the target(s) from any stable test-access-port (TAP) controller state to any other stable TAP state, to
execute instructions in the Run-Test/Idle TAP state, or to scan instruction or test data through the target(s). A
32-bit counter can be preset to allow a predetermined number of execution or scan operations.
Serial data that appears at the selected TDI input (TDI1 or TDI0) is transferred into the read buffer, which can
be read by the host to obtain up to 16 bits of the serial-data stream. Serial data that is transmitted from the TDO
output is written by the host to the write buffer.
Copyright
© 1997, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
SCOPE and EPIC are trademarks of Texas Instruments Incorporated.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - SN54ACT8990

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ACT8990 TI-SN54ACT8990 Datasheet
305Kb / 15P
[Old version datasheet]   TEST-BUS CONTROLLERS IEEE STD 1149.1 JTAG TAP MASTERS WITH 16-BIT GENERIC HOST INTERFACES
SN54ACT8990GB TI-SN54ACT8990GB Datasheet
305Kb / 15P
[Old version datasheet]   TEST-BUS CONTROLLERS IEEE STD 1149.1 JTAG TAP MASTERS WITH 16-BIT GENERIC HOST INTERFACES
SN54ACT8990HV TI-SN54ACT8990HV Datasheet
305Kb / 15P
[Old version datasheet]   TEST-BUS CONTROLLERS IEEE STD 1149.1 JTAG TAP MASTERS WITH 16-BIT GENERIC HOST INTERFACES
More results

Similar Description - SN54ACT8990

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ACT8990 TI-SN54ACT8990 Datasheet
305Kb / 15P
[Old version datasheet]   TEST-BUS CONTROLLERS IEEE STD 1149.1 JTAG TAP MASTERS WITH 16-BIT GENERIC HOST INTERFACES
SN54LVT8980 TI-SN54LVT8980_06 Datasheet
576Kb / 37P
[Old version datasheet]   EMBEDDED TEST-BUS CONTROLLERS IEEE STD 1149.1 (JTAG) TAP MASTERS WITH 8-BIT GENERIC HOST INTERFACES
SN54LVT8980 TI-SN54LVT8980 Datasheet
495Kb / 34P
[Old version datasheet]   EMBEDDED TEST-BUS CONTROLLERS IEEE STD 1149.1 JTAG TAP MASTERS WITH 8-BIT GENERIC HOST INTERFACES
SN74LVT8980A-EP TI1-SN74LVT8980A-EP Datasheet
828Kb / 37P
[Old version datasheet]   EMBEDDED TEST-BUS CONTROLLER IEEE STD 1149.1 (JTAG) TAP MASTERS WITH 8-BIT GENERIC HOST INTERFACES
SN54LVT8980A TI-SN54LVT8980A Datasheet
575Kb / 35P
[Old version datasheet]   EMBEDDED TEST-BUS CONTROLLERS IEEE STD 1149.1 (JTAG) TAP MASTER WITH 8-BIT GENERIC HOST INTERFACES
SN54ABT8996 TI-SN54ABT8996 Datasheet
564Kb / 40P
[Old version datasheet]   10-BIT ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 JTAG TAP TRANSCEIVERS
SN54ABT8996 TI1-SN54ABT8996_15 Datasheet
741Kb / 46P
[Old version datasheet]   10-BIT ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (JTAG) TAP TRANSCEIVERS
logo
Xilinx, Inc
XQ18V04 XILINX-XQ18V04_03 Datasheet
155Kb / 15P
   IEEE Std 1149.1 boundary-scan (JTAG) support
logo
Texas Instruments
SN54ACT8997 TI-SN54ACT8997 Datasheet
335Kb / 28P
[Old version datasheet]   SCAN-PATH LINKERS WITH 4-BIT IDENTIFICATION BUSES SCAN-CONTROLLED IEEE STD 1149.1 JTAG TAP CONCATENATORS
SN54ACT8999 TI1-SN54ACT8999 Datasheet
435Kb / 29P
[Old version datasheet]   SCAN-PATH SELECTORS WITH 8-BIT BIDIRECTIONAL DATA BUSES SCAN-CONTROLLED IEEE STD 1149.1 (JTAG) TAP MULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com