Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP10NK80Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP10NK80Z
Description  N-channel 800V - 0.78廓 - 9A - TO-220/FP-TO-247 Zener-protected superMESHTM MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP10NK80Z Datasheet(HTML) 1 Page - STMicroelectronics

  STP10NK80Z_06 Datasheet HTML 1Page - STMicroelectronics STP10NK80Z_06 Datasheet HTML 2Page - STMicroelectronics STP10NK80Z_06 Datasheet HTML 3Page - STMicroelectronics STP10NK80Z_06 Datasheet HTML 4Page - STMicroelectronics STP10NK80Z_06 Datasheet HTML 5Page - STMicroelectronics STP10NK80Z_06 Datasheet HTML 6Page - STMicroelectronics STP10NK80Z_06 Datasheet HTML 7Page - STMicroelectronics STP10NK80Z_06 Datasheet HTML 8Page - STMicroelectronics STP10NK80Z_06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
July 2006
Rev 6
1/15
15
STP10NK80ZFP
STP10NK80Z - STW10NK80Z
N-channel 800V - 0.78
Ω - 9A - TO-220/FP-TO-247
Zener-protected superMESHTM MOSFET
General features
Extremely high dv/dt capability
100% avalanche tested
Gate charge minimized
Very low intrinsic capacitances
Very good manufacturing repeability
Description
The SuperMESH™ series is obtained through an
extreme optimization of ST’s well established
strip-based PowerMESH™ layout. In addition to
pushing on-resistance significantly down, special
care is taken to ensure a very good dv/dt
capability for the most demanding applications.
Applications
Switching application
Internal schematic diagram
Type
VDSS
RDS(on)
ID
Pw
STP10NK80Z
800V
<0.90
9A
160 W
STW10NK80Z
800V
<0.90
9A
160 w
STP10NK80ZFP
800V
<0.90
9A
40 W
TO-220
TO-220FP
TO-247
1
2
3
1
2
3
www.st.com
Order codes
Part number
Marking
Package
Packaging
STP10NK80Z
P10NK80Z
TO-220
Tube
STP10NK80ZFP
P10NK80ZFP
TO-220FP
Tube
STW10NK80Z
W10NK80Z
TO-247
Tube


Similar Part No. - STP10NK80Z_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP10NK80ZFP STMICROELECTRONICS-STP10NK80ZFP Datasheet
458Kb / 11P
   N-CHANNEL 800V - 0.78ohm - 9A TO-220/TO-220FP/TO-247 Zener-Protected SuperMESH?줡ower MOSFET
STP10NK80ZFP STMICROELECTRONICS-STP10NK80ZFP Datasheet
444Kb / 17P
   N-channel 800 V, 0.78 Ω, 9 A Zener-protected SuperMESH™ Power MOSFETs in TO-220, TO-220FP and TO-247 packages
Rev 7 March 2012
logo
Inchange Semiconductor ...
STP10NK80ZFP ISC-STP10NK80ZFP Datasheet
303Kb / 2P
   N-Channel Super Junction MOSFET
logo
STMicroelectronics
STP10NK80Z STMICROELECTRONICS-STP10NK80Z_V01 Datasheet
444Kb / 17P
   N-channel 800 V, 0.78 Ω, 9 A Zener-protected SuperMESH™ Power MOSFETs in TO-220, TO-220FP and TO-247 packages
Rev 7 March 2012
More results

Similar Description - STP10NK80Z_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP14NK60Z STMICROELECTRONICS-STP14NK60Z_07 Datasheet
623Kb / 19P
   N-channel 600V - 0.45廓 - 13.5A TO-220/FP-D2/I2PAK-TO-247 Zener-protected SuperMESHTM Power MOSFET
STP10NK80Z STMICROELECTRONICS-STP10NK80Z Datasheet
458Kb / 11P
   N-CHANNEL 800V - 0.78ohm - 9A TO-220/TO-220FP/TO-247 Zener-Protected SuperMESH?줡ower MOSFET
STB11NK40Z STMICROELECTRONICS-STB11NK40Z_07 Datasheet
421Kb / 16P
   N-channel 400V - 0.49廓 - 9A TO-220 - TO-220FP - D2PAK Zener-protected SuperMESHTM Power MOSFET
STP8NK80Z STMICROELECTRONICS-STP8NK80Z_07 Datasheet
419Kb / 15P
   N-channel 800V - 1.3廓 - 6.2A - TO-220 /TO-220FP/TO-247 Zener-protected SuperMESH??Power MOSFET
STF13NK50Z STMICROELECTRONICS-STF13NK50Z Datasheet
522Kb / 15P
   N-channel 500 V, 0.40 廓, 11 A TO-220, TO-220FP, TO-247 Zener-protected SuperMESHTM Power MOSFET
STB12NK80Z STMICROELECTRONICS-STB12NK80Z_07 Datasheet
522Kb / 16P
   N-channel 800V - 0.65廓 - 10.5A - TO-220 - D2PAK - TO-247 Zener - Protected SuperMESH??Power MOSFET
STP5N120 STMICROELECTRONICS-STP5N120 Datasheet
186Kb / 10P
   N-channel 1200V - 2.8廓 - 4.4A - TO-220 Zener - protected SuperMESHTM Power MOSFET
STB13NK60Z STMICROELECTRONICS-STB13NK60Z_05 Datasheet
369Kb / 17P
   N-CHANNEL 600V-0.48廓-13A-TO-220/FP-D짼/I짼PAK-TO-247 Zener-Protected SuperMESH??MOSFET
STP15NK50Z STMICROELECTRONICS-STP15NK50Z_07 Datasheet
505Kb / 19P
   N-channel 500V - 0.30廓 - 14A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-protected SuperMESH??Power MOSFET
STW13NK80Z STMICROELECTRONICS-STW13NK80Z_05 Datasheet
269Kb / 14P
   N-channel 800V - 0.53廓 - 12A - TO-247 Zener-protected SuperMESH??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com