Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1515H059B Datasheet(PDF) 2 Page - RICOH electronics devices division

Part # R1515H059B
Description  50mA VOLTAGE REGULATOR (Wide Input Voltage Range)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1515H059B Datasheet(HTML) 2 Page - RICOH electronics devices division

  R1515H059B Datasheet HTML 1Page - RICOH electronics devices division R1515H059B Datasheet HTML 2Page - RICOH electronics devices division R1515H059B Datasheet HTML 3Page - RICOH electronics devices division R1515H059B Datasheet HTML 4Page - RICOH electronics devices division R1515H059B Datasheet HTML 5Page - RICOH electronics devices division R1515H059B Datasheet HTML 6Page - RICOH electronics devices division R1515H059B Datasheet HTML 7Page - RICOH electronics devices division R1515H059B Datasheet HTML 8Page - RICOH electronics devices division R1515H059B Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
R1515x
2
BLOCK DIAGRAMS
R1515xxxxB
VDD
VOUT
CE
GND
Current Limit
Short
Protection
Vref
Thermal Shutdown
Circuit
SELECTION GUIDE
The output voltage, the active type, and the taping type for the ICs can be selected at the user’s request.
The selection can be made with designating the part number as shown below;
R1515xxxxx-xx-x ←Part Number
↑ ↑ ↑ ↑ ↑
a
b c
d
e
Code
Contents
a
Designation of Package Type:
H: SOT-89-5
S: HSOP-6J
b
Setting Output Voltage (VOUT):
Stepwise setting with a step of 0.1V in the range of 2.0V to 12.0V is possible.
c
Designation of Active Type:
B: active high
d
Designation of Taping Type:
T1 (SOT-89-5), E2 (HSOP-6J)
(Refer to Taping Specifications)
e
Designation of composition of pin plating:
-F: Lead free plating


Similar Part No. - R1515H059B

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1515H020B-T1-FE NISSHINBO-R1515H020B-T1-FE Datasheet
267Kb / 14P
   50mA VOLTAGE REGULATOR (Wide Input Voltage Range)
More results

Similar Description - R1515H059B

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1515X NISSHINBO-R1515X Datasheet
267Kb / 14P
   50mA VOLTAGE REGULATOR (Wide Input Voltage Range)
logo
Diodes Incorporated
AP7384 DIODES-AP7384 Datasheet
643Kb / 12P
   WIDE INPUT VOLTAGE RANGE, 50mA ULDO REGULATOR
November 2018
logo
ON Semiconductor
NCP4641 ONSEMI-NCP4641 Datasheet
339Kb / 14P
   Wide Input Range, Voltage Regulator
October, 2014 ??Rev. 1
logo
RICOH electronics devic...
R1154N001C RICOH-R1154N001C Datasheet
846Kb / 23P
   150mA Voltage Regulator (Wide Input Voltage Range)
R1154 RICOH-R1154 Datasheet
309Kb / 22P
   150mA Voltage Regulator (Wide Input Voltage Range)
R1514X RICOH-R1514X Datasheet
826Kb / 20P
   150mA VOLTAGE REGULATOR (Wide Input Voltage Range)
logo
Nisshinbo Micro Devices...
R1514X NISSHINBO-R1514X Datasheet
313Kb / 15P
   150mA VOLTAGE REGULATOR (Wide Input Voltage Range)
R1154X NISSHINBO-R1154X Datasheet
648Kb / 26P
   150 mA Voltage Regulator (Wide Input Voltage Range)
logo
ON Semiconductor
NCP4640H033T1G ONSEMI-NCP4640H033T1G Datasheet
396Kb / 17P
   50 mA, Wide Input Range, Voltage Regulator
February, 2011 ??Rev. 1
logo
Diodes Incorporated
AP7380 DIODES-AP7380 Datasheet
424Kb / 12P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
December 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com