Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC-C042 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC-C042
Description  GaAs MMIC I/Q MIXER MODULE 8.5 - 13.5 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC-C042 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC-C042 Datasheet HTML 1Page - Hittite Microwave Corporation HMC-C042 Datasheet HTML 2Page - Hittite Microwave Corporation HMC-C042 Datasheet HTML 3Page - Hittite Microwave Corporation HMC-C042 Datasheet HTML 4Page - Hittite Microwave Corporation HMC-C042 Datasheet HTML 5Page - Hittite Microwave Corporation HMC-C042 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
5 - 34
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
5
HMC-C042
GaAs MMIC I/Q MIXER MODULE
8.5 - 13.5 GHz
v01.0507
General Description
Features
Typical Applications
The HMC-C042 is a passive I/Q MMIC mixer housed
in a miniature hermetic module which can be used as
either an Image Reject Mixer or a Single Sideband
Upconverter.
The
module
utilizes
two
standard
Hittite double balanced mixer cells and a 90 degree
hybrid fabricated on a GaAs MESFET process. A low
frequency quadrature hybrid was used to produce a
100 MHz USB IF output. This MMIC based module is
a more reliable and consistent alternative to hybrid
style I/Q Mixers and Single Sideband Converter
assemblies. The module features removable SMA
connectors which can be detached to allow direct
connection of the I/O pins to a microstrip or coplanar
circuit.
Functional Diagram
The HMC-C042 is ideal for:
• Point-to-Point Radios
• Point-to-Multi-Point Radios & VSAT
• Test Equipment & Sensors
• Military End-Use
Wide IF Bandwidth: DC - 2 GHz
Image Rejection: 28 dB
LO to RF Isolation: 38 dB
High Input IP3: +25 dBm
Hermetically Sealed Module
Field Replaceable SMA Connectors
-55 to +85 °C Operating Temperature
Electrical Specifications, T
A = +25° C, IF= 100 MHz, LO = +19 dBm*
Parameter
Min.
Typ.
Max.
Units
Frequency Range, RF/LO
8.5 - 13.5
GHz
Frequency Range, IF
DC - 2
GHz
Conversion Loss (As IRM)
8
10
dB
Image Rejection
17
28
dB
1 dB Compression (Input)
+17
dBm
LO to RF Isolation
35
38
dB
LO to IF Isolation
20
25
dB
IP3 (Input)
+25
dBm
Amplitude Balance
0.6
dB
Phase Balance
6Deg
* Unless otherwise noted, all measurements performed as downconverter.


Similar Part No. - HMC-C042

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C040 HITTITE-HMC-C040 Datasheet
205Kb / 4P
   DIVIDE-BY-10 PRESCALER MODULE, 0.5 - 17.0 GHz
HMC-C041 HITTITE-HMC-C041 Datasheet
293Kb / 6P
   GaAs MMIC I/Q MIXER MODULE 6 - 10 GHz
HMC-C043 HITTITE-HMC-C043 Datasheet
287Kb / 6P
   GaAs MMIC I/Q MIXER MODULE 11 - 16 GHz
HMC-C044 HITTITE-HMC-C044 Datasheet
321Kb / 6P
   GaAs MMIC I/Q MIXER MODULE 15 - 23 GHz
HMC-C045 HITTITE-HMC-C045 Datasheet
293Kb / 6P
   LOW NOISE AMPLIFIER MODULE, 1.8 - 4.2 GHz
More results

Similar Description - HMC-C042

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC527 HITTITE-HMC527_09 Datasheet
228Kb / 6P
   GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC527LC4 HITTITE-HMC527LC4_09 Datasheet
206Kb / 6P
   GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC527 HITTITE-HMC527 Datasheet
297Kb / 6P
   GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC521 HITTITE-HMC521 Datasheet
310Kb / 6P
   GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC521LC4 HITTITE-HMC521LC4 Datasheet
289Kb / 6P
   GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC521 HITTITE-HMC521_09 Datasheet
237Kb / 6P
   GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC527LC4 HITTITE-HMC527LC4 Datasheet
280Kb / 6P
   GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
logo
Analog Devices
HMC521ACHIPS AD-HMC521ACHIPS Datasheet
660Kb / 25P
   8.5 GHz to 13.5 GHz, GaAs, MMIC, I/Q Mixer
logo
Hittite Microwave Corpo...
HMC-C009 HITTITE-HMC-C009_1 Datasheet
231Kb / 6P
   GaAs MMIC I/Q MIXER MODULE 4.0 - 8.5 GHz
HMC-C009 HITTITE-HMC-C009 Datasheet
488Kb / 6P
   GaAs MMIC I/Q MIXER MODULE 4.0 - 8.5 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com