Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R3115Z421C Datasheet(PDF) 9 Page - RICOH electronics devices division

Part # R3115Z421C
Description  LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R3115Z421C Datasheet(HTML) 9 Page - RICOH electronics devices division

Back Button R3115Z421C Datasheet HTML 5Page - RICOH electronics devices division R3115Z421C Datasheet HTML 6Page - RICOH electronics devices division R3115Z421C Datasheet HTML 7Page - RICOH electronics devices division R3115Z421C Datasheet HTML 8Page - RICOH electronics devices division R3115Z421C Datasheet HTML 9Page - RICOH electronics devices division R3115Z421C Datasheet HTML 10Page - RICOH electronics devices division R3115Z421C Datasheet HTML 11Page - RICOH electronics devices division R3115Z421C Datasheet HTML 12Page - RICOH electronics devices division R3115Z421C Datasheet HTML 13Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
R3115Z
9
Operation of Output Delay
Released Voltage
+VDET
Capacitor Voltage
Supply Voltage
Output Voltage
CD Pin Threshold Voltage (VTCD)
GND
GND
Output Delay Time(tD)
When the supply voltage which is higher than released voltage is forced to VDD pin, charge to an external
capacitor starts, then capacitor voltage increases. Until the capacitor voltage reaches to CD Pin threshold voltage,
output voltage maintains “L”. When the capacitor voltage becomes higher than CD pin threshold voltage, output
voltage is reversed from "L” to "H". Where, the time interval between the rising edge of supply voltage and output
voltage reverse point means output delay time.
Output Delay Time
Output Delay Time (tD) can be calculated with the next formula.
tD
=0.69×RD×CD(s)
RD is internal resistor and set at 6.5M
Ω(Typ.) typically. CD(F) describes the capacitance value of an external
capacitor. Therefore,
tD
=0.69×6.5×106×CD(s)


Similar Part No. - R3115Z421C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
R3110 ONSEMI-R3110 Datasheet
161Kb / 14P
   Pre-fit DSP Solution
February, 2015 ??Rev. 1
logo
Integrated Technology F...
R31101 ITF-R31101 Datasheet
254Kb / 6P
   SAW Resonator
logo
RICOH electronics devic...
R3111D091A RICOH-R3111D091A Datasheet
1Mb / 44P
   LOW VOLTAGE DETECTOR
R3111D091B RICOH-R3111D091B Datasheet
1Mb / 44P
   LOW VOLTAGE DETECTOR
R3111D091C RICOH-R3111D091C Datasheet
1Mb / 44P
   LOW VOLTAGE DETECTOR
More results

Similar Description - R3115Z421C

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R3112X RICOH-R3112X Datasheet
951Kb / 30P
   LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
R3112X091A RICOH-R3112X091A Datasheet
267Kb / 16P
   LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
RN5VD RICOH-RN5VD Datasheet
198Kb / 28P
   VOLTAGE DETECTOR WITH OUTPUT DELAY
logo
Rohm
BU42XXG ROHM-BU42XXG Datasheet
341Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU42XXFVE ROHM-BU42XXFVE Datasheet
349Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU43XXG ROHM-BU43XXG Datasheet
326Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU42XXF ROHM-BU42XXF Datasheet
341Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU43XXF ROHM-BU43XXF Datasheet
326Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU43XXFVE ROHM-BU43XXFVE Datasheet
329Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
logo
Microchip Technology
TC51N5002ECBTR MICROCHIP-TC51N5002ECBTR Datasheet
449Kb / 14P
   1A Voltage Detector with Output Delay
05/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com