Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIPP117 Datasheet(PDF) 1 Page - Power Innovations Ltd

Part # TIPP117
Description  PNP SILICON POWER DARLINGTONS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TIPP117 Datasheet(HTML) 1 Page - Power Innovations Ltd

  TIPP117 Datasheet HTML 1Page - Power Innovations Ltd TIPP117 Datasheet HTML 2Page - Power Innovations Ltd TIPP117 Datasheet HTML 3Page - Power Innovations Ltd TIPP117 Datasheet HTML 4Page - Power Innovations Ltd TIPP117 Datasheet HTML 5Page - Power Innovations Ltd TIPP117 Datasheet HTML 6Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TIPP115, TIPP116, TIPP117
PNP SILICON POWER DARLINGTONS
PRODUCT
INFORMATION
1
MAY 1989 - REVISED MARCH 1997
Copyright © 1997, Power Innovations Limited, UK
Information is current as of publication date. Products conform to specifications in accordance
with the terms of Power Innovations standard warranty. Production processing does not
necessarily include testing of all parameters.
q
20 W Pulsed Power Dissipation
q
100 V Capability
q
2 A Continuous Collector Current
q
4 A Peak Collector Current
LP PACKAGE
(TOP VIEW)
MDTRAB
E
C
B
1
2
3
absolute maximum ratings
at 25°C case temperature (unless otherwise noted)
NOTES: 1. This value applies for tp ≤ 0.3 ms, duty cycle ≤ 10%.
2. Derate linearly to 150°C case temperature at the rate of 0.32 W/°C.
3. VCE = 20 V, IC = 1 A, PW = 10 ms, duty cycle ≤ 2%.
RATING
SYMBOL
VALUE
UNIT
Collector-base voltage (IE = 0)
TIPP115
TIPP116
TIPP117
VCBO
-60
-80
-100
V
Collector-emitter voltage (IB = 0)
TIPP115
TIPP116
TIPP117
VCEO
-60
-80
-100
V
Emitter-base voltage
VEBO
-5
V
Continuous collector current
IC
-2
A
Peak collector current (see Note 1)
ICM
-4
A
Continuous base current
IB
-50
mA
Continuous device dissipation at (or below) 25°C case temperature (see Note 2)
Ptot
0.8
W
Pulsed power dissipation (see Note 3)
PT
20
W
Operating junction temperature range
Tj
-55 to +150
°C
Storage temperature range
Tstg
-55 to +150
°C
Lead temperature 3.2 mm from case for 10 seconds
TL
260
°C


Similar Part No. - TIPP117

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
TIPP117 TRSYS-TIPP117 Datasheet
555Kb / 5P
   PNP SILICON POWER DARLINGTONS
More results

Similar Description - TIPP117

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BD896 POINN-BD896 Datasheet
151Kb / 6P
   PNP SILICON POWER DARLINGTONS
TIP115 POINN-TIP115 Datasheet
160Kb / 6P
   PNP SILICON POWER DARLINGTONS
logo
Transys Electronics
BDT60 TRSYS-BDT60 Datasheet
719Kb / 5P
   PNP SILICON POWER DARLINGTONS
TIP115 TRSYS-TIP115 Datasheet
722Kb / 5P
   PNP SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDV64 BOURNS-BDV64 Datasheet
109Kb / 5P
   PNP SILICON POWER DARLINGTONS
BW24 BOURNS-BW24 Datasheet
114Kb / 5P
   PNP SILICON POWER DARLINGTONS
BDX34 BOURNS-BDX34 Datasheet
123Kb / 6P
   PNP SILICON POWER DARLINGTONS
logo
Power Innovations Ltd
BD646 POINN-BD646 Datasheet
150Kb / 6P
   PNP SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDW54 BOURNS-BDW54 Datasheet
120Kb / 5P
   PNP SILICON POWER DARLINGTONS
BDV64-S BOURNS-BDV64-S Datasheet
110Kb / 4P
   PNP SILICON POWER DARLINGTONS
BDX54 BOURNS-BDX54 Datasheet
115Kb / 5P
   PNP SILICON POWER DARLINGTONS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com