Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1182K141B Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # R1182K141B
Description  Low Voltage 150mA LDO REGULATOR
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1182K141B Datasheet(HTML) 1 Page - RICOH electronics devices division

  R1182K141B Datasheet HTML 1Page - RICOH electronics devices division R1182K141B Datasheet HTML 2Page - RICOH electronics devices division R1182K141B Datasheet HTML 3Page - RICOH electronics devices division R1182K141B Datasheet HTML 4Page - RICOH electronics devices division R1182K141B Datasheet HTML 5Page - RICOH electronics devices division R1182K141B Datasheet HTML 6Page - RICOH electronics devices division R1182K141B Datasheet HTML 7Page - RICOH electronics devices division R1182K141B Datasheet HTML 8Page - RICOH electronics devices division R1182K141B Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
R1182x SERIES
Low Voltage 150mA LDO REGULATOR
NO.EA-133-070621
OUTLINE
The R1182x Series are CMOS-based positive voltage regulator ICs with high output voltage accuracy and low
supply current. Each of these ICs consists of a voltage reference unit, an error amplifier, resistor-net for voltage
setting, a current limit circuit which prevents the destruction by excess current, and so on.
The output voltage of these ICs is fixed with high accuracy.
The R1182 Series has low dropout voltage
caused by built in low on resistance transistor. Further, the consumption current of IC itself is Typ. 3.0
µA at no
load, at the same time, compared with the conventional low supply current regulator, transient response is
improved in all the load range by our original seamless technology.
Since the packages for these ICs are SOT-23-5 and ultra small PLP1616-6, high density mounting of the ICs
on boards is possible.
FEATURES
• Low Supply Current ..........................................Typ. 3µA(Except the current through CE pull-down circuit)
• Standby Current ................................................Typ. 0.1µA
• Input Voltage Range ........................................ 1.5V to 6.0V
• Output Voltage ..................................................1.2V to 4.0V
• Low Dropout Voltage.........................................Typ. 0.23V (IOUT=150mA 3.0V Output type)
• Ripple Rejection................................................Typ. 55dB at 1kHz (VOUT=1.5V, IOUT=30mA)
Typ. 40dB at 10kHz (VOUT=1.5V, IOUT
=30mA)
• High Output Voltage Accuracy ..........................±1.0% (VOUT >
= 1.5V), ±15mV (VOUT<1.5V)
• Low Temperature-Drift Coefficient of Output Voltage........... Typ. ±100ppm/°C
• Excellent Line Regulation .................................Typ. 0.1%/V
• Small Packages ..............................................SOT-23-5,PLP1616-6
• Built-in Fold Back Protection Circuit .................Typ. 50mA (Current at short mode)
• Ceramic capacitors are recommended to be used with this IC (0.1µF or more)
APPLICATIONS
• Stable voltage reference.
• Power source for electrical appliances such as cameras, camcorders, mobile communication equipment.
• Power source for battery-powered equipment.
1


Similar Part No. - R1182K141B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1180 RICOH-R1180 Datasheet
303Kb / 19P
   150mA LDO REGULATOR
R1180D RICOH-R1180D Datasheet
81Kb / 1P
   dlSERIES MARK SPECIFICATION
R1180D121B RICOH-R1180D121B Datasheet
81Kb / 1P
   dlSERIES MARK SPECIFICATION
R1180D121B-TR-FE RICOH-R1180D121B-TR-FE Datasheet
303Kb / 19P
   150mA LDO REGULATOR
R1180D121C RICOH-R1180D121C Datasheet
81Kb / 1P
   dlSERIES MARK SPECIFICATION
More results

Similar Description - R1182K141B

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CLM5205 CALOGIC-CLM5205 Datasheet
46Kb / 3P
   150mA Low-Noise LDO Voltage Regulator
logo
Taiwan Semiconductor Co...
TS5204 TSC-TS5204_1 Datasheet
190Kb / 4P
   150mA Low Noise LDO Voltage Regulator
TS5204CQ33 TSC-TS5204CQ33 Datasheet
186Kb / 8P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204_11 Datasheet
177Kb / 8P
   150mA Low Noise LDO Voltage Regulator
logo
Exar Corporation
SPX5205 EXAR-SPX5205 Datasheet
4Mb / 8P
   150mA, LOW-NOISE LDO VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS5204 TSC-TS5204_06 Datasheet
141Kb / 4P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204_07 Datasheet
264Kb / 6P
   150mA Low Noise LDO Voltage Regulator
TS5204CQ50 TSC-TS5204CQ50 Datasheet
186Kb / 8P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204 Datasheet
141Kb / 4P
   150mA Low Noise LDO Voltage Regulator
logo
Sipex Corporation
SPX5205 SIPEX-SPX5205_04 Datasheet
184Kb / 8P
   150mA, Low-Noise LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com