Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6KE18A Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # P6KE18A
Description  Transient Voltage Suppressor Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

P6KE18A Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  P6KE18A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd P6KE18A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd P6KE18A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd P6KE18A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
- 643 -
RATINGS AND CHARACTERISTIC CURVES (P6KE SERIES)
FIG.2- PULSE DERATING CURVE
0
25
50
75
100
125
150
175
200
0
25
50
75
100
T
AMBIENT TEMPERATURE, C
A,
o
FIG.5- MAXIMUM NON-REPETITIVE FORWARD SURGE
CURRENT UNIDIRECTIONAL ONLY
1
10
100
10
200
100
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
JEDEC Method
FIG.1- PEAK PULSE POWER RATING CURVE
0.1
ms
10ms
1.0ms
100ms
10ms
1.0ms
0.1
100
10
1
tp, PULSE WIDTH, sec.
NON-REPETITIVE
PULSE WAVEFORM
SHOWN in FIG.3
TJ=25 C
0
FIG.3- PULSE WAVEFORM
0
0
1.0
2.0
3.0
4.0
100
150
50
t, TIME, ms
PULSE WIDTH (td) is DEFINED
as the POINT WHERE the PEAK
CURRENT DECAYS
to 50%oflPPM
td
tr=10 sec.
m
10/1000 sec. WAVEFORM
as DEFINED by R.E.A.
PEAK VALUE
lPPM
HALF VALUE- lPPM
2
TL, LEAD TEMPERATURE, C
o
FIG.4- STEADY STATE POWER DERATING CURVE
0
25
50
75
100
125
150
175
200
0
1.25
2.5
3.75
5.0
60Hz
RESISTIVE OR INDUCTIVE LOAD
1.6 X 1.6 X .040"
(40 X 40 X 1mm.)
COPPER HEAT SINKS
L=0.375"(9.5mm)
LEAD LENGTHS
FIG.7- TYPICAL JUNCTION CAPACITANCE
UNIDIRECTIONAL
1
10
100
200
100
1,000
10
6,000
V
, BREAKDOWN VOLTAGE. VOLTS
(BR)
Tj=25 C
f=1.0MHz
Vsig=50mVp-p
0
MEASURED at
ZERO BIAS
MEASURED at
STAND-OFF
VOLTAGE, VWM
V
, BREAKDOWN VOLTAGE. VOLTS
(BR)
FIG.6- TYPICAL REVERSE LEAKAGE CHARACTERASTICS
0
100
200
300
400
500
0.001
0.01
0.1
10
1
100
1,000
MEASURED AT DEVICES
STAND-OFF
VOLTAGE, VWM
TJ=25 C
0


Similar Part No. - P6KE18A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
P6KE18A MOTOROLA-P6KE18A Datasheet
81Kb / 7P
   ZENER OVERVOLTAGE TRANSIENTSUPPRESSORS
logo
Vishay Siliconix
P6KE18A VISHAY-P6KE18A Datasheet
93Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 18-Sep-12
logo
Galaxy Semi-Conductor H...
P6KE18A BILIN-P6KE18A Datasheet
256Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
HuaXinAn Electronics CO...
P6KE18A HUAXINAN-P6KE18A Datasheet
360Kb / 5P
   600W Transient Voltage Suppressors
logo
Zowie Technology Corpor...
P6KE18A ZOWIE-P6KE18A Datasheet
83Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P6KE18A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZG04 PHILIPS-BZG04 Datasheet
31Kb / 7P
   Transient voltage suppressor diodes
1996 Sep 19
logo
Yangzhou yangjie electr...
SMAJ YANGJIE-SMAJ_11 Datasheet
199Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Diotec Semiconductor
P4SMAJ65 DIOTEC-P4SMAJ65_14 Datasheet
128Kb / 4P
   Transient Voltage Suppressor Diodes
logo
Yangzhou yangjie electr...
SA10 YANGJIE-SA10_17 Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
SMBJ10 YANGJIE-SMBJ10_17 Datasheet
213Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Infineon Technologies A...
ESD5V3S1B-02LS INFINEON-ESD5V3S1B-02LS Datasheet
1Mb / 17P
   Transient Voltage Suppressor Diodes
Revision 1.0, 2011-04-08
ESD3V3U4ULC INFINEON-ESD3V3U4ULC_13 Datasheet
1Mb / 18P
   Transient Voltage Suppressor Diodes
Rev. 1.6, 2013-02-20
ESD112-B1-02ELS INFINEON-ESD112-B1-02ELS Datasheet
971Kb / 15P
   Transient Voltage Suppressor Diodes
Rev. 1.3, 2013-11-27
logo
First Silicon Co., Ltd
P4KE6.8 FS-P4KE6.8 Datasheet
336Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Dongguan City Niuhang E...
SMF5.0A NIUHANG-SMF5.0A Datasheet
471Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
Diotec Semiconductor
P6KE68 DIOTEC-P6KE68_14 Datasheet
114Kb / 4P
   Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com