Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1131N131B Datasheet(PDF) 11 Page - RICOH electronics devices division

Part # R1131N131B
Description  Low Voltage 300mA LDO REGULATOR
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1131N131B Datasheet(HTML) 11 Page - RICOH electronics devices division

Back Button R1131N131B Datasheet HTML 7Page - RICOH electronics devices division R1131N131B Datasheet HTML 8Page - RICOH electronics devices division R1131N131B Datasheet HTML 9Page - RICOH electronics devices division R1131N131B Datasheet HTML 10Page - RICOH electronics devices division R1131N131B Datasheet HTML 11Page - RICOH electronics devices division R1131N131B Datasheet HTML 12Page - RICOH electronics devices division R1131N131B Datasheet HTML 13Page - RICOH electronics devices division R1131N131B Datasheet HTML 14Page - RICOH electronics devices division R1131N131B Datasheet HTML 15Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
R1131x
11
R1131x26xx
R1131x33xx
0
10
20
30
40
50
60
80
70
-40 -25
0
25
50
75 85
Temperature Topt(
°C)
0
10
20
30
40
50
60
80
70
-40 -25
0
25
50
75 85
Temperature Topt(
°C)
6) Dropout Voltage vs. Output Current
R1131x08xx
R1131x09xx
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
50
100
150
200
250
300
Output Current IOUT(mA)
85
°C
25
°C
-40
°C
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
50
100
150
200
250
300
Output Current IOUT(mA)
85
°C
25
°C
-40
°C
R1131x10xx
R1131x15xx
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
50
100
150
200
250
300
Output Current IOUT(mA)
85
°C
25
°C
-40
°C
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0
50
100
150
200
250
300
Output Current IOUT(mA)
85
°C
25
°C
-40
°C


Similar Part No. - R1131N131B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1131N131B RICOH-R1131N131B Datasheet
34Kb / 1P
   R1131N SERIES MARK SPECIFICATION
More results

Similar Description - R1131N131B

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1131X NISSHINBO-R1131X Datasheet
389Kb / 24P
   Low Voltage 300mA LDO REGULATOR
logo
Taiwan Semiconductor Co...
TS5214 TSC-TS5214 Datasheet
315Kb / 7P
   300mA Low Noise LDO Voltage Regulator
TS5214 TSC-TS5214_08 Datasheet
436Kb / 8P
   300mA Low Noise LDO Voltage Regulator
logo
Leshan Radio Company
LR6219 LRC-LR6219 Datasheet
396Kb / 6P
   Low Dropout Voltage 300mA CMOS LDO Regulator
LR6218 LRC-LR6218 Datasheet
474Kb / 7P
   Low Dropout Voltage 300mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5169 SEAWARD-SE5169 Datasheet
289Kb / 8P
   300mA CMOS Low Power LDO Voltage Regulator
logo
ELM Technology Corporat...
ELM89 ELM-TECH-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Electronics
ELM89 ELM-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Technology Corporat...
ELM89-SERIES ELM-TECH-ELM89-SERIES Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
Seaward Electronics Inc...
SE5167 SEAWARD-SE5167_10 Datasheet
434Kb / 8P
   300mA CMOS LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com