Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RGP30K Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # RGP30K
Description  3.0 AMPS. Glass Passivated Junction Fast Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

RGP30K Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  RGP30K Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd RGP30K Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 580 -
RGP30A THRU RGP30M
3.0 AMPS. Glass Passivated Junction Fast Recovery Rectifiers
Voltage Range
50 to 1000 Volts
Current
3.0 Amperes
Features
High temperature metallurgically bonded constructed
Plastic material used carries Underwriters Laboratory
Classification 94V-0
Glass passivated cavity-free junction
Capable of meeting environmental standards of
MIL-S-19500
3.0 ampere operation at TA=55
oC with no thermal runaway
Typical IR less than 0.2 uA
High temperature soldering guaranteed:
350
oC / 10 seconds, 0.375”(9.5mm) lead length, 5 lbs.,
(2.3kg) tension
Fast switching for high efficiency
Mechanical Data
Case: JEDEC DO-201AD molded plastic over glass body
Lead: Plated Axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting position: Any
Weight: 0.048 ounce, 1.28 grams
DO-201AD
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol RGP
30A
RGP
30B
RGP
30D
RGP
30G
RGP
30J
RGP
30K
RGP
30M
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800 1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800 1000
V
Maximum Average Forward Rectified
Current .375” (9.5mm) Lead Length
@ TA = 55
I(AV)
3.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
125
A
Maximum Instantaneous Forward Voltage
@ 3.0A
VF
1.3
V
Maximum DC Reverse Current@ TA=25
at Rated DC Blocking Voltage @TA=125
IR
5.0
100
uA
uA
Maximum Reverse Recovery Time ( Note 1 )
TJ=25
Trr
150
250
500
nS
Typical Junction Capacitance ( Note 2 )
Cj
40
pF
Typical Thermal Resistance (Note 3)
R
θJA
30
℃/W
Operating & Storage Temperature Range
TJ , TSTG
-65 to + 175
Notes: 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A Recover to 0.25A.
2. Measured at 1.0 MHz and Applied Reverse Voltage of 4.0 Volts.
3. Mount on Cu-Pad Size 16mm x 16mm on P.C.B.


Similar Part No. - RGP30K

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
RGP30K ZOWIE-RGP30K Datasheet
59Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
logo
Vishay Siliconix
RGP30K VISHAY-RGP30K Datasheet
75Kb / 4P
   Glass Passivated Junction Fast Switching Rectifier
Revision: 15-Mar-11
logo
General Semiconductor
RGP30K GE-RGP30K Datasheet
60Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
Rugao Dachang Electroni...
RGP30K DACHANG-RGP30K Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifiers Reverse Voltage 50 to 1000V Forward Current 3.0A
logo
Micro Commercial Compon...
RGP30K MCC-RGP30K Datasheet
82Kb / 3P
   3.0 Amp Glass Passivated Junction Fast Recovery Rectifiers 50 to 1000 Volts
More results

Similar Description - RGP30K

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
FR301G TSC-FR301G_10 Datasheet
541Kb / 2P
   3.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FR301G TSC-FR301G Datasheet
65Kb / 2P
   3.0 AMPS. Glass Passivated Fast Recovery Rectifiers
logo
Jinan Gude Electronic D...
FR301G JGD-FR301G Datasheet
145Kb / 2P
   3.0 AMPS. GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
FR301G TSC-FR301G_1 Datasheet
206Kb / 2P
   3.0 AMPS. Glass Passivated Fast Recovery Rectifiers
RGP15A TSC-RGP15A Datasheet
68Kb / 2P
   1.5 AMPS. Glass Passivated Junction Fast Recovery Rectifiers
RGP20A TSC-RGP20A Datasheet
72Kb / 2P
   2.0 AMPS. Glass Passivated Junction Fast Recovery Rectifiers
logo
New Jersey Semi-Conduct...
RGP30A NJSEMI-RGP30A Datasheet
89Kb / 1P
   3.0 Amp Glass Passivated Junction Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
GP30A TSC-GP30A Datasheet
65Kb / 2P
   3.0 AMPS. Glass Passivated Junction Plastic Rectifiers
logo
New Jersey Semi-Conduct...
GP30A NJSEMI-GP30A Datasheet
94Kb / 1P
   3.0 AMPS. Glass Passivated Junction Plastic Rectifiers
logo
EIC discrete Semiconduc...
GR2A EIC-GR2A Datasheet
47Kb / 2P
   GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com