Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1171S301A Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # R1171S301A
Description  2.0A/1.5A LDO REGULATOR
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1171S301A Datasheet(HTML) 1 Page - RICOH electronics devices division

  R1171S301A Datasheet HTML 1Page - RICOH electronics devices division R1171S301A Datasheet HTML 2Page - RICOH electronics devices division R1171S301A Datasheet HTML 3Page - RICOH electronics devices division R1171S301A Datasheet HTML 4Page - RICOH electronics devices division R1171S301A Datasheet HTML 5Page - RICOH electronics devices division R1171S301A Datasheet HTML 6Page - RICOH electronics devices division R1171S301A Datasheet HTML 7Page - RICOH electronics devices division R1171S301A Datasheet HTML 8Page - RICOH electronics devices division R1171S301A Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
R1172x SERIES
SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
NO.EA-122-070627
1
OUTLINE
The R1172x Series are CMOS-based positive voltage regulator ICs. The R1172x Series have features of super
low dropout, 1A output current capability. Even the output voltage is set at 1.5V, on resistance of internal FET is
typically 0.32
Ω. Therefore, applications that require a large current at small dropout are suitable for the R1172x
series. Low input voltage is acceptable and low output voltage can be set. The minimum input voltage is 1.4V,
and the lowest set output voltage is 0.8V. Each of these ICs consists of a voltage reference unit, an error
amplifier, resistor net for setting output voltage, a current limit circuit at over-current, a chip enable circuit, a
thermal-shutdown circuit, and so on. A stand-by mode with ultra low consumption current can be realized with
the chip enable pin. The output voltage of R1172 is fixed in the IC.
Since the packages for these ICs are SOT-23-5, SOT-89-5, HSON-6, and HSOP-6J with high power
dissipation, high density mounting of the ICs on boards is possible.
FEATURES
• Output Current ............................................................ 1A
• Supply Current ............................................................. Typ. 60µA
• Standby Current .......................................................... Typ. 0.1µA
• Input Voltage Range ................................................... 1.4V to 6.0V
• Output Voltage.............................................................. Stepwise setting with a step of 0.1V in the range of
0.8V to 5.0V (Exceptions: HSOP-6J
= 0.8V to 3.5V)
• Dropout Voltage............................................................ Typ. 0.32V (VOUT=1.5V, IOUT=1A)
Typ. 0.18V (VOUT
=2.8V, IOUT=1A)
• Ripple Rejection ........................................................... Typ. 70dB (VOUT=2.8V)
• Output Voltage Accuracy.............................................. ±2.0%
• Temperature-Drift Coefficient of Output Voltage .......... Typ. ±100ppm/°C
• Line Regulation ............................................................ Typ. 0.05%/V
• Load Regulation ......................................................... Typ. 15mV at IOUT=300mA, Typ. 50mV at IOUT=1A
• Packages .................................................................... SOT-23-5, SOT-89-5, HSON-6, HSOP-6J
• Built-in Inrush current limit circuit ............................... Typ. 500 mA
• Built-in Fold-Back Protection Circuit ........................... Typ. 250mA (Current at short mode)
• Built-in Thermal Shutdown Circuit .............................. Thermal Shutdown Temperature ; Typ. 150°C
Released Temperature ; Typ. 120
°C
• Built-in Auto Discharge Function ................................ D version
• Output capacitors ....................................................... CIN=COUT=Tantalum 4.7µF (VOUT < 1.0V)
CIN
=COUT=Ceramic 4.7µF (VOUT >
= 1.0V)
APPLICATIONS
• Local Power source for Notebook PC.
• Local Power source for portable communication equipments, cameras, and VCRs.
• Local Power source for home appliances.


Similar Part No. - R1171S301A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1171S301A-E2-FE RICOH-R1171S301A-E2-FE Datasheet
451Kb / 24P
   2.0A/1.5A LDO REGULATOR
More results

Similar Description - R1171S301A

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1171X NISSHINBO-R1171X Datasheet
661Kb / 24P
   2.0A/1.5A LDO REGULATOR
logo
RICOH electronics devic...
R1171 RICOH-R1171 Datasheet
451Kb / 24P
   2.0A/1.5A LDO REGULATOR
logo
Unisonic Technologies
UR1171 UTC-UR1171 Datasheet
173Kb / 5P
   1.5A LDO REGULATOR
logo
Rohm
BD00HC5MEFJ-LB ROHM-BD00HC5MEFJ-LB Datasheet
905Kb / 24P
   1.5A Variable Output Industrial LDO Regulator
logo
List of Unclassifed Man...
SE5120 ETC1-SE5120 Datasheet
120Kb / 2P
   1.5A CMOS Super LDO Voltage Regulator
logo
Nisshinbo Micro Devices...
R1171S NISSHINBO-R1171S Datasheet
691Kb / 26P
   1.5A LDO REGULATOR FOR AUTOMOTIVE APPLICATIONS
logo
Micrel Semiconductor
MIC37139 MICREL-MIC37139 Datasheet
156Kb / 10P
   1.5A, LOW VOLTAGE UCAP LDO REGULATOR
logo
Fairchild Semiconductor
FAN1654 FAIRCHILD-FAN1654 Datasheet
80Kb / 7P
   1.5A LDO, DDR Bus Termination Regulator
logo
Seaward Electronics Inc...
SE5120 SEAWARD-SE5120 Datasheet
274Kb / 9P
   1.5A CMOS Ultra LDO Voltage Regulator
logo
Rohm
BDXXHC5MEFJ-M ROHM-BDXXHC5MEFJ-M Datasheet
1Mb / 24P
   Automotive 1.5A Variable Output LDO Regulator
2021.10.11 Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com