Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5220X Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # R5220X
Description  PWM Step-down DC/DC Converter with switch function
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5220X Datasheet(HTML) 5 Page - RICOH electronics devices division

  R5220X Datasheet HTML 1Page - RICOH electronics devices division R5220X Datasheet HTML 2Page - RICOH electronics devices division R5220X Datasheet HTML 3Page - RICOH electronics devices division R5220X Datasheet HTML 4Page - RICOH electronics devices division R5220X Datasheet HTML 5Page - RICOH electronics devices division R5220X Datasheet HTML 6Page - RICOH electronics devices division R5220X Datasheet HTML 7Page - RICOH electronics devices division R5220X Datasheet HTML 8Page - RICOH electronics devices division R5220X Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
R5220x
5
R5220xxxxB
Topt
=25°C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VIN
Operating Input Voltage
2.8
5.5
V
ISS1
Supply Current 1
(Standby mode)
VIN
=VOUT1+1.0V, VCE=GND, VMODE=GND or VIN
VOUT1:DC/DC Set VOUT
0.1
1.0
µA
ISS2
Supply Current 2
(Power Save mode)
VIN
=VCE=VMODE=VOUT2+1.0V,
VOUT2:VR Set VOUT, IOUT
=0mA
5
10
µA
ISS3
Supply Current 3
VIN
=VCE=3.6V, VMODE=GND
350
450
µA
DC/DC Part
Topt
=25°C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VOUT1 >
= 1.5
×0.98
×1.02
VOUT1
Output Voltage
VIN
=3.6V
IOUT
=50mA
VOUT1<1.5
−0.03
+0.03
V
fosc
Oscillator Frequency
VIN
=VSET1+1.5V
0.96
1.20
1.44
MHz
VOUT1<1.5
0.15
0.30
TSTART
Soft-start Time
VIN
=3.6V
VOUT1 >
= 1.5
0.20
0.35
ms
RONP
ON Resistance of Pch Transistor
VIN
=3.6V, ILX=−100mA
0.5
RONN
ON Resistance of Nch Transistor
VIN
=3.6V, ILX=−100mA
0.5
ILXLEAK
Lx Leakage Current
VIN
=5.5V, VCE=0V, LX=5.5V/0V
−1.0
1.0
µA
∆VOUT/
∆Topt
Output Voltage
Temperature Coefficient
−40°C <
= Topt <
= 85°C
±150
ppm/
°C
Maxduty Oscillator Maximum Duty Cycle
VOUT
=0V
100
%
ILXlim
Lx Current Limit
VIN
=3.6V
500
800
mA
Tprot
Protection Delay Circuit
VIN
=3.6V
1.0
3.0
7.0
ms
VUVLO1
UVLO Threshold Voltage
VCE
=VIN, VMODE=GND, VOUT=0V
2.00
2.35
2.75
V
VUVLO2
UVLO Released Voltage
VCE
=VIN, VMODE=GND, VOUT=0V
2.05
2.45
2.80
V
VMODEH
MODE "H" Input Voltage
1.0
V
VMODEL
MODE "L" Input Voltage
0
0.3
V
VR Part
Topt
=25°C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VOUT2 >
= 1.5
×0.98
×1.02
VOUT2
Output Voltage
VIN
=VOUT2+1.0V
IOUT
=10mA
VOUT2<1.5
−0.03
+0.03
V
IOUT
Output Current
VIN
=VOUT2+1.0V
50
mA
VOUT2<2.3
15
40
2.3 <
= VOUT2<3.0
25
50
∆VOUT2/
∆IOUT
Load Regulation
VIN
=VOUT2+1.0V
10
µA <
= IOUT <
= 25mA
VOUT2 >
= 3.0
35
65
mV
VOUT2<1.8V
0.7
VDIF
Dropout Voltage
IOUT
=50mA
VOUT2 >
= 1.8V
0.3
V
2.8V <
= VIN <
= 5.5V
IOUT
=25mA
VOUT2<2.3V
∆VOUT2/
∆VIN
Line Regulation
VOUT2
+0.5V <
= VIN <
= 5.5V
IOUT
=25mA
VOUT2 >
= 2.3V
0.2
%/V
RR
Ripple Rejection
Refer to Typical Characteristics
dB
∆VOUT/
∆Topt
Output Voltage
Temperature Coefficient
IOUT
=30mA,
−40°C <
= Topt <
= 85°C
±100
ppm/
°C
Ilim
Short Current Limit
VOUT
=0V
60
mA
IPDC
CE pull-down current
0.12
0.40
0.70
µA
VCEH
CE "H" Input Voltage
1.0
V
VCEL
CE "L" Input Voltage
0
0.3
V


Similar Part No. - R5220X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R52 ETC2-R52 Datasheet
150Kb / 1P
   Socket pins for .055 Diameter Holes
logo
Rohm
R5205CND ROHM-R5205CND Datasheet
204Kb / 6P
   10V Drive Nch MOSFET
R5205PND3FRA ROHM-R5205PND3FRA Datasheet
2Mb / 14P
   Nch 525V 5A Power MOSFET
R5207AND ROHM-R5207AND Datasheet
1Mb / 6P
   10V Drive Nch MOSFET
logo
RICOH electronics devic...
R5210X RICOH-R5210X Datasheet
143Kb / 13P
   Step-down DC/DC Converter with VR and Reset
More results

Similar Description - R5220X

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM600-SERIES ELM-TECH-ELM600-SERIES Datasheet
1Mb / 7P
   PWM step down DC/DC converter
logo
Shenzhen Huazhimei Semi...
HM1583A HMSEMI-HM1583A Datasheet
501Kb / 11P
   3.5A Step-Down PWM Switch-Mode DC/DC Converter
logo
RICOH electronics devic...
R1223N RICOH-R1223N Datasheet
207Kb / 19P
   PWM/VFM Step-down DC/DC Converter
R1224N RICOH-R1224N Datasheet
1Mb / 42P
   PWM/VFM step-down DC/DC Converter
logo
New Japan Radio
NJM2393 NJRC-NJM2393 Datasheet
137Kb / 7P
   Step-Down PWM DC/DC Converter IC
logo
RICOH electronics devic...
R1225N RICOH-R1225N Datasheet
263Kb / 31P
   PWM/VFM step-down DC/DC Converter
R1232D RICOH-R1232D Datasheet
845Kb / 24P
   PWM STEP-DOWN DC/DC CONVERTER WITH SYNCHRONOUS RECTIFIER
logo
Linear Technology
LT1612 LINER-LT1612_1 Datasheet
252Kb / 12P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
LT1612 LINER-LT1612_15 Datasheet
257Kb / 12P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
logo
ELM Technology Corporat...
ELM610DA ELM-TECH-ELM610DA_17 Datasheet
1Mb / 7P
   1.3A 36V PWM step down DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com