Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5322N002B-TR Datasheet(PDF) 3 Page - RICOH electronics devices division

Part # R5322N002B-TR
Description  120mA 2ch LDO REGULATORS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5322N002B-TR Datasheet(HTML) 3 Page - RICOH electronics devices division

  R5322N002B-TR Datasheet HTML 1Page - RICOH electronics devices division R5322N002B-TR Datasheet HTML 2Page - RICOH electronics devices division R5322N002B-TR Datasheet HTML 3Page - RICOH electronics devices division R5322N002B-TR Datasheet HTML 4Page - RICOH electronics devices division R5322N002B-TR Datasheet HTML 5Page - RICOH electronics devices division R5322N002B-TR Datasheet HTML 6Page - RICOH electronics devices division R5322N002B-TR Datasheet HTML 7Page - RICOH electronics devices division R5322N002B-TR Datasheet HTML 8Page - RICOH electronics devices division R5322N002B-TR Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
R5322N
3
SELECTION GUIDE
The output voltage, mask option, and the taping type for the ICs can be selected at the user’s request.
The selection can be made with designating the part number as shown below;
R5322Nxxxx-xx-x ←Part Number
↑ ↑ ↑ ↑
a b
c d
Code
Contents
a
Setting combination of 2ch Output Voltage (VOUT) :
Serial Number for Voltage Setting, Stepwise setting with a step of 0.1V in the range of
1.5V to 4.0V is possible for each channel.
b
Designation of Mask Option :
A Version: without auto discharge function at OFF state.
B Version: with auto discharge function at OFF state.
c
Designation of Taping Type :
Ex. TR (refer to Taping Specifications; TR type is the standard direction.)
d
Designation of Composition of pin plating.
-F : Lead free plating


Similar Part No. - R5322N002B-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5322N001A RICOH-R5322N001A Datasheet
213Kb / 23P
   SOT23-6W 120mA 2ch LDO REGULATORS
R5322N001A-TR RICOH-R5322N001A-TR Datasheet
213Kb / 23P
   SOT23-6W 120mA 2ch LDO REGULATORS
R5322N001B RICOH-R5322N001B Datasheet
213Kb / 23P
   SOT23-6W 120mA 2ch LDO REGULATORS
R5322N001B-TR RICOH-R5322N001B-TR Datasheet
213Kb / 23P
   SOT23-6W 120mA 2ch LDO REGULATORS
More results

Similar Description - R5322N002B-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5322N RICOH-R5322N Datasheet
213Kb / 23P
   SOT23-6W 120mA 2ch LDO REGULATORS
R5323N RICOH-R5323N Datasheet
568Kb / 19P
   SOT23-6 150mA 2ch LDO REGULATORS?
logo
Nisshinbo Micro Devices...
R1141Q NISSHINBO-R1141Q Datasheet
283Kb / 16P
   120mA LDO REGULATOR
logo
RICOH electronics devic...
R1141Q RICOH-R1141Q_17 Datasheet
219Kb / 16P
   120mA LDO REGULATOR
R1141Q RICOH-R1141Q Datasheet
373Kb / 15P
   SC82 120mA LDO REGULATOR????
R1140Q RICOH-R1140Q Datasheet
181Kb / 18P
   SC82 120mA LDO REGULATOR???
logo
Maxim Integrated Produc...
MAX8873R MAXIM-MAX8873R Datasheet
259Kb / 10P
   Low-Dropout, 120mA Linear Regulators
19-1257; Rev 2; 3/13
MAX8863T MAXIM-MAX8863T Datasheet
126Kb / 8P
   Low-Dropout, 120mA Linear Regulators
MAX8873T MAXIM-MAX8873T Datasheet
115Kb / 8P
   Low-Dropout, 120mA Linear Regulators
MAX8863 MAXIM-MAX8863 Datasheet
469Kb / 10P
   Low-Dropout, 120mA Linear Regulators
Rev 4; 7/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com