Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R3112Q431C Datasheet(PDF) 2 Page - RICOH electronics devices division

Part # R3112Q431C
Description  LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R3112Q431C Datasheet(HTML) 2 Page - RICOH electronics devices division

  R3112Q431C Datasheet HTML 1Page - RICOH electronics devices division R3112Q431C Datasheet HTML 2Page - RICOH electronics devices division R3112Q431C Datasheet HTML 3Page - RICOH electronics devices division R3112Q431C Datasheet HTML 4Page - RICOH electronics devices division R3112Q431C Datasheet HTML 5Page - RICOH electronics devices division R3112Q431C Datasheet HTML 6Page - RICOH electronics devices division R3112Q431C Datasheet HTML 7Page - RICOH electronics devices division R3112Q431C Datasheet HTML 8Page - RICOH electronics devices division R3112Q431C Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
R3112x
2
BLOCK DIAGRAMS
R3112xxx1A
R3112xxx1C
GND
VDD
-
+
Vref
OUT
RD
CD
GND
VDD
-
+
Vref
OUT
RD
CD
SELECTION GUIDE
The package type, the detector threshold, the output type, and the taping type of R3112x Series can be
designated at the users’ request by specifying the part number as follows;
R3112xxx1x-xx-x ← Part Number
↑ ↑ ↑ ↑ ↑
a b
c d e
Code
Contents
a
Designation of Package Type;
Q: SC-82AB
N: SOT-23-5
D: SON1612-6
b
Setting Detector Threshold (
−VDET);
Stepwise setting with a step of 0.1V in the range of 0.9V to 5.0V is possible.
c
Designation of Output Type;
A: Nch Open Drain
C: CMOS
d
Designation of Packing or Taping Type;
Ex. SOT-23-5, SC-82AB, SON1612-6: TR is prescribed as standard
directions. (Refer to Taping Specifications)
e
Designation of Composition of pin plating;
-F: Lead free plating (SOT-23-5, SC-82AB, SON1612-6)


Similar Part No. - R3112Q431C

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R3112Q451A RICOH-R3112Q451A Datasheet
267Kb / 16P
   LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
R3112Q451A-TR RICOH-R3112Q451A-TR Datasheet
267Kb / 16P
   LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
R3112Q451C RICOH-R3112Q451C Datasheet
267Kb / 16P
   LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
R3112Q451C-TR RICOH-R3112Q451C-TR Datasheet
267Kb / 16P
   LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
More results

Similar Description - R3112Q431C

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R3112X091A RICOH-R3112X091A Datasheet
267Kb / 16P
   LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
R3115Z RICOH-R3115Z Datasheet
884Kb / 28P
   LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
RN5VD RICOH-RN5VD Datasheet
198Kb / 28P
   VOLTAGE DETECTOR WITH OUTPUT DELAY
logo
Rohm
BU42XXG ROHM-BU42XXG Datasheet
341Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU42XXFVE ROHM-BU42XXFVE Datasheet
349Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU43XXG ROHM-BU43XXG Datasheet
326Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU42XXF ROHM-BU42XXF Datasheet
341Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU43XXF ROHM-BU43XXF Datasheet
326Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU43XXFVE ROHM-BU43XXFVE Datasheet
329Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
logo
Microchip Technology
TC51N5002ECBTR MICROCHIP-TC51N5002ECBTR Datasheet
449Kb / 14P
   1A Voltage Detector with Output Delay
05/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com