Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5321D008A-TR Datasheet(PDF) 9 Page - RICOH electronics devices division

Part # R5321D008A-TR
Description  CMOS 2ch-LDOs for RF Unit
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5321D008A-TR Datasheet(HTML) 9 Page - RICOH electronics devices division

Back Button R5321D008A-TR Datasheet HTML 5Page - RICOH electronics devices division R5321D008A-TR Datasheet HTML 6Page - RICOH electronics devices division R5321D008A-TR Datasheet HTML 7Page - RICOH electronics devices division R5321D008A-TR Datasheet HTML 8Page - RICOH electronics devices division R5321D008A-TR Datasheet HTML 9Page - RICOH electronics devices division R5321D008A-TR Datasheet HTML 10Page - RICOH electronics devices division R5321D008A-TR Datasheet HTML 11Page - RICOH electronics devices division R5321D008A-TR Datasheet HTML 12Page - RICOH electronics devices division R5321D008A-TR Datasheet HTML 13Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
R5321D
9
VR1 (5V)
VR2 (5V)
0
1.0
2.0
6.0
5.0
4.0
3.0
0
0.1
0.2
0.3
Output Current IOUT1(A)
0.4
0.5
0.6
VIN=6.0V
VIN=5.5V
VIN=5.3V
0
1.0
2.0
6.0
5.0
4.0
3.0
0
0.1
0.2
0.3
Output Current IOUT2(A)
0.4
0.5
0.6
VIN=6.0V
VIN=5.5V
VIN=5.3V
VIN=6.0V
VIN=5.5V
VIN=5.3V
2) Output Voltage vs. Input Voltage
VR1 (2V)
VR2 (2V)
0
0.5
2.5
2.0
1.5
1.0
0
2.0
Input Voltage VIN(V)
4.0
IOUT=1mA
IOUT=30mA
IOUT=50mA
6.0
0
0.5
2.5
2.0
1.5
1.0
0
2.0
Input Voltage VIN(V)
4.0
IOUT=1mA
IOUT=30mA
IOUT=50mA
6.0
VR1 (3V)
VR2 (3V)
0
1.0
4.0
3.0
2.0
0
2.0
Input Voltage VIN(V)
4.0
IOUT=1mA
IOUT=30mA
IOUT=50mA
6.0
0
1.0
4.0
3.0
2.0
0
2.0
Input Voltage VIN(V)
4.0
IOUT=1mA
IOUT=30mA
IOUT=50mA
6.0


Similar Part No. - R5321D008A-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5320G RICOH-R5320G Datasheet
271Kb / 30P
   CMOS Multi-LDOs for RF Unit
R5320G001A RICOH-R5320G001A Datasheet
271Kb / 30P
   CMOS Multi-LDOs for RF Unit
R5320G001A-TR RICOH-R5320G001A-TR Datasheet
271Kb / 30P
   CMOS Multi-LDOs for RF Unit
R5320X RICOH-R5320X Datasheet
288Kb / 28P
   CMOS 3CH-LDOs for RF Unit
R5322N RICOH-R5322N Datasheet
213Kb / 23P
   SOT23-6W 120mA 2ch LDO REGULATORS
More results

Similar Description - R5321D008A-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5324D RICOH-R5324D_07 Datasheet
398Kb / 29P
   CMOS 3ch-LDOs for RF Unit
R5324D RICOH-R5324D Datasheet
251Kb / 28P
   CMOS 3CH-LDOs for RF Unit
logo
ON Semiconductor
NCP4523 ONSEMI-NCP4523 Datasheet
132Kb / 24P
   CMOS 3CH-LDOs for RF Unit
December, 2004 ??Rev. 4
logo
RICOH electronics devic...
R5320G RICOH-R5320G Datasheet
271Kb / 30P
   CMOS Multi-LDOs for RF Unit
R5320X RICOH-R5320X Datasheet
288Kb / 28P
   CMOS 3CH-LDOs for RF Unit
logo
ON Semiconductor
NCP4523G3T1G ONSEMI-NCP4523G3T1G Datasheet
127Kb / 24P
   CMOS 3CH?묹DOs for RF Unit
September, 2005 ??Rev. 6
logo
Semtech Corporation
SC653 SEMTECH-SC653 Datasheet
309Kb / 22P
   Light Management Unit with 2 LDOs and SemPulse짰Interface
SC643 SEMTECH-SC643 Datasheet
355Kb / 26P
   Light Management Unit with 4 LDOs and SemPulse짰Interface
SC644 SEMTECH-SC644 Datasheet
609Kb / 26P
   Light Management Unit with 4 LDOs and SemPulse짰Interface
logo
ams AG
AS1339 AMSCO-AS1339 Datasheet
3Mb / 25P
   650mA RF Step-Down DC-DC for PA, with two LDOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com