Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1172N221B Datasheet(PDF) 3 Page - RICOH electronics devices division

Part # R1172N221B
Description  SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1172N221B Datasheet(HTML) 3 Page - RICOH electronics devices division

  R1172N221B Datasheet HTML 1Page - RICOH electronics devices division R1172N221B Datasheet HTML 2Page - RICOH electronics devices division R1172N221B Datasheet HTML 3Page - RICOH electronics devices division R1172N221B Datasheet HTML 4Page - RICOH electronics devices division R1172N221B Datasheet HTML 5Page - RICOH electronics devices division R1172N221B Datasheet HTML 6Page - RICOH electronics devices division R1172N221B Datasheet HTML 7Page - RICOH electronics devices division R1172N221B Datasheet HTML 8Page - RICOH electronics devices division R1172N221B Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
R1172x
3
PIN CONFIGURATIONS
SOT-23-5
SOT-89-5
1
4
5
2
3
(mark side)
13
54
2
HSON-6
HSOP-6J
Top View
Bottom View
4
5
6
3
2
1
6
5
4
1
2
3
13
64
2
5
PIN DESCRIPTIONS
• SOT-23-5
• SOT-89-5
Pin No.
Symbol
Description
Pin No.
Symbol
Description
1
VOUT
Voltage Regulator Output Pin
1
CE or CE
Chip Enable Pin
2
GND
Ground Pin
2
GND
Ground Pin
3
VDD
Input Pin
3
NC
No Connection
4
NC
No Connection
4
VDD
Input Pin
5
CE or CE
Chip Enable Pin
5
VOUT
Voltage Regulator Output Pin
• HSON-6*1
• HSOP-6J
Pin No.
Symbol
Description
Pin No.
Symbol
Description
1
VOUT*
2
Voltage Regulator Output Pin
1
VOUT
Voltage Regulator Output Pin
2
VOUT*
2
Voltage Regulator Output Pin
2
GND
Ground Pin
3
CE or CE
Chip Enable Pin
3
CE or CE
Chip Enable Pin
4
GND
Ground Pin
4
NC
No Connection
5
VDD
Input Pin
5
GND
Ground Pin
6
VDD
Input Pin
6
VDD
Input Pin
*1) Tab in the
parts have GND level. (They are connected to the reverse side of this IC.)
Do not connect to other wires or land patterns.
*2) Connect Pin1 and Pin2 as short as possible.


Similar Part No. - R1172N221B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1172N201A-TR-FE RICOH-R1172N201A-TR-FE Datasheet
446Kb / 25P
   SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
R1172N201B-TR-FE RICOH-R1172N201B-TR-FE Datasheet
446Kb / 25P
   SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
R1172N201D-TR-FE RICOH-R1172N201D-TR-FE Datasheet
446Kb / 25P
   SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
R1172N251A-TR-FE RICOH-R1172N251A-TR-FE Datasheet
446Kb / 25P
   SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
R1172N251B-TR-FE RICOH-R1172N251B-TR-FE Datasheet
446Kb / 25P
   SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
More results

Similar Description - R1172N221B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1172 RICOH-R1172 Datasheet
446Kb / 25P
   SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
logo
Nisshinbo Micro Devices...
R1172X NISSHINBO-R1172X Datasheet
519Kb / 25P
   SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
logo
RICOH electronics devic...
R1172N081 RICOH-R1172N081_17 Datasheet
446Kb / 25P
   SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
logo
Unisonic Technologies
LR9273 UTC-LR9273 Datasheet
285Kb / 9P
   SUPER LOW ON RESISTANCE/LOW VOLTAGE 1A LDO REGULATOR
LR9273 UTC-LR9273_17 Datasheet
287Kb / 9P
   SUPER LOW ON RESISTANCE/LOW VOLTAGE 1A LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1173X NISSHINBO-R1173X Datasheet
1Mb / 38P
   Super low on resistance/Low voltage LDO
logo
RICOH electronics devic...
R1173 RICOH-R1173 Datasheet
546Kb / 26P
   Super low on resistance/Low voltage LDO
R1173H081B RICOH-R1173H081B Datasheet
656Kb / 33P
   Super low on resistance/Low voltage LDO
logo
Unisonic Technologies
LR9272G-XX-AA3-C-R UTC-LR9272G-XX-AA3-C-R Datasheet
220Kb / 5P
   SUPER LOW ON RESISTANCE
logo
Micrel Semiconductor
MIC37100 MICREL-MIC37100_07 Datasheet
707Kb / 15P
   1A Low-Voltage 關Cap LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com