Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5328K Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # R5328K
Description  Low Voltage 3-Mode 2ch 150mA LDO
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5328K Datasheet(HTML) 1 Page - RICOH electronics devices division

  R5328K Datasheet HTML 1Page - RICOH electronics devices division R5328K Datasheet HTML 2Page - RICOH electronics devices division R5328K Datasheet HTML 3Page - RICOH electronics devices division R5328K Datasheet HTML 4Page - RICOH electronics devices division R5328K Datasheet HTML 5Page - RICOH electronics devices division R5328K Datasheet HTML 6Page - RICOH electronics devices division R5328K Datasheet HTML 7Page - RICOH electronics devices division R5328K Datasheet HTML 8Page - RICOH electronics devices division R5328K Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
R5328K SERIES
Low Voltage 3-Mode 2ch 150mA LDO
NO.EA-139-061106
1
OUTLINE
The R5328K Series are dual 150mA voltage regulator ICs with 3-mode. The 3-mode describes that they are
the inactive standby, the active fast mode, and the active low power mode. The two active modes can be
switched over with ECO pin. With this function, the output voltage maintains the level, and the mode can be
switched over.
The minimum operating voltage is 1.4V, and the output voltage range is from 0.8V to 4.0V.
Since the package for these ICs is PLP2020-8, high density mounting of the ICs on boards is possible.
FEATURES
• Supply Current (Low Power Mode)...................Typ. 2.0µA×2 (VR1&VR2) (VOUT<2.0V)
Typ. 2.5
µA×2 (VR1&VR2) (VOUT >
= 2.0V)
• Supply Current (Fast Mode)..............................Typ. 75µA×2 (VR1&VR2) (VOUT<2.0V)
Typ. 65
µA×2 (VR1&VR2) (VOUT >
= 2.0V)
• Standby Mode ...................................................Typ. 0.1µA (VR1&VR2)
• Input Voltage .....................................................1.4V to 6.0V
• Output Voltage ..................................................0.8V to 4.0V
• Dropout Voltage ................................................Typ. 0.25V (IOUT=150mA VOUT=2.8V)
• Ripple Rejection (Fast Mode) ...........................Typ. 70dB (f=1kHz, VOUT=2.8V)
Typ. 55dB (f
=10kHz, VOUT=2.8V)
• Excellent Line Regulation .................................Typ. 0.02%/V (VOUT >
= 1.5V)
• Output Voltage Accuracy (Fast Mode) ..............±1.0%
• Output Voltage Accuracy (Low Power Mode) ...±1.5%
• Low Temperature-drift Coefficient of Output Voltage ....Typ. ±100ppm/°C
• Package ............................................................PLP2020-8
• Built-in fold-back protection circuit ....................Typ. 50mA (Current at short mode)
• Ceramic Capacitor is recommended. ..............1.0µF
• Built-in chip enable circuit (A/B: active high)
(Depending on VIN and set VOUT. Refer to the electrical characteristics table.)
APPLICATIONS
• Power source for handheld communication equipment.
• Power source for electrical appliances such as cameras, VCRs and camcorders.
• Power source for battery-powered equipment.


Similar Part No. - R5328K

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5328K008-TR RICOH-R5328K008-TR Datasheet
711Kb / 36P
   Supply Current (Low Power Mode) Typ. 2.0uA횞2 (VR1&VR2) (VOUT<2.0V)
R5328K015-TR RICOH-R5328K015-TR Datasheet
711Kb / 36P
   Supply Current (Low Power Mode) Typ. 2.0uA횞2 (VR1&VR2) (VOUT<2.0V)
R5328K020-TR RICOH-R5328K020-TR Datasheet
711Kb / 36P
   Supply Current (Low Power Mode) Typ. 2.0uA횞2 (VR1&VR2) (VOUT<2.0V)
R5328K025-TR RICOH-R5328K025-TR Datasheet
711Kb / 36P
   Supply Current (Low Power Mode) Typ. 2.0uA횞2 (VR1&VR2) (VOUT<2.0V)
R5328K030-TR RICOH-R5328K030-TR Datasheet
711Kb / 36P
   Supply Current (Low Power Mode) Typ. 2.0uA횞2 (VR1&VR2) (VOUT<2.0V)
More results

Similar Description - R5328K

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5326X RICOH-R5326X_07 Datasheet
652Kb / 35P
   Automatic Mode Shift 2ch 150mA LDO
logo
E-Tech Electronics LTD
LR3XXYYB ETL-LR3XXYYB Datasheet
307Kb / 8P
   150mA 2CH LDO REGULATOR
logo
Unisonic Technologies
LR3XXYYB UTC-LR3XXYYB_15 Datasheet
307Kb / 8P
   150mA 2CH LDO REGULATOR
logo
RICOH electronics devic...
R5323X RICOH-R5323X Datasheet
603Kb / 31P
   150mA 2ch LDO REGULATOR
R5325X RICOH-R5325X Datasheet
632Kb / 25P
   150mA 2ch LDO REGULATOR
logo
Unisonic Technologies
LR3XXYYB UTC-LR3XXYYB Datasheet
212Kb / 7P
   150mA 2CH LDO REGULATOR
logo
RICOH electronics devic...
R1162N151B RICOH-R1162N151B Datasheet
843Kb / 31P
   3-MODE 150mA LDO REGULATOR
R5323N RICOH-R5323N Datasheet
568Kb / 19P
   SOT23-6 150mA 2ch LDO REGULATORS?
R1182K121B RICOH-R1182K121B Datasheet
975Kb / 23P
   Low Voltage 150mA LDO REGULATOR
logo
Calogic, LLC
CLM5205 CALOGIC-CLM5205 Datasheet
46Kb / 3P
   150mA Low-Noise LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com