Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5328K Datasheet(PDF) 11 Page - RICOH electronics devices division

Part # R5328K
Description  Low Voltage 3-Mode 2ch 150mA LDO
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5328K Datasheet(HTML) 11 Page - RICOH electronics devices division

Back Button R5328K Datasheet HTML 7Page - RICOH electronics devices division R5328K Datasheet HTML 8Page - RICOH electronics devices division R5328K Datasheet HTML 9Page - RICOH electronics devices division R5328K Datasheet HTML 10Page - RICOH electronics devices division R5328K Datasheet HTML 11Page - RICOH electronics devices division R5328K Datasheet HTML 12Page - RICOH electronics devices division R5328K Datasheet HTML 13Page - RICOH electronics devices division R5328K Datasheet HTML 14Page - RICOH electronics devices division R5328K Datasheet HTML 15Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
R5328K
11
2.8V (VR1/VR2)
2.8V (VR1/VR2)
0
3.0
1.5
1.0
2.5
2.0
0.5
05
4
23
16
Input Voltage VIN(V)
IOUT=1mA
IOUT=30mA
IOUT=100mA
IOUT=150mA
ECO=H
0
3.0
1.5
1.0
2.5
0.5
05
4
23
16
Input Voltage VIN(V)
IOUT=1mA
IOUT=30mA
IOUT=100mA
IOUT=150mA
ECO=L
2.0
4.0V (VR1/VR2)
4.0V (VR1/VR2)
0
4.5
1.5
1.0
3.5
2.5
2.0
4.0
3.0
0.5
05
4
23
16
Input Voltage VIN(V)
IOUT=1mA
IOUT=30mA
IOUT=100mA
IOUT=150mA
ECO=H
0
4.5
1.5
1.0
3.5
2.5
2.0
4.0
3.0
0.5
05
4
23
16
Input Voltage VIN(V)
IOUT=1mA
IOUT=30mA
IOUT=100mA
IOUT=150mA
ECO=L
3) Supply Current vs. Input Voltage (Topt=25
°C)
0.8V (VR1/VR2)
0.8V (VR1/VR2)
0
90
30
20
50
70
40
60
80
10
05
3
14
26
Input Voltage VIN(V)
ECO=H
0
3.0
1.5
1.0
2.5
2.0
0.5
05
3
14
26
Input Voltage VIN(V)
ECO=L


Similar Part No. - R5328K

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5328K008-TR RICOH-R5328K008-TR Datasheet
711Kb / 36P
   Supply Current (Low Power Mode) Typ. 2.0uA횞2 (VR1&VR2) (VOUT<2.0V)
R5328K015-TR RICOH-R5328K015-TR Datasheet
711Kb / 36P
   Supply Current (Low Power Mode) Typ. 2.0uA횞2 (VR1&VR2) (VOUT<2.0V)
R5328K020-TR RICOH-R5328K020-TR Datasheet
711Kb / 36P
   Supply Current (Low Power Mode) Typ. 2.0uA횞2 (VR1&VR2) (VOUT<2.0V)
R5328K025-TR RICOH-R5328K025-TR Datasheet
711Kb / 36P
   Supply Current (Low Power Mode) Typ. 2.0uA횞2 (VR1&VR2) (VOUT<2.0V)
R5328K030-TR RICOH-R5328K030-TR Datasheet
711Kb / 36P
   Supply Current (Low Power Mode) Typ. 2.0uA횞2 (VR1&VR2) (VOUT<2.0V)
More results

Similar Description - R5328K

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5326X RICOH-R5326X_07 Datasheet
652Kb / 35P
   Automatic Mode Shift 2ch 150mA LDO
logo
E-Tech Electronics LTD
LR3XXYYB ETL-LR3XXYYB Datasheet
307Kb / 8P
   150mA 2CH LDO REGULATOR
logo
Unisonic Technologies
LR3XXYYB UTC-LR3XXYYB_15 Datasheet
307Kb / 8P
   150mA 2CH LDO REGULATOR
logo
RICOH electronics devic...
R5323X RICOH-R5323X Datasheet
603Kb / 31P
   150mA 2ch LDO REGULATOR
R5325X RICOH-R5325X Datasheet
632Kb / 25P
   150mA 2ch LDO REGULATOR
logo
Unisonic Technologies
LR3XXYYB UTC-LR3XXYYB Datasheet
212Kb / 7P
   150mA 2CH LDO REGULATOR
logo
RICOH electronics devic...
R1162N151B RICOH-R1162N151B Datasheet
843Kb / 31P
   3-MODE 150mA LDO REGULATOR
R5323N RICOH-R5323N Datasheet
568Kb / 19P
   SOT23-6 150mA 2ch LDO REGULATORS?
R1182K121B RICOH-R1182K121B Datasheet
975Kb / 23P
   Low Voltage 150mA LDO REGULATOR
logo
Calogic, LLC
CLM5205 CALOGIC-CLM5205 Datasheet
46Kb / 3P
   150mA Low-Noise LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com