Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1173H301D Datasheet(PDF) 3 Page - RICOH electronics devices division

Part # R1173H301D
Description  Super low on resistance/Low voltage LDO
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1173H301D Datasheet(HTML) 3 Page - RICOH electronics devices division

  R1173H301D Datasheet HTML 1Page - RICOH electronics devices division R1173H301D Datasheet HTML 2Page - RICOH electronics devices division R1173H301D Datasheet HTML 3Page - RICOH electronics devices division R1173H301D Datasheet HTML 4Page - RICOH electronics devices division R1173H301D Datasheet HTML 5Page - RICOH electronics devices division R1173H301D Datasheet HTML 6Page - RICOH electronics devices division R1173H301D Datasheet HTML 7Page - RICOH electronics devices division R1173H301D Datasheet HTML 8Page - RICOH electronics devices division R1173H301D Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
R1173x
3
SELECTION GUIDE
The output voltage, auto discharge function*, the package type, etc. can be selected at the user's request.
The selection can be made with the part number as follows;
R1173xxx1x-xx-x ←Part Number
↑ ↑ ↑ ↑ ↑
a b
c d
e
Code
Contents
A
Package Type;
H: SOT-89-5, D: HSON-6, S: HSOP-6J
b
Designation of Output Voltage (VOUT)
External Setting Type: 00
(ADJ pin voltage is fixed at 1.0V.)
Fixed Type: 08 to 50
(Stepwise setting with 0.1V increment in the range from 0.8V to 5.0V, exceptions;
1.85V output: R1173x181x5-xx, 2.85V output: R1173x281x5-xx)
c
Designation of Mask Option:
B: Built-in Chip Enable Circuit, Active at "H", without auto discharge function*
D: Built-in Chip Enable Circuit, Active at "H", with auto discharge function*
d
Designation of Taping Type;
T1 (SOT-89-5), TR (HSON-6), E2 (HSOP-6J)
(Refer to Taping Specifications)
e
Designation of composition of plating:
−F: Lead free plating (SOT-89-5, HSON-6, HSOP-6J)
*) When the mode is into standby with CE signal, auto discharge transistor turns on, and it makes the turn-off
speed faster than normal type.
PIN CONFIGURATIONS
SOT-89-5
HSON-6
HSOP-6J
1
3
5
4
2
Top View
Bottom View
6
5
4
45
6
1
2
3
3
2
1
1
3
6
4
2
5


Similar Part No. - R1173H301D

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1173H301D RICOH-R1173H301D Datasheet
106Kb / 1P
   SERIES MARK SPECIFICATION
R1173H301D-T1-FE RICOH-R1173H301D-T1-FE Datasheet
546Kb / 26P
   Super low on resistance/Low voltage LDO
More results

Similar Description - R1173H301D

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1173X NISSHINBO-R1173X Datasheet
1Mb / 38P
   Super low on resistance/Low voltage LDO
logo
RICOH electronics devic...
R1173 RICOH-R1173 Datasheet
546Kb / 26P
   Super low on resistance/Low voltage LDO
R1172 RICOH-R1172 Datasheet
446Kb / 25P
   SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
R1172N081A RICOH-R1172N081A Datasheet
838Kb / 36P
   SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
logo
Nisshinbo Micro Devices...
R1172X NISSHINBO-R1172X Datasheet
519Kb / 25P
   SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
logo
RICOH electronics devic...
R1172N081 RICOH-R1172N081_17 Datasheet
446Kb / 25P
   SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
logo
Unisonic Technologies
LR9273 UTC-LR9273_17 Datasheet
287Kb / 9P
   SUPER LOW ON RESISTANCE/LOW VOLTAGE 1A LDO REGULATOR
LR9273 UTC-LR9273 Datasheet
285Kb / 9P
   SUPER LOW ON RESISTANCE/LOW VOLTAGE 1A LDO REGULATOR
LR9272G-XX-AA3-C-R UTC-LR9272G-XX-AA3-C-R Datasheet
220Kb / 5P
   SUPER LOW ON RESISTANCE
logo
Advanced Power Electron...
AP2623GY-HF A-POWER-AP2623GY-HF_14 Datasheet
103Kb / 4P
   Low On-resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com