Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5220D241B Datasheet(PDF) 11 Page - RICOH electronics devices division

Part # R5220D241B
Description  PWM Step-down DC/DC Converter with switch function
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5220D241B Datasheet(HTML) 11 Page - RICOH electronics devices division

Back Button R5220D241B Datasheet HTML 7Page - RICOH electronics devices division R5220D241B Datasheet HTML 8Page - RICOH electronics devices division R5220D241B Datasheet HTML 9Page - RICOH electronics devices division R5220D241B Datasheet HTML 10Page - RICOH electronics devices division R5220D241B Datasheet HTML 11Page - RICOH electronics devices division R5220D241B Datasheet HTML 12Page - RICOH electronics devices division R5220D241B Datasheet HTML 13Page - RICOH electronics devices division R5220D241B Datasheet HTML 14Page - RICOH electronics devices division R5220D241B Datasheet HTML 15Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
R5220x
11
TEST CIRCUITS
A
Lx
GND
MODE
V
V
Lx
GND
MODE
VIN
VOUT
CE
OSCILLOSCOPE
Lx
GND
MODE
V
V
Lx
GND
MODE
VIN
VOUT
CE
Supply Current 1,2,3
Output Voltage(DC/DC)
OSCILLOSCOPE
Lx
GND
MODE
V
V
Lx
GND
MODE
VIN
VOUT
CE
OSCILLOSCOPE
Lx
GND
MODE
V
V
Lx
GND
MODE
VIN
VOUT
CE
Oscillator Frequency
Soft-start Time
A
Lx
GND
MODE
V
V
Lx
GND
MODE
VIN
VOUT
CE
OSCILLOSCOPE
Lx
GND
MODE
V
V
Lx
GND
MODE
VIN
VOUT
CE
Lx Leakage Current
Lx Current Limit, Output Delay for Protection
Lx Pch transistor ON resistance
Nch transistor ON resistance


Similar Part No. - R5220D241B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R52 ETC2-R52 Datasheet
150Kb / 1P
   Socket pins for .055 Diameter Holes
logo
Rohm
R5205CND ROHM-R5205CND Datasheet
204Kb / 6P
   10V Drive Nch MOSFET
R5205PND3FRA ROHM-R5205PND3FRA Datasheet
2Mb / 14P
   Nch 525V 5A Power MOSFET
R5207AND ROHM-R5207AND Datasheet
1Mb / 6P
   10V Drive Nch MOSFET
logo
RICOH electronics devic...
R5210X RICOH-R5210X Datasheet
143Kb / 13P
   Step-down DC/DC Converter with VR and Reset
More results

Similar Description - R5220D241B

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM600-SERIES ELM-TECH-ELM600-SERIES Datasheet
1Mb / 7P
   PWM step down DC/DC converter
logo
Shenzhen Huazhimei Semi...
HM1583A HMSEMI-HM1583A Datasheet
501Kb / 11P
   3.5A Step-Down PWM Switch-Mode DC/DC Converter
logo
RICOH electronics devic...
R1223N RICOH-R1223N Datasheet
207Kb / 19P
   PWM/VFM Step-down DC/DC Converter
R1224N RICOH-R1224N Datasheet
1Mb / 42P
   PWM/VFM step-down DC/DC Converter
logo
New Japan Radio
NJM2393 NJRC-NJM2393 Datasheet
137Kb / 7P
   Step-Down PWM DC/DC Converter IC
logo
RICOH electronics devic...
R1225N RICOH-R1225N Datasheet
263Kb / 31P
   PWM/VFM step-down DC/DC Converter
R1232D RICOH-R1232D Datasheet
845Kb / 24P
   PWM STEP-DOWN DC/DC CONVERTER WITH SYNCHRONOUS RECTIFIER
logo
Linear Technology
LT1612 LINER-LT1612_1 Datasheet
252Kb / 12P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
LT1612 LINER-LT1612_15 Datasheet
257Kb / 12P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
logo
ELM Technology Corporat...
ELM610DA ELM-TECH-ELM610DA_17 Datasheet
1Mb / 7P
   1.3A 36V PWM step down DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com