Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5328K003B Datasheet(PDF) 6 Page - RICOH electronics devices division

Part # R5328K003B
Description  Low Voltage 3-Mode 2ch 150mA LDO
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5328K003B Datasheet(HTML) 6 Page - RICOH electronics devices division

Back Button R5328K003B Datasheet HTML 2Page - RICOH electronics devices division R5328K003B Datasheet HTML 3Page - RICOH electronics devices division R5328K003B Datasheet HTML 4Page - RICOH electronics devices division R5328K003B Datasheet HTML 5Page - RICOH electronics devices division R5328K003B Datasheet HTML 6Page - RICOH electronics devices division R5328K003B Datasheet HTML 7Page - RICOH electronics devices division R5328K003B Datasheet HTML 8Page - RICOH electronics devices division R5328K003B Datasheet HTML 9Page - RICOH electronics devices division R5328K003B Datasheet HTML 10Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
R5328K
6
Electrical Characteristics by Output Voltage
Dropout Voltage VDIF (mV)
VDIF (ECO
=”H”)
VDIF (ECO
=”L”)
Output Voltage
VOUT (V)
Condition
Typ.
Max.
Typ.
Max.
0.8V <
= VOUT < 0.9V
755
1100
795
1100
0.9V <
= VOUT < 1.0V
675
950
715
960
1.0V <
= VOUT < 1.2V
600
890
645
930
1.2V <
= VOUT < 1.5V
490
730
520
770
1.5V <
= VOUT < 2.0V
395
610
415
640
2.0V <
= VOUT < 2.6V
310
440
315
445
2.8V <
= VOUT <
= 4.0V
IOUT
=150mA
250
350
255
350
*Recommended Ceramic capacitor for Output:
General Example of External Components
Ceramic Capacitors:
TYPICAL APPLIATION
C3
C2
C1
OUT1
OUT2
IN
CE2
VDD
CE1
GND
VOUT1
ECO2
ECO1
VOUT2
3
2
8
4
7
6
5
1
R5328K Series
(External Components)
Output Capacitor; Ceramic Type
CM05X5R105K06AB (Kyocera)
C1005JB0J105K (TDK)
GRM155B30J105KE18B (Murata)


Similar Part No. - R5328K003B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5328K008-TR RICOH-R5328K008-TR Datasheet
711Kb / 36P
   Supply Current (Low Power Mode) Typ. 2.0uA횞2 (VR1&VR2) (VOUT<2.0V)
More results

Similar Description - R5328K003B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5326X RICOH-R5326X_07 Datasheet
652Kb / 35P
   Automatic Mode Shift 2ch 150mA LDO
logo
E-Tech Electronics LTD
LR3XXYYB ETL-LR3XXYYB Datasheet
307Kb / 8P
   150mA 2CH LDO REGULATOR
logo
Unisonic Technologies
LR3XXYYB UTC-LR3XXYYB_15 Datasheet
307Kb / 8P
   150mA 2CH LDO REGULATOR
logo
RICOH electronics devic...
R5323X RICOH-R5323X Datasheet
603Kb / 31P
   150mA 2ch LDO REGULATOR
R5325X RICOH-R5325X Datasheet
632Kb / 25P
   150mA 2ch LDO REGULATOR
logo
Unisonic Technologies
LR3XXYYB UTC-LR3XXYYB Datasheet
212Kb / 7P
   150mA 2CH LDO REGULATOR
logo
RICOH electronics devic...
R1162N151B RICOH-R1162N151B Datasheet
843Kb / 31P
   3-MODE 150mA LDO REGULATOR
R5323N RICOH-R5323N Datasheet
568Kb / 19P
   SOT23-6 150mA 2ch LDO REGULATORS?
R1182K121B RICOH-R1182K121B Datasheet
975Kb / 23P
   Low Voltage 150mA LDO REGULATOR
logo
Calogic, LLC
CLM5205 CALOGIC-CLM5205 Datasheet
46Kb / 3P
   150mA Low-Noise LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com