Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5220D301B Datasheet(PDF) 9 Page - RICOH electronics devices division

Part # R5220D301B
Description  PWM Step-down DC/DC Converter with switch function
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5220D301B Datasheet(HTML) 9 Page - RICOH electronics devices division

Back Button R5220D301B Datasheet HTML 5Page - RICOH electronics devices division R5220D301B Datasheet HTML 6Page - RICOH electronics devices division R5220D301B Datasheet HTML 7Page - RICOH electronics devices division R5220D301B Datasheet HTML 8Page - RICOH electronics devices division R5220D301B Datasheet HTML 9Page - RICOH electronics devices division R5220D301B Datasheet HTML 10Page - RICOH electronics devices division R5220D301B Datasheet HTML 11Page - RICOH electronics devices division R5220D301B Datasheet HTML 12Page - RICOH electronics devices division R5220D301B Datasheet HTML 13Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
R5220x
9
TIMING CHART
1) IC start-up
The timing chart as shown in the next describes the operation starting the IC is enabled with CE. When the CE
pin voltage becomes higher than the threshold voltage, the IC’s operations starts. At first, only the voltage
regulator (VR) starts. The threshold level of the CE pin is between CE “H” input voltage and CE “L” input voltage.
After starting the operation, the output capacitor (COUT) is charged with the output current of the VR, and the
output level becomes the set VR output voltage. At this moment, the output of Lx is “off”, (“Hi-Z”), the pin voltage,
VLX
=VOUT through the external inductor L.
Secondly, the Mode pin voltage is higher than the threshold voltage, internal operation of DC/DC starts. The
threshold level is between Mode “H” input voltage and Mode “L” input voltage. The soft-start circuit inside the
DC/DC converter’s operation is as follows:
(Case 1) DC/DC output voltage < VR output voltage
After the soft-start time, while the output voltage level is down from the VR output voltage to DC/DC output
voltage, the circuit is waiting for the start of DC/DC operation. When the output voltage reaches so set DC/DC
output voltage level, the actual DC/DC operation starts.
(Case 2) DC/DC output voltage> VR output voltage
The soft-start circuit of DC/DC converter makes the voltage reference unit of the IC rise gradually and be
constant. After the voltage reference unit reaches the constant level which the output voltage of DC/DC
converter can balance becomes the output voltage of VR, the set output voltage of DC/DC converter may be
realized.
Therefore, the soft-start time means the time range of starting to the time when the voltage reference unit
reaches the constant level, and the soft-start time is different from turning on speed in some cases. The
operation starting time depends on the ability of the power supply, the load current, the inductance value, the
capacitance value, and the voltage difference between the set VR output and the set DC/DC output.
If CE and Mode are on at once, the same operation as above is happened except the VR start-up and
Soft-start operation start at the same time.
If Mode signal is forced earlier than CE signal, this IC is stand-by until CE signal comes. Therefore when the
CE signal is set, the IC operation starts as above.
• V
OUT
voltage rising speed at start-up with power supply is affected by the next conditions:
1.The turning on speed of VIN voltage limited by the power supply to the IC and the input capacitor CIN.
2.The output capacitor, COUT value and load current.
• DC/DC operation starting time
1.If the VR output >
= DC/DC output, the operation starting time of the DC/DC converter is approximately equal to
the next formula.
TDC/DC_ACT
= TSS + (VOUT_VR − VOUT_DC/DC + 15mV) × COUT / (load current at mode change + 1µA)
TSS: Soft-start time
VOUT_VR: VR output voltage
VOUT_DC/DC: DC/DC Output Voltage
*1
µA is the supply current of the IC itself for the output.
2.If the VR output < DC/DC output, the operation starting time is the soft-start time
+ starting operation time
which depends on the power supply, the load current, and the external components.


Similar Part No. - R5220D301B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R52 ETC2-R52 Datasheet
150Kb / 1P
   Socket pins for .055 Diameter Holes
logo
Rohm
R5205CND ROHM-R5205CND Datasheet
204Kb / 6P
   10V Drive Nch MOSFET
R5205PND3FRA ROHM-R5205PND3FRA Datasheet
2Mb / 14P
   Nch 525V 5A Power MOSFET
R5207AND ROHM-R5207AND Datasheet
1Mb / 6P
   10V Drive Nch MOSFET
logo
RICOH electronics devic...
R5210X RICOH-R5210X Datasheet
143Kb / 13P
   Step-down DC/DC Converter with VR and Reset
More results

Similar Description - R5220D301B

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM600-SERIES ELM-TECH-ELM600-SERIES Datasheet
1Mb / 7P
   PWM step down DC/DC converter
logo
Shenzhen Huazhimei Semi...
HM1583A HMSEMI-HM1583A Datasheet
501Kb / 11P
   3.5A Step-Down PWM Switch-Mode DC/DC Converter
logo
RICOH electronics devic...
R1223N RICOH-R1223N Datasheet
207Kb / 19P
   PWM/VFM Step-down DC/DC Converter
R1224N RICOH-R1224N Datasheet
1Mb / 42P
   PWM/VFM step-down DC/DC Converter
logo
New Japan Radio
NJM2393 NJRC-NJM2393 Datasheet
137Kb / 7P
   Step-Down PWM DC/DC Converter IC
logo
RICOH electronics devic...
R1225N RICOH-R1225N Datasheet
263Kb / 31P
   PWM/VFM step-down DC/DC Converter
R1232D RICOH-R1232D Datasheet
845Kb / 24P
   PWM STEP-DOWN DC/DC CONVERTER WITH SYNCHRONOUS RECTIFIER
logo
Linear Technology
LT1612 LINER-LT1612_1 Datasheet
252Kb / 12P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
LT1612 LINER-LT1612_15 Datasheet
257Kb / 12P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
logo
ELM Technology Corporat...
ELM610DA ELM-TECH-ELM610DA_17 Datasheet
1Mb / 7P
   1.3A 36V PWM step down DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com