Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZW06-5V8B Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BZW06-5V8B
Description  Transient Voltage Suppressor Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZW06-5V8B Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BZW06-5V8B Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZW06-5V8B Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZW06-5V8B Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZW06-5V8B Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RATINGS AND CHARACTERISTIC CURVES (BZW06-5V8(B)/376(B)SERIES)
FIG.2- PEAK PULSE POWER DISSIPATION VERSUS
INITIAL JUNCTION TEMPERATURE
(PRINTED CIRCUIT BOARD)
0
20
100
140
160
180
200
0
20
FIG.1- PEAK PULSE POWER VERSUS EXPONENTIAL
PULSE DURATION
FIG.4-CLAMPING VOLTAGE VERSUS PEAK PULSE
CURRENT.
EXPONENTIAL WAVEFORM tp-200 s
tp-1ms
tp-10m
1
10
1000
10
100
1
10,000
FIG.5- CHARACTERASTICS VERSUS REVERSE APPLIED
VOLTAGE FOR UNIDIRECTIONAL TYPES
(TYPICAL VALUES)
1
500
100
10,000
FIG.3- PULSE WAVEFORM
0
0
1.0
2.0
3.0
4.0
100
150
50
t, TIME, ms
PULSE WIDTH (td) is DEFINED
as the POINT WHERE the PEAK
CURRENT DECAYS
to 50% of lPPM
td
tr=10 sec.
m
10/1000 sec. WAVEFORM
as DEFINED by R.E.A.
PEAK VALUE
lPPM
HALF VALUE- lPPM
2
T
=25 C
J
0
Initial
Tp (ms) EXPO.
100
10
1
0.1
0.01
0.001
Ppp(w)
1E4
1E5
1E3
1E2
1E1
40
60
100
80
%
120
40
60
80
TC)
J
0
Initial (
T =25 C
F=1MHz
j
0
V(V)
R
0
1,000
BZW06-5V8
BZW06-13
BZW06-58
BZW06-171
100
10
BZW06-5V8
BZW06-10
BZW06-13
BZW06-33
BZW06-58
BZW06-186
BZW06-376
0.1
100
V(V)
CL
I(A)
PP
0
100
50
tr
tp
tp<10 s
%IPP
T
=25 C
J
0
Initial
C (pF)


Similar Part No. - BZW06-5V8B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BZW06-5V8B STMICROELECTRONICS-BZW06-5V8B Datasheet
172Kb / 6P
   TRANSIL
logo
List of Unclassifed Man...
BZW06-5V8B ETC-BZW06-5V8B Datasheet
66Kb / 4P
   600 W Unidirectional and Bidirectional Transient Voltage Suppressor Diodes
logo
EIC discrete Semiconduc...
BZW06-5V8B EIC-BZW06-5V8B Datasheet
49Kb / 4P
   BIDIRECTIONAL TRANSIENT SUPPRESSOR
logo
Galaxy Semi-Conductor H...
BZW06-5V8B BILIN-BZW06-5V8B Datasheet
123Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Taychipst Elec...
BZW06-5V8B TAYCHIPST-BZW06-5V8B Datasheet
3Mb / 3P
   Voltage regulator dides
More results

Similar Description - BZW06-5V8B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZG04 PHILIPS-BZG04 Datasheet
31Kb / 7P
   Transient voltage suppressor diodes
1996 Sep 19
logo
Yangzhou yangjie electr...
SMAJ YANGJIE-SMAJ_11 Datasheet
199Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Diotec Semiconductor
P4SMAJ65 DIOTEC-P4SMAJ65_14 Datasheet
128Kb / 4P
   Transient Voltage Suppressor Diodes
logo
Yangzhou yangjie electr...
SA10 YANGJIE-SA10_17 Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
SMBJ10 YANGJIE-SMBJ10_17 Datasheet
213Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Infineon Technologies A...
ESD5V3S1B-02LS INFINEON-ESD5V3S1B-02LS Datasheet
1Mb / 17P
   Transient Voltage Suppressor Diodes
Revision 1.0, 2011-04-08
ESD3V3U4ULC INFINEON-ESD3V3U4ULC_13 Datasheet
1Mb / 18P
   Transient Voltage Suppressor Diodes
Rev. 1.6, 2013-02-20
ESD112-B1-02ELS INFINEON-ESD112-B1-02ELS Datasheet
971Kb / 15P
   Transient Voltage Suppressor Diodes
Rev. 1.3, 2013-11-27
logo
First Silicon Co., Ltd
P4KE6.8 FS-P4KE6.8 Datasheet
336Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Dongguan City Niuhang E...
SMF5.0A NIUHANG-SMF5.0A Datasheet
471Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
Diotec Semiconductor
P6KE68 DIOTEC-P6KE68_14 Datasheet
114Kb / 4P
   Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com