Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1182N231D Datasheet(PDF) 7 Page - RICOH electronics devices division

Part # R1182N231D
Description  Low Voltage 150mA LDO REGULATOR
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1182N231D Datasheet(HTML) 7 Page - RICOH electronics devices division

Back Button R1182N231D Datasheet HTML 3Page - RICOH electronics devices division R1182N231D Datasheet HTML 4Page - RICOH electronics devices division R1182N231D Datasheet HTML 5Page - RICOH electronics devices division R1182N231D Datasheet HTML 6Page - RICOH electronics devices division R1182N231D Datasheet HTML 7Page - RICOH electronics devices division R1182N231D Datasheet HTML 8Page - RICOH electronics devices division R1182N231D Datasheet HTML 9Page - RICOH electronics devices division R1182N231D Datasheet HTML 10Page - RICOH electronics devices division R1182N231D Datasheet HTML 11Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
R1182x
TYPICAL CHARACTERISTICS
1) Output Voltage vs. Output Current (Topt
=25°C)
R1182x121x
R1182x281x
VDD=1.5V
VDD=1.8V
VDD=2.2V
VDD=2.7V
VDD=3.2V
0.0
1.4
0.6
0.4
1.2
1.0
0.8
0.2
0
50 100 150 200 250 300 350 400
Output Current IOUT(mA)
VDD=3.1V
VDD=3.5V
VDD=3.8V
VDD=4.8V
0.0
3.0
1.5
1.0
2.0
2.5
0.5
0
50 100 150 200 250 300 350 400
Output Current IOUT(mA)
R1182x401x
VDD=4.3V
VDD=5.0V
VDD=6.0V
0.0
4.5
1.5
1.0
2.5
3.5
2.0
3.0
4.0
0.5
0
50 100 150 200 250 300 350 400
Output Current IOUT(mA)
2) Output Voltage vs. Input Voltage (Topt
=25°C)
R1182x121x
R1182x281x
IOUT=1mA
IOUT=30mA
IOUT=100mA
0.0
1.4
0.6
0.4
1.0
0.8
1.2
0.2
012
45
36
Input Voltage VIN(V)
IOUT=1mA
IOUT=30mA
IOUT=100mA
0.0
3.0
1.0
0.5
2.0
1.5
2.5
012
45
36
Input Voltage VIN(V)
7


Similar Part No. - R1182N231D

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1180 RICOH-R1180 Datasheet
303Kb / 19P
   150mA LDO REGULATOR
R1180D RICOH-R1180D Datasheet
81Kb / 1P
   dlSERIES MARK SPECIFICATION
R1180D121B RICOH-R1180D121B Datasheet
81Kb / 1P
   dlSERIES MARK SPECIFICATION
R1180D121B-TR-FE RICOH-R1180D121B-TR-FE Datasheet
303Kb / 19P
   150mA LDO REGULATOR
R1180D121C RICOH-R1180D121C Datasheet
81Kb / 1P
   dlSERIES MARK SPECIFICATION
More results

Similar Description - R1182N231D

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CLM5205 CALOGIC-CLM5205 Datasheet
46Kb / 3P
   150mA Low-Noise LDO Voltage Regulator
logo
Taiwan Semiconductor Co...
TS5204 TSC-TS5204_1 Datasheet
190Kb / 4P
   150mA Low Noise LDO Voltage Regulator
TS5204CQ33 TSC-TS5204CQ33 Datasheet
186Kb / 8P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204_11 Datasheet
177Kb / 8P
   150mA Low Noise LDO Voltage Regulator
logo
Exar Corporation
SPX5205 EXAR-SPX5205 Datasheet
4Mb / 8P
   150mA, LOW-NOISE LDO VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS5204 TSC-TS5204_06 Datasheet
141Kb / 4P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204_07 Datasheet
264Kb / 6P
   150mA Low Noise LDO Voltage Regulator
TS5204CQ50 TSC-TS5204CQ50 Datasheet
186Kb / 8P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204 Datasheet
141Kb / 4P
   150mA Low Noise LDO Voltage Regulator
logo
Sipex Corporation
SPX5205 SIPEX-SPX5205_04 Datasheet
184Kb / 8P
   150mA, Low-Noise LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com