Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5326K012A Datasheet(PDF) 9 Page - RICOH electronics devices division

Part # R5326K012A
Description  Automatic Mode Shift 2ch 150mA LDO
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5326K012A Datasheet(HTML) 9 Page - RICOH electronics devices division

Back Button R5326K012A Datasheet HTML 5Page - RICOH electronics devices division R5326K012A Datasheet HTML 6Page - RICOH electronics devices division R5326K012A Datasheet HTML 7Page - RICOH electronics devices division R5326K012A Datasheet HTML 8Page - RICOH electronics devices division R5326K012A Datasheet HTML 9Page - RICOH electronics devices division R5326K012A Datasheet HTML 10Page - RICOH electronics devices division R5326K012A Datasheet HTML 11Page - RICOH electronics devices division R5326K012A Datasheet HTML 12Page - RICOH electronics devices division R5326K012A Datasheet HTML 13Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
R5326x
9
2.8V(VR1/VR2)
4.0V(VR1/VR2)
IOUT=1mA
IOUT=10mA
IOUT=100mA
IOUT=150mA
024
135
Input Voltage VIN(V)
0
1.5
1.0
0.5
3.0
2.5
2.0
6
IOUT=1mA
IOUT=10mA
IOUT=100mA
IOUT=150mA
024
135
0
1.5
1.0
0.5
4.5
3.0
3.5
4.0
2.5
2.0
Input Voltage VIN(V)
6
3) Supply Current vs. Input Voltage
0.8V(VR1/VR2)
1.5V(VR1/VR2)
IOUT=0mA
IOUT=10mA
024
135
0
60
30
40
50
20
10
Input Voltage VIN(V)
6
IOUT=0mA
IOUT=10mA
Input Voltage VIN(V)
024
135
0
60
30
40
50
20
10
6
2.8V(VR1/VR2)
4.0V(VR1/VR2)
IOUT=0mA
IOUT=10mA
Input Voltage VIN(V)
024
135
0
60
30
40
50
20
10
6
IOUT=0mA
IOUT=10mA
024
135
Input Voltage VIN(V)
0
60
30
40
50
20
10
6


Similar Part No. - R5326K012A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5326K015-TR RICOH-R5326K015-TR Datasheet
988Kb / 27P
   Supply Current (Low Power Mode) Typ. 5.5關A횞2 (VR1&VR2) (IOUT=0mA)
More results

Similar Description - R5326K012A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5326X RICOH-R5326X Datasheet
703Kb / 25P
   Automatic Mode Shift Dual 150mA LDO
logo
E-Tech Electronics LTD
LR3XXYYB ETL-LR3XXYYB Datasheet
307Kb / 8P
   150mA 2CH LDO REGULATOR
logo
Unisonic Technologies
LR3XXYYB UTC-LR3XXYYB_15 Datasheet
307Kb / 8P
   150mA 2CH LDO REGULATOR
logo
RICOH electronics devic...
R5323X RICOH-R5323X Datasheet
603Kb / 31P
   150mA 2ch LDO REGULATOR
R5325X RICOH-R5325X Datasheet
632Kb / 25P
   150mA 2ch LDO REGULATOR
logo
Unisonic Technologies
LR3XXYYB UTC-LR3XXYYB Datasheet
212Kb / 7P
   150mA 2CH LDO REGULATOR
logo
RICOH electronics devic...
R5328K RICOH-R5328K Datasheet
1Mb / 37P
   Low Voltage 3-Mode 2ch 150mA LDO
R5323N RICOH-R5323N Datasheet
568Kb / 19P
   SOT23-6 150mA 2ch LDO REGULATORS?
logo
Nisshinbo Micro Devices...
R1510S NISSHINBO-R1510S Datasheet
775Kb / 41P
   Automatic Mode Shift 36 V 300 mA LDO
logo
RICOH electronics devic...
R1162N151B RICOH-R1162N151B Datasheet
843Kb / 31P
   3-MODE 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com