Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA58 Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # SA58
Description  Transient Voltage Suppressor Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SA58 Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  SA58 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SA58 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SA58 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SA58 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SA58 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
- 636 -
TVS APPLICATION NOTES:
Transient Voltage Suppressors may be used at various points in a circuit to provide various degrees of
protection. The following is a typical linear power supply with transient voltage suppressor units placed at
different points. All provide protection of the load.
FIGURE 1
Transient Voltage Suppressors 1 provides maximum protection. However, the system will probably require
replacement of the line fuse(F) since it provides a dominant portion of the series impedance when a surge is
encountered.
However, we do not recommend to use the TVS diode here, unless we can know the electric circuit
impedance and the magnitude of surge rushed into the circuit. Otherwise the TVS diode is easy to be
destroyed by voltage surge.
Transient Voltage Suppressor 2 provides execllent protection of circuitry excluding the transformer(T).
However, since the transformer is a large part of the series impedance, the chance of the line fuse opening
during the surge condition is reduced.
Transient Voltage Suppressor 3 provides the load with complete protection. It uses a unidirectional
Transient Voltage Suppressor, which is a cost advantage. The series impedance now includes the line fuse,
transformer, and bridge rectifier(B) so failure of the line fuse is further reduced. If only Transient Voltage
Suppressor 3 is in use, then the bridge rectifier is unprotected and would require a higher voltage and current
rating to prevent failure by transients.
Any combination of these three, or any one of these applications, will prevent damage to the load. This would
require varying trade-offs in power supply protection versus maintenance(changing the time fuse).
An additional method is to utilize the Transient Voltage Suppressor units as a controlled avalanche bridge.
This reduces the parts count and incorporates the protection within the bridge rectifier.
FIGURE 2


Similar Part No. - SA58

ManufacturerPart #DatasheetDescription
logo
RFE international
SA58 RFE-SA58 Datasheet
3Mb / 7P
   FEATURES Voltage Suppressor Diodes
09-08-2022
logo
Pan Jit International I...
SA58 PANJIT-SA58 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Galaxy Semi-Conductor H...
SA58 BILIN-SA58 Datasheet
86Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
SA58 TSC-SA58 Datasheet
320Kb / 7P
   500 Watts Transient Voltage Suppressor
logo
UN Semiconducctor INC
SA58 UNSEMI-SA58 Datasheet
3Mb / 7P
   5.0 To 190V 500W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
More results

Similar Description - SA58

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZG04 PHILIPS-BZG04 Datasheet
31Kb / 7P
   Transient voltage suppressor diodes
1996 Sep 19
logo
Yangzhou yangjie electr...
SMAJ YANGJIE-SMAJ_11 Datasheet
199Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Diotec Semiconductor
P4SMAJ65 DIOTEC-P4SMAJ65_14 Datasheet
128Kb / 4P
   Transient Voltage Suppressor Diodes
logo
Yangzhou yangjie electr...
SA10 YANGJIE-SA10_17 Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
SMBJ10 YANGJIE-SMBJ10_17 Datasheet
213Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Infineon Technologies A...
ESD5V3S1B-02LS INFINEON-ESD5V3S1B-02LS Datasheet
1Mb / 17P
   Transient Voltage Suppressor Diodes
Revision 1.0, 2011-04-08
ESD3V3U4ULC INFINEON-ESD3V3U4ULC_13 Datasheet
1Mb / 18P
   Transient Voltage Suppressor Diodes
Rev. 1.6, 2013-02-20
ESD112-B1-02ELS INFINEON-ESD112-B1-02ELS Datasheet
971Kb / 15P
   Transient Voltage Suppressor Diodes
Rev. 1.3, 2013-11-27
logo
First Silicon Co., Ltd
P4KE6.8 FS-P4KE6.8 Datasheet
336Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Dongguan City Niuhang E...
SMF5.0A NIUHANG-SMF5.0A Datasheet
471Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
Diotec Semiconductor
P6KE68 DIOTEC-P6KE68_14 Datasheet
114Kb / 4P
   Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com