Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1162D331D Datasheet(PDF) 11 Page - RICOH electronics devices division

Part # R1162D331D
Description  3-MODE 150mA LDO REGULATOR
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1162D331D Datasheet(HTML) 11 Page - RICOH electronics devices division

Back Button R1162D331D Datasheet HTML 7Page - RICOH electronics devices division R1162D331D Datasheet HTML 8Page - RICOH electronics devices division R1162D331D Datasheet HTML 9Page - RICOH electronics devices division R1162D331D Datasheet HTML 10Page - RICOH electronics devices division R1162D331D Datasheet HTML 11Page - RICOH electronics devices division R1162D331D Datasheet HTML 12Page - RICOH electronics devices division R1162D331D Datasheet HTML 13Page - RICOH electronics devices division R1162D331D Datasheet HTML 14Page - RICOH electronics devices division R1162D331D Datasheet HTML 15Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
R1162x
11
6) Dropout Voltage vs. Output Current
R1162x15x (ECO
=H)
R1162x15x (ECO
=L)
0
50
125
25
100
75
150
Output Current IOUT(mA)
0.0
0.1
0.2
0.3
0.4
0.5
85
°C
25
°C
-40
°C
0
50
125
25
100
75
150
Output Current IOUT(mA)
0.0
0.1
0.2
0.3
0.4
0.5
85
°C
25
°C
-40
°C
R1162x16x (ECO
=H)
R1162x16x (ECO
=L)
0
50
125
25
100
75
150
Output Current IOUT(mA)
0.0
0.1
0.2
0.3
0.4
0.5
85
°C
25
°C
-40
°C
0
50
125
25
100
75
150
Output Current IOUT(mA)
0.0
0.1
0.2
0.3
0.4
0.5
85
°C
25
°C
-40
°C
R1162x17x (ECO
=H)
R1162x17x (ECO
=L)
0
50
125
25
100
75
150
Output Current IOUT(mA)
0.0
0.1
0.2
0.3
0.4
0.5
85
°C
25
°C
-40
°C
0
50
125
25
100
75
150
Output Current IOUT(mA)
0.0
0.1
0.2
0.3
0.4
0.5
85
°C
25
°C
-40
°C


Similar Part No. - R1162D331D

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1162N151D RICOH-R1162N151D Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
R1162N161D RICOH-R1162N161D Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
R1162N171D RICOH-R1162N171D Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
R1162N181D RICOH-R1162N181D Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
R1162N191D RICOH-R1162N191D Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
More results

Similar Description - R1162D331D

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1183Z RICOH-R1183Z Datasheet
407Kb / 26P
   150mA LDO REGULATOR
logo
Unisonic Technologies
LR9280XG-XX-AE5-R UTC-LR9280XG-XX-AE5-R Datasheet
218Kb / 6P
   150mA LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1180X NISSHINBO-R1180X Datasheet
549Kb / 28P
   150mA LDO REGULATOR
logo
RICOH electronics devic...
R1180N121B RICOH-R1180N121B Datasheet
725Kb / 24P
   150mA LDO REGULATOR
R1180 RICOH-R1180 Datasheet
303Kb / 19P
   150mA LDO REGULATOR
logo
Unisonic Technologies
LR9280 UTC-LR9280 Datasheet
240Kb / 6P
   150mA LDO REGULATOR
logo
RICOH electronics devic...
R1163 RICOH-R1163 Datasheet
718Kb / 30P
   3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
R1163N151B RICOH-R1163N151B Datasheet
1Mb / 36P
   3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
logo
Nisshinbo Micro Devices...
R1163X NISSHINBO-R1163X Datasheet
796Kb / 30P
   3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217 Datasheet
266Kb / 10P
   150mA CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com