Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1162D351D Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # R1162D351D
Description  3-MODE 150mA LDO REGULATOR
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1162D351D Datasheet(HTML) 5 Page - RICOH electronics devices division

  R1162D351D Datasheet HTML 1Page - RICOH electronics devices division R1162D351D Datasheet HTML 2Page - RICOH electronics devices division R1162D351D Datasheet HTML 3Page - RICOH electronics devices division R1162D351D Datasheet HTML 4Page - RICOH electronics devices division R1162D351D Datasheet HTML 5Page - RICOH electronics devices division R1162D351D Datasheet HTML 6Page - RICOH electronics devices division R1162D351D Datasheet HTML 7Page - RICOH electronics devices division R1162D351D Datasheet HTML 8Page - RICOH electronics devices division R1162D351D Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
R1162x
5
ELECTRICAL CHARACTERISTICS by OUTPUT VOLTAGE
Topt
= 25°C
Dropout Voltage (mV)
VDIF(ECO
=H)
VDIF(ECO
=L)
Output Voltage
VOUT (V)
Condition
Typ.
Max.
Typ.
Max.
1.5 <
= VOUT <
= 1.6
400
680
420
680
1.6 <
= VOUT <
= 1.7
380
550
390
550
1.7 <
= VOUT <
= 1.8
350
520
370
520
1.8 <
= VOUT <
= 2.0
340
490
350
490
2.0 <
= VOUT <
= 2.8
290
425
300
430
2.8 <
= VOUT <
= 4.0
IOUT
= 150mA
250
350
250
350
TYPICAL APPLICATION
C1
C2
VDD
OUT
CE・CE
GND
R1162x
SERIES
ECO
IN
OUT
(External Components)
C2 Ceramic 0.47
µF Ex. Murata GRM40B474K
Kyocera CM105B474K
C1 Ceramic 1.0
µF


Similar Part No. - R1162D351D

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1162N151D RICOH-R1162N151D Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
R1162N161D RICOH-R1162N161D Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
R1162N171D RICOH-R1162N171D Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
R1162N181D RICOH-R1162N181D Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
R1162N191D RICOH-R1162N191D Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
More results

Similar Description - R1162D351D

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1183Z RICOH-R1183Z Datasheet
407Kb / 26P
   150mA LDO REGULATOR
logo
Unisonic Technologies
LR9280XG-XX-AE5-R UTC-LR9280XG-XX-AE5-R Datasheet
218Kb / 6P
   150mA LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1180X NISSHINBO-R1180X Datasheet
549Kb / 28P
   150mA LDO REGULATOR
logo
RICOH electronics devic...
R1180N121B RICOH-R1180N121B Datasheet
725Kb / 24P
   150mA LDO REGULATOR
R1180 RICOH-R1180 Datasheet
303Kb / 19P
   150mA LDO REGULATOR
logo
Unisonic Technologies
LR9280 UTC-LR9280 Datasheet
240Kb / 6P
   150mA LDO REGULATOR
logo
RICOH electronics devic...
R1163 RICOH-R1163 Datasheet
718Kb / 30P
   3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
R1163N151B RICOH-R1163N151B Datasheet
1Mb / 36P
   3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
logo
Nisshinbo Micro Devices...
R1163X NISSHINBO-R1163X Datasheet
796Kb / 30P
   3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217 Datasheet
266Kb / 10P
   150mA CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com