Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP3070H3SL Datasheet(PDF) 2 Page - Power Innovations Ltd

Part # TISP3070H3SL
Description  DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TISP3070H3SL Datasheet(HTML) 2 Page - Power Innovations Ltd

  TISP3070H3SL Datasheet HTML 1Page - Power Innovations Ltd TISP3070H3SL Datasheet HTML 2Page - Power Innovations Ltd TISP3070H3SL Datasheet HTML 3Page - Power Innovations Ltd TISP3070H3SL Datasheet HTML 4Page - Power Innovations Ltd TISP3070H3SL Datasheet HTML 5Page - Power Innovations Ltd TISP3070H3SL Datasheet HTML 6Page - Power Innovations Ltd TISP3070H3SL Datasheet HTML 7Page - Power Innovations Ltd TISP3070H3SL Datasheet HTML 8Page - Power Innovations Ltd TISP3070H3SL Datasheet HTML 9Page - Power Innovations Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TISP3070H3SL THRU TISP3095H3SL, TISP3125H3SL THRU TISP3210H3SL
TISP3250H3SL THRU TISP3350H3SL
DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
2
JANUARY 1999 - REVISED MAY 1999
P R OD U C T
INF O RMA T ION
absolute maximum ratings, TA = 25°C (unless otherwise noted)
RATING
SYMBOL
VALUE
UNIT
Repetitive peak off-state voltage, (see Note 1)
‘3070
‘3080
‘3095
‘3125
‘3135
‘3145
‘3180
‘3210
‘3250
‘3290
‘3350
VDRM
± 58
± 65
± 75
±100
±110
±120
±145
±160
±190
±220
±275
V
Non-repetitive peak on-state pulse current (see Notes 2, 3 and 4)
ITSP
A
2/10 µs (GR-1089-CORE, 2/10 µs voltage wave shape)
500
8/20 µs (IEC 61000-4-5, 1.2/50 µs voltage, 8/20 current combination wave generator)
300
10/160 µs (FCC Part 68, 10/160 µs voltage wave shape)
250
5/200 µs (VDE 0433, 10/700 µs voltage wave shape)
220
0.2/310 µs (I3124, 0.5/700 µs voltage wave shape)
200
5/310 µs (ITU-T K20/21, 10/700 µs voltage wave shape)
200
5/310 µs (FTZ R12, 10/700 µs voltage wave shape)
200
5/320 µs (FCC Part 68, 9/720 µs voltage wave shape)
200
10/560 µs (FCC Part 68, 10/560 µs voltage wave shape)
160
10/1000 µs (GR-1089-CORE, 10/1000 µs voltage wave shape)
100
Non-repetitive peak on-state current (see Notes 2, 3 and 5)
ITSM
55
60
1
A
20 ms (50 Hz) full sine wave
16.7 ms (60 Hz) full sine wave
1000 s 50 Hz/60 Hz a.c.
Initial rate of rise of on-state current,
Exponential current ramp, Maximum ramp value < 200 A
diT/dt
400
A/µs
Junction temperature
TJ
-40 to +150
°C
Storage temperature range
Tstg
-65 to +150
°C
NOTES: 1. See Figure 9 for voltage values at lower temperatures.
2. Initially the TISP3xxxH3SL must be in thermal equilibrium.
3. These non-repetitive rated currents are peak values of either polarirty. The rated current values may be applied to the R or T
terminals. Additionally, both R and T terminals may have their rated current values applied simultaneously (in this case the G
terminal return current will be the sum of the currents applied to the R and T terminals). The surge may be repeated after the
TISP3xxxH3SL returns to its initial conditions.
4. See Figure 10 for impulse current ratings at other temperatures. Above 85 °C, derate linearly to zero at 150 °C lead temperature.
5. EIA/JESD51-2 environment and EIA/JESD51-3 PCB with standard footprint dimensions connected with 5 A rated printed wiring
track widths. See Figure 8 for the current ratings at other durations. Figure 8 shows the R and T terminal current rating for
simulateous operation. In this condition, the G terminal current will be 2xITSM(t), the sum of the R and T terminal currents. Derate
current values at -0.61 %/°C for ambient temperatures above 25 °C.


Similar Part No. - TISP3070H3SL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP3070H3 BOURNS-TISP3070H3 Datasheet
562Kb / 12P
   DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP3070H3 BOURNS-TISP3070H3 Datasheet
353Kb / 12P
   Overvoltage Protector Series
More results

Similar Description - TISP3070H3SL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP3070H3 BOURNS-TISP3070H3 Datasheet
562Kb / 12P
   DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP3X00F3 BOURNS-TISP3X00F3 Datasheet
299Kb / 10P
   DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP4070L3BJ POINN-TISP4070L3BJ Datasheet
223Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP4070M3BJ POINN-TISP4070M3BJ Datasheet
317Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP4XXXF3LM BOURNS-TISP4XXXF3LM Datasheet
384Kb / 11P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4290T3BJ BOURNS-TISP4290T3BJ_08 Datasheet
232Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3LM BOURNS-TISP4XXXM3LM Datasheet
449Kb / 16P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4500H3BJ BOURNS-TISP4500H3BJ Datasheet
201Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XX0T3BJ BOURNS-TISP4XX0T3BJ Datasheet
159Kb / 9P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXJ3BJ BOURNS-TISP4XXXJ3BJ Datasheet
187Kb / 8P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com