Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBL02 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # GBL02
Description  Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

GBL02 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  GBL02 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd GBL02 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES (GBL005 THRU
)
GBL10
FIG.1- DERATING CURVE FOR OUTPUT RECTIFIED
CURRENT
50
NUMBER OF CYCLES
FIG.3-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT PER LEG
FIG.5- TYPICAL FORWARD VOLTAGE
CHARACTERISTICS PER LEG
FIG.2- TYPICAL REVERSE CHARACTERISTICS
150
100
0
1
100
10
1
10
0.1
0.01
10
1
0.4
0.6
0.8
1.0
1.2
1.4
020
40
60
80
100
INSTANTANEOUS FORWARD VOLTAGE. (V)
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
Tj=25 C
0
Tj=125 C
0
Tj=40 C
Single Half Sine-Wave
(JEDEC Method)
O
1 Cycle
AMBIENT TEMPERATURE. ( C)
O
50
100
0.1
0.01
1.0
0
2.0
3.0
4.0
5.0
0
FIG.4- TYPICAL JUNCTION CAPACTITANCE
PER LEG
REVERSE VOLTAGE. (V)
0.1
1
10
100
Tj=25 C
f=1MHz
Vsig = 50mVp-p
10
100
1000
50
400V
600
1000V
Tj=25 C
Pulse Width=300 s
1% Duty Cycle
m
500
50
400V
600
1000V
100
150
P.C.B. Mounting
0.47 x 0.47" (12 x 12mm)
Copper pads with 0.375"
(9.5mm) lead length
Heat-Sink Mounting
2.0 x 3.0 x 0.25"
Aluminum Substrate
60 Hz Resistive or Inductive Load
100
1.6
Version: A06


Similar Part No. - GBL02

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
GBL02 WTE-GBL02 Datasheet
40Kb / 3P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Silicon Standard Corp.
GBL02 SSC-GBL02 Datasheet
305Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
Diode Semiconductor Kor...
GBL02 DSK-GBL02 Datasheet
107Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
General Semiconductor
GBL02 GE-GBL02 Datasheet
90Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Gulf Semiconductor
GBL02 GULFSEMI-GBL02 Datasheet
180Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current:4.0A
More results

Similar Description - GBL02

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
KBL401G TSC-KBL401G Datasheet
68Kb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
KBU401G TSC-KBU401G_1 Datasheet
170Kb / 2P
   Single Phase 4.0 AMPS Glass Passivated Bridge Rectifiers
TS4B01G TSC-TS4B01G Datasheet
227Kb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
GBLA005 TSC-GBLA005 Datasheet
52Kb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Kingtronics Internation...
D4UB05 KINGTRONICS-D4UB05_15 Datasheet
470Kb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
KBU401G TSC-KBU401G Datasheet
54Kb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
KBL401G TSC-KBL401G_1 Datasheet
263Kb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
GBU401 TSC-GBU401_1 Datasheet
220Kb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Bytesonic Electronics C...
GBL401G BYTESONIC-GBL401G Datasheet
446Kb / 2P
   SINGLE PHASE 4.0 AMPS GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
UR4KB005 TSC-UR4KB005 Datasheet
1Mb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com