Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBL06 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # GBL06
Description  Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

GBL06 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  GBL06 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd GBL06 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
Version: A06
GBL005 - GBL10
Single Phase 4.0 AMPS.
Glass Passivated Bridge Rectifiers
GBL
12
3
4
12
34
C2.5
.799(20.3)
.776(19.7)
.146(3.70)
.130(3.30)
.445(11.3)
.421(10.7)
.551(14.0)
.512(13.0)
205(5.20)
189(4.80)
.205(5.20)
.189(4.80)
.205(5.20)
.189(4.80)
.106(2.70)
.091(2.30)
.024(0.60)
.016(0.40)
.047(1.20)
.031(0.80)
.106(2.70)
.091(2.30)
.043(1.10)
.035(0.90)
.067(1.70)
.051(1.30)
Features
UL Recognized File # E-96005
Glass passivated chip junction
Ideal for printed circuit board
High case dielectric strength
Plastic material has Underwriters Laboratory
Flammability Classification 94V-0
Typical IR less than 0.1µA
High surge current capability
High temperature soldering guaranteed:
260
oC / 10 seconds / .375”, (9.5mm) lead
lengths.
Mechanical Data
Case: Molded plastic body.
Terminals: Pure tin plated, Lead free. leads
solderable per MIL-STD-750, Method 2026.
Weight: 0. 071 ounce, 2.0 grams
Mounting position: Any
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol GBL
005
GBL
01
GBL
02
GBL
04
GBL
06
GBL
08
GBL
10
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
Current
@TC = 50
oC (Note 1)
@TA = 40
oC (Note 2)
I(AV)
4.0
3.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method ) TJ=150
oC
IFSM
150
A
Rating for fusing (t<8.3ms)
I
2
t
93
A2sec
Maximum Instantaneous Forward Voltage
@ 2.0A
@ 4.0A
VF
1.0
1.1
V
Maximum DC Reverse Current @ TA=25
oC
at Rated DC Blocking Voltage @ TA=125
oC
IR
5.0
500
uA
uA
Typical Junction Capacitance Per Leg at
4.0V, 1MHz
Cj
95
40
pF
Typical Thermal Resistance Per Leg (Note 1)
(Note 2)
RθJA
RθJL
22
3.5
oC/W
Operating Temperature Range
TJ
-55 to +150
oC
Storage Temperature Range
TSTG
-55 to + 150
oC
Notes
1. Unit Mounted on 2” x 3” x 0.25” Al. plate.
2. Units Mounted on P.C.B. 0.5 x 0.5 “ (12x12mm) Copper Pads, 0.375”(9.5mm) Lead Length


Similar Part No. - GBL06

ManufacturerPart #DatasheetDescription
logo
SAMYANG ELECTRONICS CO....
GBL06 SAMYANG-GBL06 Datasheet
871Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Won-Top Electronics
GBL06 WTE-GBL06 Datasheet
40Kb / 3P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Silicon Standard Corp.
GBL06 SSC-GBL06 Datasheet
305Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
Taiwan Semiconductor Co...
GBL06 TSC-GBL06 Datasheet
211Kb / 4P
   4A, 50V - 1000V Glass Passivated Single Phase Bridge Rectifiers
logo
General Semiconductor
GBL06 GE-GBL06 Datasheet
90Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - GBL06

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
KBL401G TSC-KBL401G Datasheet
68Kb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
KBU401G TSC-KBU401G_1 Datasheet
170Kb / 2P
   Single Phase 4.0 AMPS Glass Passivated Bridge Rectifiers
TS4B01G TSC-TS4B01G Datasheet
227Kb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
GBLA005 TSC-GBLA005 Datasheet
52Kb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Kingtronics Internation...
D4UB05 KINGTRONICS-D4UB05_15 Datasheet
470Kb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
KBU401G TSC-KBU401G Datasheet
54Kb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
KBL401G TSC-KBL401G_1 Datasheet
263Kb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
GBU401 TSC-GBU401_1 Datasheet
220Kb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Bytesonic Electronics C...
GBL401G BYTESONIC-GBL401G Datasheet
446Kb / 2P
   SINGLE PHASE 4.0 AMPS GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
UR4KB005 TSC-UR4KB005 Datasheet
1Mb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com